Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL4342ILZA Datasheet(PDF) 1 Page - Intersil Corporation

Part # EL4342ILZA
Description  500MHz Triple, Multiplexing Amplifiers
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL4342ILZA Datasheet(HTML) 1 Page - Intersil Corporation

  EL4342ILZA Datasheet HTML 1Page - Intersil Corporation EL4342ILZA Datasheet HTML 2Page - Intersil Corporation EL4342ILZA Datasheet HTML 3Page - Intersil Corporation EL4342ILZA Datasheet HTML 4Page - Intersil Corporation EL4342ILZA Datasheet HTML 5Page - Intersil Corporation EL4342ILZA Datasheet HTML 6Page - Intersil Corporation EL4342ILZA Datasheet HTML 7Page - Intersil Corporation EL4342ILZA Datasheet HTML 8Page - Intersil Corporation EL4342ILZA Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1
®
FN7421.3
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2005, 2006, 2010. All Rights Reserved.
All other trademarks mentioned are the property of their respective owners.
EL4340, EL4342
500MHz Triple, Multiplexing Amplifiers
The EL4340, EL4342 are fixed unity gain mux amps
featuring high slew rates and excellent bandwidth for video
switching. These devices feature a high impedance output
state (HIZ) that enables the outputs of multiple devices to be
wired together. A power-down mode (ENABLE) is included
to turn off un-needed circuitry in power sensitive
applications. The ENABLE pin, when pulled high, sets the
EL4340, EL4342 into standby power mode - consuming just
18mW. An added feature in the EL4340 is a latch enable
function (LE) that allows independent logic control using a
common logic bus.
Related Literature
• AN1182, EL4340EVAL1 Evaluation Board User's Guide
• AN1193, ISL59445/EL4342E1 Evaluation Board User's
Guide
Features
• Triple 2:1 and 4:1 multiplexers for RGB
• Internally set gain-of-1
• High speed three-state outputs (HIZ)
• Power-down mode (ENABLE)
• Latch enable (EL4340)
• ±5V operation
• ±870 V/µs slew rate
• 500MHz bandwidth
• Typical supply currents 10mA/ch (EL4340) and 15.3mA/ch
(EL4342)
• Pb-free (RoHS compliant)
Applications
• HDTV/DTV analog inputs
• Video projectors
• Computer monitors
• Set-top boxes
• Security video
• Broadcast video equipment
Ordering Information
PART
NUMBER
(Notes 1, 2, 3)
PART
MARKING
PACKAGE
(Pb-Free)
PKG.
DWG. #
EL4340IUZ
EL4340IUZ 24 Ld QSOP
MDP0040
EL4342ILZA
4342ILZ
32 Ld 5x6 QFN
L32.5x6A
EL4340IUZ-EVAL
Evaluation Board
EL4342ILZA-EVAL
Evaluation Board
NOTES:
1. Add “-T13” or “-T7” suffix for tape and reel. Please refer to TB347
for details on reel specifications.
2. These Intersil Pb-free plastic packaged products employ special
Pb-free material sets, molding compounds/die attach materials,
and 100% matte tin plate plus anneal (e3 termination finish,
which is RoHS compliant and compatible with both SnPb and
Pb-free soldering operations). Intersil Pb-free products are MSL
classified at Pb-free peak reflow temperatures that meet or
exceed the Pb-free requirements of IPC/JEDEC J STD-020.
3. For Moisture Sensitivity Level (MSL), please see device
information page for EL4340, EL4342. For more information on
MSL please see techbrief TB363.
TABLE 1. CHANNEL SELECT LOGIC TABLE EL4340
S0
ENABLE
HIZ
LE
OUTPUT
0
000
INO (A, B, C)
1
0
0
0
IN1 (A, B, C)
X
1
X
X
Power-down
X0
1
X
High Z
X
0
0
1
Last S0 State
Preserved
TABLE 2. CHANNEL SELECT LOGIC TABLE EL4342
S1
S0
ENABLE
HIZ
OUTPUT
0
0
0
0
IN0 (A, B, C)
0
1
0
0
IN1 (A, B, C)
1
0
0
0
IN2 (A, B, C)
1
1
0
0
IN3 (A, B, C)
X
X
1
X
Power-down
XX
0
1
High Z
Data Sheet
October 18, 2010


Similar Part No. - EL4342ILZA

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL4342ILZA INTERSIL-EL4342ILZA Datasheet
882Kb / 13P
   500MHz Triple, Multiplexing Amplifiers
EL4342ILZA INTERSIL-EL4342ILZA Datasheet
883Kb / 13P
   500MHz Triple, Multiplexing Amplifiers
EL4342ILZA INTERSIL-EL4342ILZA Datasheet
815Kb / 13P
   500MHz Triple, Multiplexing Amplifiers
logo
Renesas Technology Corp
EL4342ILZA RENESAS-EL4342ILZA Datasheet
998Kb / 14P
   500MHz Triple Multiplexing Amplifiers
logo
Intersil Corporation
EL4342ILZA-EVAL INTERSIL-EL4342ILZA-EVAL Datasheet
815Kb / 13P
   500MHz Triple, Multiplexing Amplifiers
More results

Similar Description - EL4342ILZA

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL4340 RENESAS-EL4340 Datasheet
998Kb / 14P
   500MHz Triple Multiplexing Amplifiers
logo
Intersil Corporation
EL4340 INTERSIL-EL4340_10 Datasheet
815Kb / 13P
   500MHz Triple, Multiplexing Amplifiers
EL4342 INTERSIL-EL4342 Datasheet
882Kb / 13P
   500MHz Triple, Multiplexing Amplifiers
EL4340 INTERSIL-EL4340_06 Datasheet
883Kb / 13P
   500MHz Triple, Multiplexing Amplifiers
ISL59481 INTERSIL-ISL59481 Datasheet
515Kb / 12P
   Dual, 500MHz Triple, Multiplexing Amplifiers
logo
Renesas Technology Corp
ISL59483 RENESAS-ISL59483 Datasheet
1Mb / 17P
   Dual, 500MHz Triple, Multiplexing Amplifiers
logo
Intersil Corporation
ISL59482 INTERSIL-ISL59482 Datasheet
680Kb / 14P
   Dual, 500MHz Triple, Multiplexing Amplifiers
logo
Renesas Technology Corp
ISL59481 RENESAS-ISL59481 Datasheet
932Kb / 12P
   Dual, 500MHz Triple, Multiplexing Amplifiers
ISL59482 RENESAS-ISL59482 Datasheet
1Mb / 15P
   Dual, 500MHz Triple, Multiplexing Amplifiers
logo
Intersil Corporation
ISL59483 INTERSIL-ISL59483_07 Datasheet
1Mb / 17P
   Dual, 500MHz Triple, Multiplexing Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com