Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D2-71683-LR Datasheet(PDF) 6 Page - Intersil Corporation

Part # D2-71683-LR
Description  Intelligent Digital Amplifier and Sound Processor
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

D2-71683-LR Datasheet(HTML) 6 Page - Intersil Corporation

Back Button D2-71683-LR Datasheet HTML 2Page - Intersil Corporation D2-71683-LR Datasheet HTML 3Page - Intersil Corporation D2-71683-LR Datasheet HTML 4Page - Intersil Corporation D2-71683-LR Datasheet HTML 5Page - Intersil Corporation D2-71683-LR Datasheet HTML 6Page - Intersil Corporation D2-71683-LR Datasheet HTML 7Page - Intersil Corporation D2-71683-LR Datasheet HTML 8Page - Intersil Corporation D2-71683-LR Datasheet HTML 9Page - Intersil Corporation D2-71683-LR Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 33 page
background image
D2-7xx83
6
FN7838.2
September 29, 2011
Absolute Maximum Ratings (Note 6)
Thermal Information
Supply Voltage
RVDD, PWMVDD, ADCVDD . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to 4.0V
CVDD, PLLVDD . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to 2.4V
Input Voltage
Any Input but XTALI . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to RVDD +0.3V
XTALI . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to PLLVDD +0.3V
Input Current, Any Pin but Supplies . . . . . . . . . . . . . . . . . . . . . . . . . . ±10mA
Thermal Resistance (Typical)
θJA (°C/W) θJC (°C/W)
128 Ld LQFP Package (Notes 4, 5) . . . . . .
40
6.5
Maximum Storage Temperature. . . . . . . . . . . . . . . . . . . . -55°C to +150°C
Pb-Free Reflow Profile . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
Recommended Operating Conditions
Temperature Range . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -10°C to +85°C
Digital I/O Supply Voltage, PWMVDD . . . . . . . . . . . . . . . . . . . . . . . . . . .3.3V
Core Supply Voltage, CVDD . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .1.8V
Analog Supply Voltage, PLLVDD . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .1.8V
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product
reliability and result in failures not covered by warranty.
NOTES:
4.
θJA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
5. For
θJC, the “case temp” location is taken at the package top center.
6. Absolute Maximum parameters are not tested in production.
Electrical Specifications TA = +25°C, CVDD = PLLVDD = 1.8V ±5%, RVDD = PWMVDD = 3.3V ±10%. All grounds at 0.0V. All
voltages referenced to ground. PLL at 294.912MHz, OSC at 24.576MHz, core running at 147.456MHz with typical audio data traffic. Minimum
supply currents are measured in full power down configuration.
SYMBOL
PARAMETER
TEST
CONDITIONS
MIN
(Note 10)
TYP
MAX
(Note 10)
UNIT
VIH
Digital Input High Logic Level (Note 7)
RVDD = 3.3V
(Scales with
RVDD)
2.0
-
-
V
VIL
Digital Input Low Logic Level (Note 7)
RVDD = 3.3V
(Scales with
RVDD)
--
0.8
V
VOH
High Level Output Drive Voltage
(IOUT at - Pin Drive Strength Current, see “Pin Descriptions” on
page 12)
RVDD - 0.4
-
-
V
VOL
Low Level Output Drive Voltage
(IOUT at + Pin Drive Strength Current, see “Pin Descriptions” on
page 12)
--
0.4
V
VIHX
High Level Input Drive Voltage XTALI Pin
0.7
-
PLLVDD
V
VILX
Low Level Input Drive Voltage XTALI Pin
-
-
0.3
V
IIN
Input Leakage Current (Note 8)
-
-
±10
µA
CIN
Input Capacitance
-
9
-
pF
VOHO
High Level Output Drive Voltage OSCOUT Pin
PLLVDD - 0.3
-
-
V
VOLO
Low Level Output Drive Voltage OSCOUT Pin
-
-
0.3
V
COUT
Output Capacitance
-
9
-
pF
tRST
nRESET Pulse Width
-
10
-
ns
RVDD/
PWMVDD
Typical Digital and PWM I/O Pad Ring Supply
(Voltage)
3.0
3.3
3.6
V
(Current, Active)
-
15
-
mA
(Current, Power-down)
-
<1
-
mA
CVDD
Typical Core Supply
(Voltage)
1.7
1.8
1.9
V
(Current, Active)
-
450
-
mA
(Current, Power-down)
-
15
-
mA
PLLVDD
Typical PLL Analog Supply
(Voltage)
1.7
1.8
1.9
V
(Current, Active)
-
25
-
mA
(Current, Power-down)
-
10
-
mA


Similar Part No. - D2-71683-LR

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
D2-71683-LR INTERSIL-D2-71683-LR Datasheet
767Kb / 32P
   Powered Speaker Systems
More results

Similar Description - D2-71683-LR

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
D2-92683-QR INTERSIL-D2-92683-QR Datasheet
105Kb / 3P
   Intelligent Digital Amplifier and Sound Processor
logo
Renesas Technology Corp
D2-71083-LR RENESAS-D2-71083-LR Datasheet
1Mb / 33P
   Intelligent Digital Amplifier and Sound Processor
Mar. 19, 2019
D2-92633-LR RENESAS-D2-92633-LR Datasheet
1Mb / 40P
   Intelligent Digital Amplifier and Sound Processor
Oct 24, 2022
logo
Intersil Corporation
D2-92633-LR INTERSIL-D2-92633-LR Datasheet
888Kb / 38P
   Intelligent Digital Amplifier and Sound Processor
July 12, 2012
D2-41051-QR INTERSIL-D2-41051-QR Datasheet
84Kb / 2P
   Intelligent Digital Amplifier PWM Controller and Audio Processor
logo
Renesas Technology Corp
D2-45057 RENESAS-D2-45057 Datasheet
1Mb / 30P
   Intelligent Digital Amplifier PWM Controller and Audio Processor
logo
Intersil Corporation
D2-45057 INTERSIL-D2-45057_10 Datasheet
417Kb / 31P
   Intelligent Digital Amplifier PWM Controller and Audio Processor
D2-45057-QR INTERSIL-D2-45057-QR Datasheet
415Kb / 31P
   Intelligent Digital Amplifier PWM Controller and Audio Processor
July 29, 2010
logo
Renesas Technology Corp
D2-41051 RENESAS-D2-41051 Datasheet
800Kb / 21P
   Intelligent Digital Amplifier PWM Controller and Audio Processor
logo
List of Unclassifed Man...
DPL4519 ETC-DPL4519 Datasheet
1Mb / 64P
   Sound Processor for Digital and Analog Surround Systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com