Electronic Components Datasheet Search |
|
D2-45057-QR-T Datasheet(PDF) 2 Page - Intersil Corporation |
|
D2-45057-QR-T Datasheet(HTML) 2 Page - Intersil Corporation |
2 / 31 page D2-45057, D2-45157 2 FN6785.0 July 29, 2010 Ordering Information PART NUMBER (Notes 3, 4) PART MARKING AUDIO PROCESSING FEATURE SET SUPPORT (Note 1) TEMP. RANGE (°C) PACKAGE (Pb-Free) PKG. DWG. # D2-45057-QR D2-45057-QR D2Audio™ SoundSuite™ -10 to +85 68 Ld QFN L68.10x10C D2-45057-QR-T (Note 2) D2-45057-QR D2Audio™ SoundSuite™ -10 to +85 68 Ld QFN (1k pcs.) Tape and Reel L68.10x10C D2-45157-QR D2-45157-QR SRS WOW/HD™ -10 to +85 68 Ld QFN L68.10x10C D2-45157-QR-T (Note 2) D2-45157-QR SRS WOW/HD™ -10 to +85 68 Ld QFN (1k pcs.) Tape and Reel L68.10x10C NOTES: 1. The D2-45057, D2-45157 support audio processing algorithms for the D2Audio™ SoundSuite™, and SRS WOW/HD™ audio enhancement features. Algorithm support of these enhancements is device-dependent. Refer to specific part number for desired feature support. 2. Please refer to TB347 for details on reel specifications. 3. These Intersil Pb-free plastic packaged products employ special Pb-free material sets, molding compounds/die attach materials, and 100% matte tin plate plus anneal (e3 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations). Intersil Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020. 4. For Moisture Sensitivity Level (MSL), please see device information page for D2-45057, D2-45157. For more information on MSL please see techbrief TB363. |
Similar Part No. - D2-45057-QR-T |
|
Similar Description - D2-45057-QR-T |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |