Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX6386XS34D3-T Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX6386XS34D3-T
Description  SC70, Single/Dual Low-Voltage, Low-Power 關P Reset Circuits
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6386XS34D3-T Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX6386XS34D3-T Datasheet HTML 1Page - Maxim Integrated Products MAX6386XS34D3-T Datasheet HTML 2Page - Maxim Integrated Products MAX6386XS34D3-T Datasheet HTML 3Page - Maxim Integrated Products MAX6386XS34D3-T Datasheet HTML 4Page - Maxim Integrated Products MAX6386XS34D3-T Datasheet HTML 5Page - Maxim Integrated Products MAX6386XS34D3-T Datasheet HTML 6Page - Maxim Integrated Products MAX6386XS34D3-T Datasheet HTML 7Page - Maxim Integrated Products MAX6386XS34D3-T Datasheet HTML 8Page - Maxim Integrated Products MAX6386XS34D3-T Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
SC70, Single/Dual Low-Voltage,
Low-Power µP Reset Circuits
_______________________________________________________________________________________
5
Pin Description
PIN
MAX6381/
MAX6383
MAX6382
MAX6384/
MAX6386/
MAX6390
MAX6385
MAX6387/
MAX6389
MAX6388
NAME
FUNCTION
1
1
1
1
1
1
GND
Ground
2
2
2
RESET
Active-High Push-Pull Reset Output. RESET
changes from low to high when any
monitored voltage (VCC or VRESETIN) drops
below the reset threshold or MR is pulled low.
RESET remains high for the reset timeout
period after monitored voltages exceed the
reset thresholds or MR is released.
2
2
2
RESET
Active-Low Open-Drain/Push-Pull Reset
Output. RESET changes from high to low when
any monitored voltage (VCC or VRESETIN)
drops below the reset threshold or MR is
pulled low. RESET remains low for the reset
timeout period after the monitored voltages
exceed the reset thresholds or MR is released.
Open-drain requires an external pullup
resistor.
——
33
——
MR
Active-Low Manual Reset Input. Drive low to
force a reset. Reset remains active as long
as MR is low and for the reset timeout period
after MR is released. Leave unconnected or
connect to VCC if unused. MR has an internal
63k
Ω (1.35kΩ for MAX6390) pullup resistor to
VCC.
——
33
RESET
IN
Auxiliary Reset Input. High-impedance input
to the auxiliary reset comparator. Connect
RESET IN to the center point of an external
resistor voltage-divider network to set the
reset threshold voltage. Reset asserts when
either VCC or RESET IN falls below its
threshold voltage.
33
4
4
44
VCC
Supply Voltage for the device and input for
fixed VCC reset threshold monitor.


Similar Part No. - MAX6386XS34D3-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6386XS MAXIM-MAX6386XS Datasheet
231Kb / 13P
   SC70/關DFN, Single/Dual Low-Voltage, Low-Power 關P Reset Circuits
19-1839; Rev 4; 4/07
MAX6386XS__D_+T MAXIM-MAX6386XS__D_+T Datasheet
327Kb / 10P
   SC70/μDFN, Single/Dual Low-Voltage, Low-Power μP Reset Circuits
Rev 5; 7/12
More results

Similar Description - MAX6386XS34D3-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6381 MAXIM-MAX6381_07 Datasheet
231Kb / 13P
   SC70/關DFN, Single/Dual Low-Voltage, Low-Power 關P Reset Circuits
19-1839; Rev 4; 4/07
MAX6381_V5 MAXIM-MAX6381_V5 Datasheet
327Kb / 10P
   SC70/μDFN, Single/Dual Low-Voltage, Low-Power μP Reset Circuits
Rev 5; 7/12
MAX6832 MAXIM-MAX6832 Datasheet
197Kb / 11P
   Ultra-Low-Voltage SC70 Voltage Detectors and 關P Reset Circuits
Rev 1; 1/02
MAX6326 MAXIM-MAX6326 Datasheet
131Kb / 8P
   3-Pin, Ultra-Low-Power SC70/SOT 關P Reset Circuits
Rev 3; 1/00
MAX6412 MAXIM-MAX6412_10 Datasheet
146Kb / 12P
   Low-Power, Single/Dual-Voltage 關P Reset Circuits with Capacitor-Adjustable Reset Timeout Delay
Rev 3; 3/10
MAX6340 MAXIM-MAX6340_V01 Datasheet
1Mb / 10P
   Low-Power, SC70/SOT 關P Reset Circuits with Capacitor-Adjustable Reset Timeout Delay
2018
MAX6340 MAXIM-MAX6340 Datasheet
240Kb / 10P
   Low-Power, SC70/SOT 關P Reset Circuits with Capacitor-Adjustable Reset Timeout Delay
Rev 2; 10/02
MAX6340 MAXIM-MAX6340_05 Datasheet
254Kb / 10P
   Low-Power, SC70/SOT 關P Reset Circuits with Capacitor-Adjustable Reset Timeout Delay
Rev 4; 12/05
MAX6332 MAXIM-MAX6332 Datasheet
97Kb / 6P
   3-Pin, Ultra-Low-Voltage, Low-Power 關P Reset Circuits
Rev 0; 12/98
MAX6332 MAXIM-MAX6332_V01 Datasheet
894Kb / 7P
   3-Pin, Ultra-Low-Voltage, Low-Power 關P Reset Circuits
2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com