Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0638275100 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0638275100
Description  1.0 Receptacle Crimp Terminals ??CAV wire Doc
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

0638275100 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0638275100 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 10/13/2015
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0638275100
Status:
Active
Description:
1.0 Receptacle Crimp Terminals – CAV wire Doc
Documents:
RoHS Certificate of Compliance (PDF)
General
Product Family
Application Tooling
Series
T9999
Comments
See Tooling Specification (PDF) Above
Function
Crimp
Geographic Area
Global
Level of Automation
Manual
More Detailed Tech Information
applicationtooling@molex.com
Product Name
PremiumGrade™
Survey
www.molex.com//review/apptool_survey.html
Tool Type
Handtool
UPC
889056136051
Material Info
Reference - Drawing Numbers
Application Tooling Documents
ATS-638275100
Series image - Reference only
EU ELV
Not Reviewed
EU RoHS
China RoHS
Not Reviewed
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
Please visit the Contact Us section for any
non-product compliance questions.
China ROHS
Not Reviewed
ELV
Not Reviewed
Search Parts in this Series
T9999 Series
Use With
50654 , 50655 1.0 Receptacle Crimp
Terminals, 0.30mm2, 0.50mm2 and
0.85mm2 CAV wires
This document was generated on 10/13/2015
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0638275100

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0638275000 MOLEX11-0638275000 Datasheet
36Kb / 1P
   Hand Crimp Tool for IllumiMate 1.25mm Pitch Crimp Terminal, 28 AWG
0638275000 MOLEX1-0638275000 Datasheet
34Kb / 2P
   IllumiMate 1.25mm Wire-to-Board Connector, Receptacle Terminal,
0638275200 MOLEX11-0638275200 Datasheet
37Kb / 1P
   1.0 Receptacle Crimp Terminals ??CAVUS wire
0638275300 MOLEX11-0638275300 Datasheet
36Kb / 1P
   Hand Crimp Tool for Ultra-Fit Crimp Terminals, 16-18 AWG (UL1061) wires
0638275400 MOLEX11-0638275400 Datasheet
64Kb / 1P
   Hand Crimp Tool for Ultra-Fit Crimp Terminals, 20-22 AWG (UL1061) wires
More results

Similar Description - 0638275100

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
63827-5100 MOLEX-63827-5100 Datasheet
1,000Kb / 7P
   1.0 Receptacle Crimp Terminals ??CAV wire
09-24-14
ATS-638275100 MOLEX-ATS-638275100 Datasheet
1,000Kb / 7P
   1.0 Receptacle Crimp Terminals – CAV wire
09-24-14
0638275200 MOLEX11-0638275200 Datasheet
37Kb / 1P
   1.0 Receptacle Crimp Terminals ??CAVUS wire
ATS-638238900 MOLEX-ATS-638238900 Datasheet
987Kb / 7P
   1.0 Receptacle Crimp Terminals – AVS wire
09-24-14
0638238900 MOLEX11-0638238900 Datasheet
37Kb / 1P
   1.0 Receptacle Crimp Terminals ??AVS wire
ATS-638275200 MOLEX-ATS-638275200 Datasheet
1,000Kb / 7P
   1.0 Receptacle Crimp Terminals – CAVUS wire
09-24-14
63827-5200 MOLEX-63827-5200 Datasheet
1,000Kb / 7P
   1.0 Receptacle Crimp Terminals ??CAVUS wire
09-24-14
63823-8900 MOLEX-63823-8900 Datasheet
987Kb / 7P
   1.0 Receptacle Crimp Terminals ??AVS wire
09-24-14
63903-4900 MOLEX11-63903-4900 Datasheet
39Kb / 1P
   FineAdjust Applicator for 2.00mm W/B Receptacle Terminals Doc
63825-2100 MOLEX11-63825-2100 Datasheet
38Kb / 1P
   Hand Crimp Tool for .110 Receptacle Terminals (Magnet Wire)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com