Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MX171MC Datasheet(PDF) 6 Page - Macronix International

Part # MX171MC
Description  AMPLITUDE TYPE AUTO FOCUS IC
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX171MC Datasheet(HTML) 6 Page - Macronix International

  MX171MC Datasheet HTML 1Page - Macronix International MX171MC Datasheet HTML 2Page - Macronix International MX171MC Datasheet HTML 3Page - Macronix International MX171MC Datasheet HTML 4Page - Macronix International MX171MC Datasheet HTML 5Page - Macronix International MX171MC Datasheet HTML 6Page - Macronix International MX171MC Datasheet HTML 7Page - Macronix International  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
6
REV 1.2, JAN 05, 1996
P/N: PM0167
MX171
PACKAGE INFORMATION
8 PIN PLASTIC SOP
58
4
1
5.0+0.3
1.27
0.4+0.1
6.2+0.3
4.4+0.2
0.3 MIN
0.15
UNIT : mm


Similar Part No. - MX171MC

ManufacturerPart #DatasheetDescription
logo
BCM Advanced Research.
MX170QD BCM-MX170QD Datasheet
428Kb / 1P
   Intel Q170 mini-ITX motherboard supports 6th/7th Generation 14nm Intel Kaby Lake/ Skylake Core i7/i5/i3 Processors
2020/12/14
logo
Macronix International
MX172 MCNIX-MX172 Datasheet
40Kb / 6P
   TRIANGULAR TYPE AUTO FOCUS IC
MX172MC MCNIX-MX172MC Datasheet
40Kb / 6P
   TRIANGULAR TYPE AUTO FOCUS IC
More results

Similar Description - MX171MC

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX172 MCNIX-MX172 Datasheet
40Kb / 6P
   TRIANGULAR TYPE AUTO FOCUS IC
logo
Princeton Technology Co...
PT5662 PTC-PT5662 Datasheet
223Kb / 5P
   Auto Focus Motor Driver IC
PT5100 PTC-PT5100 Datasheet
137Kb / 4P
   Auto Focus Motor Driver IC
logo
List of Unclassifed Man...
26700-203 ETC2-26700-203 Datasheet
72Kb / 1P
   Auto-Focus Mighty Scope
logo
ON Semiconductor
LC898219XI ONSEMI-LC898219XI Datasheet
269Kb / 9P
   Auto Focus (AF) Controller
August 2017 - Rev. P0
logo
Aven, Inc.
26100-258 AVEN-26100-258 Datasheet
640Kb / 2P
   Auto Focus HDMI/USB/SD
logo
ON Semiconductor
ENA2190 ONSEMI-ENA2190 Datasheet
76Kb / 4P
   AF(Auto Focus) Control LSI
June, 2013 Ver.1.3
LC898217XC ONSEMI-LC898217XC Datasheet
142Kb / 9P
   Auto Focus (AF) Controller & Driver
February 2016 - Rev. 0
logo
American Accurate Compo...
RIRC-C1-50A AAC-RIRC-C1-50A Datasheet
87Kb / 1P
   Auto Focus/Auto Iris Infrared LED Camera
logo
ON Semiconductor
LC898217XH ONSEMI-LC898217XH Datasheet
244Kb / 9P
   Auto Focus (AF) Controller & Driver
April 2017 - Rev. 0
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com