Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0638274400 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0638274400
Description  Hand Crimp Tool for Sabre Crimp Terminal, Female
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

0638274400 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0638274400 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 10/13/2015
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0638274400
Status:
Active
Description:
Hand Crimp Tool for Sabre™ Crimp Terminal, Female
Documents:
RoHS Certificate of Compliance (PDF)
General
Product Family
Application Tooling
Series
T9999
Function
Crimp
Geographic Area
Global
Level of Automation
Manual
More Detailed Tech Information
applicationtooling@molex.com
Product Name
PremiumGrade™
Survey
www.molex.com//review/apptool_survey.html
Tool Type
Handtool
UPC
887191611921
Material Info
Reference - Drawing Numbers
Application Tooling Documents
ATS-638274400
Series image - Reference only
EU ELV
Not Reviewed
EU RoHS
China RoHS
Not Reviewed
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
Please visit the Contact Us section for any
non-product compliance questions.
China ROHS
Not Reviewed
ELV
Not Reviewed
Search Parts in this Series
T9999 Series
Use With
43374 Sabre™ Female Crimp Terminal,
without TPA, 18-20 AWG, UL1015 Wires
This document was generated on 10/13/2015
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0638274400

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0638274070 MOLEX11-0638274070 Datasheet
36Kb / 1P
   Square Din Style Die Sets for Guardian Power Terminals for 6 AWG UL 1028
0638274200 MOLEX11-0638274200 Datasheet
37Kb / 1P
   Hand Crimp Tool for Sabre Crimp Terminal, Female
0638274300 MOLEX11-0638274300 Datasheet
37Kb / 1P
   Hand Crimp Tool for Sabre Crimp Terminal, Female
0638274900 MOLEX11-0638274900 Datasheet
36Kb / 1P
   Hand Crimp Tool for Mega-Fit Crimp Terminals, mm Wires
More results

Similar Description - 0638274400

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0638274200 MOLEX11-0638274200 Datasheet
37Kb / 1P
   Hand Crimp Tool for Sabre Crimp Terminal, Female
ATS-638274400 MOLEX-ATS-638274400 Datasheet
595Kb / 7P
   Hand Crimp Tool for Sabre??Crimp Terminal, Female
07-18-14
0638274300 MOLEX11-0638274300 Datasheet
37Kb / 1P
   Hand Crimp Tool for Sabre Crimp Terminal, Female
ATS-638274300 MOLEX-ATS-638274300 Datasheet
589Kb / 7P
   Hand Crimp Tool for Sabre??Crimp Terminal, Female
02-23-2017
63827-4200 MOLEX-63827-4200 Datasheet
594Kb / 7P
   Hand Crimp Tool for Sabre??Crimp Terminal, Female
04-23-14
ATS-638274200 MOLEX-ATS-638274200 Datasheet
594Kb / 7P
   Hand Crimp Tool for Sabre™ Crimp Terminal, Female
04-23-14
63823-2570 MOLEX-63823-2570 Datasheet
392Kb / 6P
   Hand Crimp Tool for Sabre Female Flat Blade Crimp Terminals
10-13-10
ATS-6382327HM MOLEX-ATS-6382327HM Datasheet
392Kb / 6P
   Hand Crimp Tool for Sabre Female Flat Blade Crimp Terminals
10-13-10
ATS-6382325HM MOLEX-ATS-6382325HM Datasheet
392Kb / 6P
   Hand Crimp Tool for Sabre Female Flat Blade Crimp Terminals
10-13-10
ATS-638117300 MOLEX-ATS-638117300 Datasheet
323Kb / 6P
   Hand Crimp Tool for Sabre??Female Flat Blade Crimp Terminals
02-03-09
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com