Electronic Components Datasheet Search |
|
SPB-97120-1510G Datasheet(PDF) 2 Page - Optoway Technology Inc |
|
SPB-97120-1510G Datasheet(HTML) 2 Page - Optoway Technology Inc |
2 / 6 page Optoway SPB-97120-1510G *********************************************************************************************************************************************************************** *********************************************************************************************************************************************************************** OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303 Tel: 886-3-5979798 Fax: 886-3-5979737 E-mail: sales@optoway.com.tw http: // www.optoway.com.tw 7/1/2008 V1.0 2 Transmitter Specifications (0 oC < Topr < 70oC, 3.13V < Vcc < 3.47V) Parameter Symbol Min Typ Max Units Notes Optical Optical Transmit Power Po 0 4 dBm 1 Output Center Wavelength λ 1480 1520 nm Output Spectrum Width σλ 1 nm -20 dB width Side Mode Suppression Ratio SMSR 30 dB Extinction Ratio ER 8.2 dB Output Eye Compliant with Telecordia GR-253-GORE and ITU-T Recommendation G.957 Optical Rise Time tr 150 ps 20 % to 80% Values Optical Fall Time tf 150 ps 20 % to 80% Values Relative Intensity Noise RIN -120 dB/Hz Electrical Data Input Current – Low IIL -350 µA Data Input Current – High IIH 350 µA Differential Input Voltage VIH - VIL 0.5 2.4 V Peak-to-Peak TX Disable Input Voltage – Low TDIS, L 0 0.5 V 2 TX Disable Input Voltage – High TDIS, H 2.0 Vcc V 2 TX Disable Assert Time TASSERT 10 µs TX Disable Deassert Time TDEASSERT 1 ms TX Fault Output Voltage -- Low TFaultL 0 0.5 V 3 TX Fault Output Voltage -- High TFaultH 2.0 Vcc+0.3 V 3 Notes: 1. Output power is power coupled into a 9/125 µm single mode fiber. 2. There is an internal 4.7K to 10K ohm pull-up resistor to VccTX. 3. Open collector compatible, 4.7K to 10K ohm pull-up to Vcc (Host Supply Voltage). Receiver Specifications (0 oC < Topr < 70oC, 3.13 V < Vcc < 3.47V) Parameter Symbol Min Typ Max Units Notes Optical Sensitivity --- --- --- -29 dBm 4 Maximum Input Power Pin -9 --- --- dBm Signal Detect -- Asserted Pa --- --- -29 dBm Transition: low to high Signal Detect -- Deasserted Pd -40 --- --- dBm Transition: high to low Signal detect -- Hysteresis 1.0 --- dB Wavelength of Operation 1580 1620 nm 5 Electrical Differential Output Voltage VOH – VOL 0.6 2.0 V Output LOS Voltage -- Low VOL 0 0.5 V 6 Output LOS Voltage – High VOH 2.0 Vcc+0.3 V 6 Signal Detect Assert Time ASMAX 100 µs OFF to ON Signal Detect Deassert Time ANSMAX 300 µs ON to OFF Notes: 4. Minimum sensitivity and saturation levels at BER 1E-10 for a 2 23-1 PRBS. 5. At least 30 dB optical isolation for the wavelength 1480 to 1520 nm. 6. Open collector compatible, 4.7K to 10K ohm pull-up to Vcc (Host Supply Voltage). |
Similar Part No. - SPB-97120-1510G_15 |
|
Similar Description - SPB-97120-1510G_15 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |