Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMBJ5955 Datasheet(PDF) 1 Page - Micro Commercial Components

Part # SMBJ5955
Description  Silicon Zener Diode 3.0 Watt
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

SMBJ5955 Datasheet(HTML) 1 Page - Micro Commercial Components

  SMBJ5955 Datasheet HTML 1Page - Micro Commercial Components SMBJ5955 Datasheet HTML 2Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SMBJ5913
THRU
SMBJ5956
Silicon
Zener Diode
3.0 Watt
DO-214AA
(SMBJ)
Features
Surface Mount Applications
3.3 thru 200 Volt Voltage Range
Ideal For High Density, Low Profile Mounting
Withstands Large Surge Stresses
Available on Tape and Reel
Mechanical Data
CASE: JEDEC DO-214AA molded Surface Mountable
Terminals solderable per MIL-STD-750, Method 2026
Polarity is indicated by cathode band
Packaging: Standard 12mm Tape (see EIA 481)
Maximum temperature for soldering: 260
OC for 10 seconds
For surface mount applications with flame retardent epoxy
Meeting UL94V-0
Maximum Ratings @ 25OC Unless Otherwise Specified
Steady State
Power
Dissipation
P(AV)
3.0W
(Note:1)
Operation And
Storage
Temperature
TJ, TSTG
-55
OC to
+150
OC
Thermal
Resistance
R
25
OC/W
H
J
E
F
G
A
B
D
C
Cathode Band
(Round Lead)
1
.
Mounted on 4.0mm
2 copper pads to each terminal.
Lead temperature at TL=75
oC
NOTE:
0.070”
0.090"
0.085”
SUGGESTED SOLDER
PAD LAYOUT
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.078
.116
1.98
2.95
B
.075
.089
1.90
2.25
C
.002
.008
.05
.20
D
-----
.02
-----
.51
E
.035
.055
.90
1.40
F
.065
.091
1.65
2.32
G
.205
.224
5.21
5.69
H
.160
.180
4.06
4.57
J
.130
.155
3.30
3.94
www.mccsemi.com
 omponents
21201 Itasca Street Chatsworth

 !"#
$%    !"#
MCC


Similar Part No. - SMBJ5955

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
SMBJ5955 JGD-SMBJ5955 Datasheet
184Kb / 2P
   1.5W SILICON SURFACE MOUNT ZENER DIODES
logo
Microsemi Corporation
SMBJ5955 MICROSEMI-SMBJ5955 Datasheet
92Kb / 2P
   SILICON 1.5 WATT ZENER DIODES SURFACE MOUNT
logo
Formosa MS
SMBJ5955 FORMOSA-SMBJ5955 Datasheet
526Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Jinan Gude Electronic D...
SMBJ5955A JGD-SMBJ5955A Datasheet
184Kb / 2P
   1.5W SILICON SURFACE MOUNT ZENER DIODES
SMBJ5955B JGD-SMBJ5955B Datasheet
184Kb / 2P
   1.5W SILICON SURFACE MOUNT ZENER DIODES
More results

Similar Description - SMBJ5955

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SMAJ5913BE3 MICROSEMI-SMAJ5913BE3 Datasheet
473Kb / 6P
   Silicon 3.0 Watt Zener Diode
SMAJ5913B MICROSEMI-SMAJ5913B Datasheet
168Kb / 2P
   SILICON 3.0 WATT ZENER DIODES
logo
Micro Commercial Compon...
1N5913B3P MCC-1N5913B3P_13 Datasheet
519Kb / 5P
   3.0 Watt Zener Diode 3.3to 200 Volts
1N5913B3P MCC-1N5913B3P_18 Datasheet
490Kb / 5P
   3.0 Watt Zener Diode 3.3to 4.7 Volts
logo
Frontier Electronics.
1N5333B FRONTIER-1N5333B Datasheet
138Kb / 4P
   5 WATT SILICON ZENER DIODE
1N5342B FRONTIER-1N5342B Datasheet
135Kb / 3P
   5 WATT SILICON ZENER DIODE
1N5342B-LFR FRONTIER-1N5342B-LFR Datasheet
135Kb / 3P
   5 WATT SILICON ZENER DIODE
logo
Micro Commercial Compon...
3SMAJ5930B-TP MCC-3SMAJ5930B-TP Datasheet
266Kb / 4P
   3.0 Watt Surface Mount Silicon Zener Diodes
SMA5C5V1 MCC-SMA5C5V1 Datasheet
281Kb / 3P
   3.0 Watt Surface Mount Silicon Zener Diodes
3SMAJ5913B MCC-3SMAJ5913B_18 Datasheet
329Kb / 4P
   3.0 Watt Surface Mount Silicon Zener Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com