Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MA001371352 Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # MA001371352
Description  Material Content Data Sheet
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

MA001371352 Datasheet(HTML) 1 Page - Infineon Technologies AG

  MA001371352 Datasheet HTML 1Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1.
2.
3.
Material Content Data Sheet
Sales Product Name
IPA60R520C6
Issued
6. July 2015
MA#
MA001371352
Package
PG-TO220-3-313
Weight*
2210.02 mg
Construction Element
Material Group
Substances
CAS#
if applicable
Weight
[mg]
Average
Mass
[%]
Sum
[%]
Average
Mass
[ppm]
Sum
[ppm]
chip
inorganic material
silicon
7440-21-3
3.425
0.16
0.16
1550
1550
leadframe
non noble metal
iron
7439-89-6
0.903
0.04
409
inorganic material
phosphorus
7723-14-0
0.271
0.01
123
non noble metal
copper
7440-50-8
902.149
40.82
40.87
408209
408741
wire
non noble metal
aluminium
7429-90-5
0.852
0.04
0.04
385
385
encapsulation
organic material
carbon black
1333-86-4
2.305
0.10
1043
plastics
epoxy resin
-
215.517
9.75
97518
inorganic material
silicondioxide
60676-86-0
927.731
41.98
51.83
419784
518345
leadfinish
non noble metal
tin
7440-31-5
7.975
0.36
0.36
3609
3609
plating
non noble metal
nickel
7440-02-0
1.676
0.08
0.08
759
759
solder
non noble metal
antimony
7440-36-0
0.215
0.01
97
noble metal
silver
7440-22-4
0.537
0.02
243
non noble metal
tin
7440-31-5
1.397
0.06
0.09
632
972
heatspreader
non noble metal
iron
7439-89-6
0.145
0.01
66
inorganic material
phosphorus
7723-14-0
0.044
0.00
20
non noble metal
copper
7440-50-8
144.874
6.56
6.57
65553
65639
*deviation
< 10%
Sum in total:
100.00
1000000
Important Remarks:
Infineon Technologies AG provides full material declaration based on information provided by third parties and
has taken and continues to take reasonable steps to provide representative and accurate information.
Infineon Technologies AG and Infineon Technologies AG suppliers consider certain information to be
proprietary, and thus CAS numbers and other limited information may not be available for release.
All statements are based on our present knowledge, are provided 'as is' and may be subject to change at any
time due to technical requirements and development without notification.
This product is in compliance with EU Directive 2011/65/EU (RoHS) and does not use any exemption.
Company
Infineon Technologies AG
Address
81726 München
Internet
www.infineon.com


Similar Part No. - MA001371352

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
MA001371350 INFINEON-MA001371350 Datasheet
33Kb / 1P
   Material Content Data Sheet
6. July 2015
MA001371350 INFINEON-MA001371350_15 Datasheet
33Kb / 1P
   Material Content Data Sheet
6. July 2015
MA001371354 INFINEON-MA001371354 Datasheet
33Kb / 1P
   Material Content Data Sheet
6. July 2015
MA001371354 INFINEON-MA001371354_15 Datasheet
33Kb / 1P
   Material Content Data Sheet
6. July 2015
MA001371356 INFINEON-MA001371356 Datasheet
33Kb / 1P
   Material Content Data Sheet
6. July 2015
More results

Similar Description - MA001371352

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE4253E INFINEON-TLE4253E_15 Datasheet
32Kb / 1P
   Material Content Data Sheet
7. October 2015
MA001010846 INFINEON-MA001010846_15 Datasheet
33Kb / 1P
   Material Content Data Sheet
29. June 2015
MA001011684 INFINEON-MA001011684_15 Datasheet
33Kb / 1P
   Material Content Data Sheet
29. June 2015
MA001025832 INFINEON-MA001025832_15 Datasheet
33Kb / 1P
   Material Content Data Sheet
28. July 2015
MA001075538 INFINEON-MA001075538_15 Datasheet
33Kb / 1P
   Material Content Data Sheet
29. June 2015
MA001126876 INFINEON-MA001126876_15 Datasheet
32Kb / 1P
   Material Content Data Sheet
2. July 2015
MA001147172 INFINEON-MA001147172_15 Datasheet
33Kb / 1P
   Material Content Data Sheet
24. April 2015
MA001276174 INFINEON-MA001276174_15 Datasheet
33Kb / 1P
   Material Content Data Sheet
29. June 2015
IPA126N10N3G INFINEON-IPA126N10N3G_15 Datasheet
33Kb / 1P
   Material Content Data Sheet
3. September 2015
IPB60R160P6 INFINEON-IPB60R160P6_15 Datasheet
33Kb / 1P
   Material Content Data Sheet
27. August 2015
IPB60R230P6 INFINEON-IPB60R230P6_15 Datasheet
33Kb / 1P
   Material Content Data Sheet
27. August 2015
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com