Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PMPB15XP Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PMPB15XP
Description  12 V, single P-channel Trench MOSFET
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PMPB15XP Datasheet(HTML) 3 Page - NXP Semiconductors

  PMPB15XP_15 Datasheet HTML 1Page - NXP Semiconductors PMPB15XP_15 Datasheet HTML 2Page - NXP Semiconductors PMPB15XP_15 Datasheet HTML 3Page - NXP Semiconductors PMPB15XP_15 Datasheet HTML 4Page - NXP Semiconductors PMPB15XP_15 Datasheet HTML 5Page - NXP Semiconductors PMPB15XP_15 Datasheet HTML 6Page - NXP Semiconductors PMPB15XP_15 Datasheet HTML 7Page - NXP Semiconductors PMPB15XP_15 Datasheet HTML 8Page - NXP Semiconductors PMPB15XP_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
NXP Semiconductors
PMPB15XP
12 V, single P-channel Trench MOSFET
PMPB15XP
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved
Product data sheet
22 November 2012
3 / 14
Symbol
Parameter
Conditions
Min
Max
Unit
Tamb = 25 °C; t ≤ 5 s
[1]
-
3.5
W
Tsp = 25 °C
-
12.5
W
Tj
junction temperature
-55
150
°C
Tamb
ambient temperature
-55
150
°C
Tstg
storage temperature
-65
150
°C
Source-drain diode
IS
source current
Tamb = 25 °C
[1]
-
-1.9
A
[1] Device mounted on an FR4 Printed-Circuit Board (PCB), single-sided copper, tin-plated, mounting pad for
drain 6 cm2.
Tj (°C)
- 75
175
125
25
75
- 25
017aaa123
40
80
120
Pder
(%)
0
Fig. 1. Normalized total power dissipation as a
function of junction temperature
Tj (°C)
- 75
175
125
25
75
- 25
017aaa124
40
80
120
Ider
(%)
0
Fig. 2. Normalized continuous drain current as a
function of junction temperature


Similar Part No. - PMPB15XP_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PMPB15XPA NEXPERIA-PMPB15XPA Datasheet
302Kb / 14P
   12 V, P-channel Trench MOSFET
27 March 2018
More results

Similar Description - PMPB15XP_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMPB15XP NXP-PMPB15XP Datasheet
260Kb / 14P
   12 V, single P-channel Trench MOSFET
19 July 2012
logo
Nexperia B.V. All right...
PMPB15XP NEXPERIA-PMPB15XP Datasheet
375Kb / 15P
   12 V, single P-channel Trench MOSFET
22 November 2012
PMXB65UPE NEXPERIA-PMXB65UPE Datasheet
739Kb / 15P
   12 V, P-channel Trench MOSFET
PMPB14XP NEXPERIA-PMPB14XP Datasheet
345Kb / 15P
   12 V, P-channel Trench MOSFET
3 July 2018
logo
NXP Semiconductors
PMXB65UPE PHILIPS-PMXB65UPE_15 Datasheet
257Kb / 15P
   12 V, P-channel Trench MOSFET
8 July 2014
PMCM4401VPE PHILIPS-PMCM4401VPE_15 Datasheet
325Kb / 15P
   12 V, P-channel Trench MOSFET
29 July 2015
logo
Nexperia B.V. All right...
PMPB07R3VP NEXPERIA-PMPB07R3VP Datasheet
301Kb / 14P
   12 V, P-channel Trench MOSFET
1 March 2021
PXP3R7-12QU NEXPERIA-PXP3R7-12QU Datasheet
321Kb / 14P
   12 V, P-channel Trench MOSFET
31 July 2023
PMPB15XPA NEXPERIA-PMPB15XPA Datasheet
302Kb / 14P
   12 V, P-channel Trench MOSFET
27 March 2018
PMPB09R5VP NEXPERIA-PMPB09R5VP Datasheet
322Kb / 14P
   12 V, P-channel Trench MOSFET
10 February 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com