Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSMN017-30BL Datasheet(PDF) 7 Page - NXP Semiconductors

Part # PSMN017-30BL
Description  N-channel 30 V 17 m廓 logic level MOSFET in D2PAK
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PSMN017-30BL Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button PSMN017-30BL_15 Datasheet HTML 3Page - NXP Semiconductors PSMN017-30BL_15 Datasheet HTML 4Page - NXP Semiconductors PSMN017-30BL_15 Datasheet HTML 5Page - NXP Semiconductors PSMN017-30BL_15 Datasheet HTML 6Page - NXP Semiconductors PSMN017-30BL_15 Datasheet HTML 7Page - NXP Semiconductors PSMN017-30BL_15 Datasheet HTML 8Page - NXP Semiconductors PSMN017-30BL_15 Datasheet HTML 9Page - NXP Semiconductors PSMN017-30BL_15 Datasheet HTML 10Page - NXP Semiconductors PSMN017-30BL_15 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
PSMN017-30BL
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 2 — 3 April 2012
7 of 14
NXP Semiconductors
PSMN017-30BL
N-channel 30 V 17 m
Ω logic level MOSFET in D2PAK
Fig 7.
Input and reverse transfer capacitances as a
function of gate-source voltage; typical values
Fig 8.
Forward transconductance as a function of
drain current; typical values
Fig 9.
Drain-source on-state resistance as a function
of gate-source voltage; typical values
Fig 10. Sub-threshold drain current as a function of
gate-source voltage
003aaj532
0
200
400
600
800
1000
0369
12
V
GS(V)
C
(pF)
C
iss
C
rss
003aaj417
0
10
20
30
010
20
30
I
D (A)
g
fs
(S)
003aaj458
10
20
30
40
0
4
8
12
16
V
GS(V)
R
DSon
(m
Ω)
003aab271
10
-6
10
-5
10
-4
10
-3
10
-2
10
-1
01
23
VGS (V)
ID
(A)
max
typ
min


Similar Part No. - PSMN017-30BL_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PSMN017-30BL PHILIPS-PSMN017-30BL Datasheet
198Kb / 14P
   N-channel 30 V 17 milliohm logic level MOSFET in D2PAK
Rev. 2-3 April 2012
logo
Nexperia B.V. All right...
PSMN017-30BL NEXPERIA-PSMN017-30BL Datasheet
795Kb / 14P
   N-channel 30 V 17 mΩ logic level MOSFET in D2PAK
Rev. 2 - 3 April 2012
More results

Similar Description - PSMN017-30BL_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PSMN4R3-30BL NXP-PSMN4R3-30BL Datasheet
212Kb / 15P
   N-channel 30 V 4.1 m廓 logic level MOSFET in D2PAK
Rev. 1-22 March 2012
PSMN1R5-30BLE PHILIPS-PSMN1R5-30BLE_15 Datasheet
229Kb / 13P
   N-channel 30 V 1.5 m廓 logic level MOSFET in D2PAK
12 October 2012
PSMN3R4-30BLE PHILIPS-PSMN3R4-30BLE_15 Datasheet
230Kb / 13P
   N-channel 30 V 3.4 m廓 logic level MOSFET in D2PAK
12 October 2012
logo
Nexperia B.V. All right...
PSMN3R4-30BL NEXPERIA-PSMN3R4-30BL Datasheet
814Kb / 15P
   N-channel 30 V 3.3 m廓 logic level MOSFET in D2PAK
logo
NXP Semiconductors
PSMN1R6-30BL PHILIPS-PSMN1R6-30BL Datasheet
219Kb / 15P
   N-channel 30 V 1.9 m廓 logic level MOSFET in D2PAK
Rev. 1-22 March 2012
PSMNR90-30BL PHILIPS-PSMNR90-30BL_15 Datasheet
282Kb / 13P
   N-channel 30 V 1.0 m廓 logic level MOSFET in D2PAK
2 April 2014
PSMNR90-30BL NXP-PSMNR90-30BL Datasheet
237Kb / 14P
   N-channel 30 V 1.0 m廓 logic level MOSFET in D2PAK
Rev. 2-29 February 2012
PSMN022-30BL PHILIPS-PSMN022-30BL_15 Datasheet
228Kb / 14P
   N-channel 30 V 22.6 m廓 logic level MOSFET in D2PAK
Rev. 1-21 March 2012
logo
Nexperia B.V. All right...
PSMN1R5-30BLE NEXPERIA-PSMN1R5-30BLE Datasheet
737Kb / 13P
   N-channel 30 V 1.5 m廓 logic level MOSFET in D2PAK
PSMN3R4-30BLE NEXPERIA-PSMN3R4-30BLE Datasheet
739Kb / 13P
   N-channel 30 V 3.4 m廓 logic level MOSFET in D2PAK
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com