Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMCJ5384 Datasheet(PDF) 5 Page - Micro Commercial Components

Part # SMCJ5384
Description  Silicon 5.0 Watt Zener Diodes
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

SMCJ5384 Datasheet(HTML) 5 Page - Micro Commercial Components

  SMCJ5384 Datasheet HTML 1Page - Micro Commercial Components SMCJ5384 Datasheet HTML 2Page - Micro Commercial Components SMCJ5384 Datasheet HTML 3Page - Micro Commercial Components SMCJ5384 Datasheet HTML 4Page - Micro Commercial Components SMCJ5384 Datasheet HTML 5Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
RATING AND CHARACTERISTICS CURVES
ZENER VOLTAGE VERSUS ZENER CURRENT
(FIGURES 7,8, AND 9)
30
20
10
5
2
1
0.5
0.2
0.1
1
10
100
1000
VZ = 6.8V
VZ = 200V
PLOTTED FROM INFORMATION
GIVEN IN FIGURE 6
1000
100
10
1
0.1
1
2
3
4
5
6
7
8
9
10
T = 25 ¢J
T
C = 25¢J
VZ, ZENER VOLTAGE (VOLTS)
Fig. 6-PEAK SURGE CURRENT VERSUS PULSE
WIDTH(SEE NOTE 3)
Fig. 7-ZENER VOLTAGE VERSUS ZENER CURRENT
VZ = 6.8 THRU 10 VOLTS
1000
100
10
1
0.1
10
20
30
40
50
60
70
80
T = 25 ¢J
VZ, ZENER VOLTAGE (VOLTS)
1000
100
10
1
0.1
80
100
120
140
160
180
200
220
VZ, ZENER VOLTAGE (VOLTS)
Fig. 8-ZENER VOLTAGE VERSUS ZENER CURRENT
VZ = 11 THRU 75 VOLTS
Fig. 9-ZENER VOLTAGE VERSUS ZENER CURRENT
VZ = 82 THRU 200 VOLTS
*** Data of Figure 3 should not be used to compute surge capability. Surge limitations are given in Figure 5. They are
lower than would be expected by considering only junction temperature, as current crowding effects cause
temperatures to be extremely high in small spots resulting in device degradation should the limits of Figure. 5 be
exceeded
MCC
www.mccsemi.com
SMCJ5348 thru SMCJ5388


Similar Part No. - SMCJ5384

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
SMCJ5384B SUNMATE-SMCJ5384B Datasheet
583Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
More results

Similar Description - SMCJ5384

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SZ5706 SSDI-SZ5706 Datasheet
88Kb / 2P
   5.0 WATT 6.8 - 270 VOLTS ZENER DIODES
Z00007G SSDI-Z00007G Datasheet
120Kb / 2P
   5.0 WATT 6.8 ??270 VOLTS ZENER DIODES
logo
Microsemi Corporation
10EZ39 MICROSEMI-10EZ39 Datasheet
69Kb / 2P
   Silicon 10 WATT Zener Diodes
1N5913B MICROSEMI-1N5913B Datasheet
89Kb / 3P
   SILICON 1.5 WATT ZENER DIODES
logo
New Jersey Semi-Conduct...
1N4549B NJSEMI-1N4549B Datasheet
80Kb / 1P
   SILICON 50 WATT ZENER DIODES
logo
Microsemi Corporation
1N4728AP MICROSEMI-1N4728AP Datasheet
175Kb / 3P
   Silicon 1 Watt Zener Diodes
1N2971A MICROSEMI-1N2971A Datasheet
103Kb / 2P
   SILICON 10 WATT ZENER DIODES
logo
Digitron Semiconductors
1N4728 DIGITRON-1N4728 Datasheet
184Kb / 3P
   SILICON 1 WATT ZENER DIODES
logo
New Jersey Semi-Conduct...
10EZ3.9 NJSEMI-10EZ3.9 Datasheet
122Kb / 2P
   Silicon 10 WATT Zener Diodes
logo
Micro Commercial Compon...
ZMY75G MCC-ZMY75G Datasheet
128Kb / 3P
   Silicon 1.0 Watt Zener Diodes
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com