Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSMN2R9-30MLC Datasheet(PDF) 7 Page - NXP Semiconductors

Part # PSMN2R9-30MLC
Description  N-channel 30 V 2.95 m廓 logic level MOSFET in LFPAK33 using NextPower Technology
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PSMN2R9-30MLC Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button PSMN2R9-30MLC_15 Datasheet HTML 3Page - NXP Semiconductors PSMN2R9-30MLC_15 Datasheet HTML 4Page - NXP Semiconductors PSMN2R9-30MLC_15 Datasheet HTML 5Page - NXP Semiconductors PSMN2R9-30MLC_15 Datasheet HTML 6Page - NXP Semiconductors PSMN2R9-30MLC_15 Datasheet HTML 7Page - NXP Semiconductors PSMN2R9-30MLC_15 Datasheet HTML 8Page - NXP Semiconductors PSMN2R9-30MLC_15 Datasheet HTML 9Page - NXP Semiconductors PSMN2R9-30MLC_15 Datasheet HTML 10Page - NXP Semiconductors PSMN2R9-30MLC_15 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
PSMN2R9-30MLC
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 2 — 15 June 2012
7 of 14
NXP Semiconductors
PSMN2R9-30MLC
N-channel 30 V 2.95 m
Ω logic level MOSFET in LFPAK33 using NextPower Technology
Fig 8.
Forward transconductance as a function of
drain current; typical values
Fig 9.
Transfer characteristics; drain current as a
function of gate-source voltage; typical values
Fig 10. Drain-source on-state resistance as a function
of drain current; typical values
Fig 11. Normalized drain-source on-state resistance
factor as a function of junction temperature
003aaj720
0
60
120
180
240
0
1530
456075
I
D (A)
g
fs
(S)
003aaj721
0
15
30
45
60
75
012
34
V
GS(V)
I
D
(A)
Tj = 25
°C
Tj = 150
°C
003aaj724
0
5
10
15
20
0
1530
4560
75
I
D(A)
R
DSon
(m
Ω)
4.5
VGS (V) =10
3.5
3
2.8
003aaj725
0
0.5
1
1.5
2
-60
0
60
120
180
T
j (°C)
a
VGS=4.5V
10V


Similar Part No. - PSMN2R9-30MLC_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PSMN2R9-30MLC NEXPERIA-PSMN2R9-30MLC Datasheet
1Mb / 14P
   N-channel 30 V 2.95 m廓 logic level MOSFET in LFPAK33 using NextPower Technology
More results

Similar Description - PSMN2R9-30MLC_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PSMN2R9-30MLC NEXPERIA-PSMN2R9-30MLC Datasheet
1Mb / 14P
   N-channel 30 V 2.95 m廓 logic level MOSFET in LFPAK33 using NextPower Technology
PSMN7R0-30MLC NEXPERIA-PSMN7R0-30MLC Datasheet
1Mb / 14P
   N-channel 30 V 7 m廓 logic level MOSFET in LFPAK33 using NextPower Technology
logo
NXP Semiconductors
PSMN3R0-30MLC PHILIPS-PSMN3R0-30MLC_15 Datasheet
375Kb / 14P
   N-channel 30 V 3.15 m廓 logic level MOSFET in LFPAK33 using NextPower Technology
Rev. 4-15 June 2012
PSMN4R4-30MLC PHILIPS-PSMN4R4-30MLC_15 Datasheet
370Kb / 14P
   N-channel 30 V 4.65 m廓 logic level MOSFET in LFPAK33 using NextPower Technology
Rev. 3-15 June 2012
PSMN9R8-30MLC PHILIPS-PSMN9R8-30MLC_15 Datasheet
371Kb / 14P
   N-channel 30 V 9.8 m廓 logic level MOSFET in LFPAK33 using NextPower Technology
Rev. 3-15 June 2012
logo
Nexperia B.V. All right...
PSMN013-30MLC NEXPERIA-PSMN013-30MLC Datasheet
299Kb / 14P
   N-channel 30 V 13.6 m廓 logic level MOSFET in LFPAK33 using NextPower Technology
PSMN4R4-30MLC NEXPERIA-PSMN4R4-30MLC Datasheet
1Mb / 14P
   N-channel 30 V 4.65 m廓 logic level MOSFET in LFPAK33 using NextPower Technology
logo
NXP Semiconductors
PSMN3R0-30MLC NXP-PSMN3R0-30MLC Datasheet
375Kb / 14P
   N-channel 30 V 3.15 m廓 logic level MOSFET in LFPAK33 using NextPower Technology
Rev. 4-15 June 2012
PSMN013-30MLC PHILIPS-PSMN013-30MLC_15 Datasheet
370Kb / 14P
   N-channel 30 V 13.6 m廓 logic level MOSFET in LFPAK33 using NextPower Technology
Rev. 4-15 June 2012
logo
Nexperia B.V. All right...
PSMN9R8-30MLC NEXPERIA-PSMN9R8-30MLC Datasheet
1Mb / 14P
   N-channel 30 V 9.8 m廓 logic level MOSFET in LFPAK33 using NextPower Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com