Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

62166 Datasheet(PDF) 1 Page - Micropac Industries

Part # 62166
Description  BI-COLOR HERMETIC LED INDICATOR WITH WIRES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROPAC [Micropac Industries]
Direct Link  http://www.micropac.com
Logo MICROPAC - Micropac Industries

62166 Datasheet(HTML) 1 Page - Micropac Industries

  62166 Datasheet HTML 1Page - Micropac Industries 62166 Datasheet HTML 2Page - Micropac Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MICROPAC INDUSTRIES, INC. OPTOELECTRONIC PRODUCTS DIVISION
•••• 725 E.Walnut St., Garland, TX 75040 •••• (972)272-3571 •••• Fax (972)487-6918
www.micropac.com
E-MAIL: OPTOSALES @ MICROPAC.COM
62166 BI-COLOR HERMETIC LED INDICATOR WITH WIRES
OPTOELECTRONIC PRODUCTS
DIVISION
04/21/2009
Features:
Hermetically sealed
Choice of color combinations
Panel Mount with 15” 22 AWG wire leads
Designed for Hi-Reliability applications
Applications:
P.C. Board Fault Indicator
Logic Status Indicator
Binary Data Display
Power supply on/off indicator
DESCRIPTION
The 62166 series indicators contain 2 separately addressable LED die hermetically sealed in a TO-46 package with a
diffused dome lens which provides improved viewability in bright sunlight. The RED and YELLOW die utilize high efficiency
GaAsP on GaP material, while the GREEN die utilizes GaP on GaP material. The TO-46 package is wired with 3 15”
22 AWG Teflon insulated wires and potted into a panel mount housing for ease of installation.
ABSOLUTE MAXIMUM RATINGS
Reverse Voltage ...................................................................................................................................................................5 Vdc
Power Dissipation (Note 1)............................................................................................................................................... 120 mW
Forward Current-Continuous ................................................................................................................................................35 mA
Storage Temperature.......................................................................................................................................... -65°C to +100°C
Operating Temperature ....................................................................................................................................... -55°C to +100°C
Lead Maximum Insertion Torque...................................................................................................................................... 25 in•lbs
NOTES:
1.
Derate linearly at the rate of 1.6 mW/°C above 25°C
Dimensions
Schematic Diagram
ALODINE
0.312-32 UNF-2A
0.372 [9.45]
0.420 [10.67]
0.089 [2.26]
0.425 [10.80]
0.021 [0.53]
CATHODE
0.520 [13.21]
0.500 [12.70]
0.070 [1.78]
0.060 [1.52]
15 [381]
0.025 [0.64] NOM.
0.105 [2.67]
0.095 [2.41]
ALL DIMENSIONS ARE IN INCHES [MILLIMETERS]
0.387 [9.83]
0.377 [9.58]
ANODE 2
CATHODE
COMMON
0.028 [0.71] SQ TYP
ANODE 1
A1
A2
COMMON CATHODE
-21X A1 - ANODE OF RED LED (RED WIRE)
A2 - ANODE OF YELLOW LED (WHITE WIRE)
-31X A1 - ANODE OF RED LED (RED WIRE)
A2 - ANODE OF GREEN LED (WHITE WIRE)
-41X A1 - ANODE OF YELLOW LED (RED WIRE)
A2 - ANODE OF GREEN LED (WHITE WIRE)
(RED WIRE)
(WHITE WIRE)
(BLACK WIRE)
(BLACK, 22 AWG
TEFLON INSULATED
WIRE)


Similar Part No. - 62166

ManufacturerPart #DatasheetDescription
logo
Micropac Industries
62162 MICROPAC-62162 Datasheet
105Kb / 2P
   BLUE LIGHT EMITTING DIODE
logo
TE Connectivity Ltd
62162-1 TEC-62162-1 Datasheet
40Kb / 1P
   THIS DRAWING IS A CONTROLLED DOCUMENT.
62168-1 TEC-62168-1 Datasheet
36Kb / 1P
   THIS DRAWING IS A CONTROLLED DOCUMENT.
More results

Similar Description - 62166

ManufacturerPart #DatasheetDescription
logo
Micropac Industries
62072 MICROPAC-62072 Datasheet
160Kb / 3P
   BI-COLOR HERMETIC LED INDICATORS
logo
Visual Communications C...
5100H1-5 VCC-5100H1-5 Datasheet
91Kb / 1P
   Panel Mounted Bi-Color LED Indicator
logo
List of Unclassifed Man...
XLUGR29M ETC1-XLUGR29M Datasheet
227Kb / 4P
   BI-COLOR INDICATOR LAMP
logo
Chicago Miniature Lamp,...
1903X2XX CML-1903X2XX Datasheet
382Kb / 1P
   LED Indicator 6mm Recessed (Interior) Bezel BI-Color LED
logo
Kingbright Corporation
WP119SURKMGKWT KINGBRIGHT-WP119SURKMGKWT Datasheet
109Kb / 4P
   2x5mm BI-COLOR INDICATOR LAMP
WP799SRSGW-CC KINGBRIGHT-WP799SRSGW-CC Datasheet
462Kb / 7P
   8mm BI-COLOR INDICATOR LAMP
WP119SURKMGKWT KINGBRIGHT-WP119SURKMGKWT Datasheet
451Kb / 7P
   2x5mm BI-COLOR INDICATOR LAMP
WP799SURKMGKW KINGBRIGHT-WP799SURKMGKW Datasheet
455Kb / 7P
   8mm BI-COLOR INDICATOR LAMP
WP119EGWT KINGBRIGHT-WP119EGWT_15 Datasheet
342Kb / 7P
   2x5mm BI-COLOR INDICATOR LAMP
logo
Toshiba Semiconductor
TLRMHGH48M TOSHIBA-TLRMHGH48M Datasheet
279Kb / 3P
   BI-COLOR HIGH LUMINOSITY INDICATOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com