Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SQ4410EY Datasheet(PDF) 6 Page - Vishay Siliconix

Part # SQ4410EY
Description  Automotive N-Channel 30 V (D-S) 175 °C MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SQ4410EY Datasheet(HTML) 6 Page - Vishay Siliconix

Back Button SQ4410EY_15 Datasheet HTML 2Page - Vishay Siliconix SQ4410EY_15 Datasheet HTML 3Page - Vishay Siliconix SQ4410EY_15 Datasheet HTML 4Page - Vishay Siliconix SQ4410EY_15 Datasheet HTML 5Page - Vishay Siliconix SQ4410EY_15 Datasheet HTML 6Page - Vishay Siliconix SQ4410EY_15 Datasheet HTML 7Page - Vishay Siliconix SQ4410EY_15 Datasheet HTML 8Page - Vishay Siliconix SQ4410EY_15 Datasheet HTML 9Page - Vishay Siliconix SQ4410EY_15 Datasheet HTML 10Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
SQ4410EY
www.vishay.com
Vishay Siliconix
S12-2200-Rev. D, 24-Sep-12
6
Document Number: 65674
For technical questions, contact: automostechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
THERMAL RATINGS (TA = 25 °C, unless otherwise noted)
Normalized Thermal Transient Impedance, Junction-to Foot
Note
• The characteristics shown in the two graphs
- Normalized Transient Thermal Impedance Junction-to-Ambient (25 °C)
- Normalized Transient Thermal Impedance Junction-to-Foot (25 °C)
are given for general guidelines only to enable the user to get a “ball park” indication of part capabilities. The data are extracted from single
pulse transient thermal impedance characteristics which are developed from empirical measurements. The latter is valid for the part
mounted on printed circuit board - FR4, size 1" x 1" x 0.062", double sided with 2 oz. copper, 100 % on both sides. The part capabilities
can widely vary depending on actual application parameters and operating conditions.
Vishay Siliconix maintains worldwide manufacturing capability. Products may be manufactured at one of several qualified locations. Reliability data for Silicon
Technology and Package Reliability represent a composite of all qualified locations. For related documents such as package/tape drawings, part marking, and
reliability data, see www.vishay.com/ppg?65674.
10- 3
10- 2
10
10- 1
10- 4
1
2
0.1
0.01
0.2
0.1
0.05
0.02
Duty Cycle = 0.5
Square Wave Pulse Duration (s)
Single Pulse
1


Similar Part No. - SQ4410EY_15

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
SQ4410EY-T1-GE3 VBSEMI-SQ4410EY-T1-GE3 Datasheet
1Mb / 9P
   N-Channel 20V (D-S) MOSFET
logo
Vishay Siliconix
SQ4410EY VISHAY-SQ4410EY_V01 Datasheet
240Kb / 9P
   Automotive N-Channel 30 V (D-S) 175 째C MOSFET
01-Jan-2022
SQ4410EY VISHAY-SQ4410EY_V02 Datasheet
239Kb / 9P
   Automotive N-Channel 30 V (D-S) 175 °C MOSFET
01-Jan-2023
More results

Similar Description - SQ4410EY_15

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQM120N03-1M5L VISHAY-SQM120N03-1M5L Datasheet
173Kb / 9P
   Automotive N-Channel 30 V (D-S) 175 °C MOSFET
Rev. A, 13-Jun-11
SQ1470AEH VISHAY-SQ1470AEH Datasheet
296Kb / 13P
   Automotive N-Channel 30 V (D-S) 175 °C MOSFET
Rev. A, 17-Jun-15
SQJ840EP VISHAY-SQJ840EP Datasheet
152Kb / 9P
   Automotive N-Channel 30 V (D-S) 175 °C MOSFET
Rev. B, 28-Nov-11
SQM120N031M5L VISHAY-SQM120N031M5L_15 Datasheet
163Kb / 10P
   Automotive N-Channel 30 V (D-S) 175 °C MOSFET
Rev. A, 13-Jun-11
SQD100N03-3M2L VISHAY-SQD100N03-3M2L_15 Datasheet
160Kb / 10P
   Automotive N-Channel 30 V (D-S) 175 °C MOSFET
Rev. A, 04-Mar-13
SQM30010EL VISHAY-SQM30010EL_V02 Datasheet
196Kb / 9P
   Automotive N-Channel 30 V (D-S) 175 °C MOSFET
01-Jan-2023
SQD100N03-3M4 VISHAY-SQD100N03-3M4_V02 Datasheet
161Kb / 9P
   Automotive N-Channel 30 V (D-S) 175 °C MOSFET
01-Jan-2023
SQ1470AEH VISHAY-SQ1470AEH_V02 Datasheet
280Kb / 12P
   Automotive N-Channel 30 V (D-S) 175 °C MOSFET
01-Jan-2023
SQJ128ELP VISHAY-SQJ128ELP_V02 Datasheet
342Kb / 8P
   Automotive N-Channel 30 V (D-S) 175 °C MOSFET
01-Jan-2023
SQ3456BEV VISHAY-SQ3456BEV Datasheet
134Kb / 7P
   Automotive N-Channel 30 V (D-S) 175 °C MOSFET
Rev. A, 06-Jun-11
SQ3456EV VISHAY-SQ3456EV Datasheet
214Kb / 11P
   Automotive N-Channel 30 V (D-S) 175 °C MOSFET
Rev. D, 16-Apr-12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com