Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SS16 Datasheet(PDF) 1 Page - Micro Commercial Components

Part # SS16
Description  1 Amp Schottky Rectifier 20 to 100 Volts
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

SS16 Datasheet(HTML) 1 Page - Micro Commercial Components

  SS16 Datasheet HTML 1Page - Micro Commercial Components SS16 Datasheet HTML 2Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SS12
THRU
SS110
1 Amp Schottky
Rectifier
20 to 100 Volts
Features
Schottky Barrier Rectifier
Guard Ring Protection
Low Forward Voltage
Reverse Energy Tested
High Current Capability
Extremely Low Thermal Resistance
Maximum Ratings
Operating Temperature: -55
°C to +125°C
Storage Temperature: -55
°C to +150°C
Maximum Thermal Resistance; 35
°C/W Junction To Lead
MCC
Catalog
Number
Device
Marking
Maximum
Recurrent
Peak Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
SS12
SS12
20V
14V
20V
SS13
SS13
30V
21V
30V
SS14
SS14
40V
28V
40V
SS15
SS15
50V
35V
50V
SS16
SS16
60V
42V
60V
SS18
SS18
80V
56V
80V
SS110
SS110
100V
70V
100V
Electrical Characteristics @ 25°C Unless Otherwise Specified
Average Forward
Current
IF(AV)
1.0A
TJ = 100
°C
Peak Forward Surge
Current
IFSM
30A
8.3ms, half sine
Maximum
Instantaneous
Forward Voltage
SS12
SS13
SS14
SS15-16
SS18-110
VF
.45V
.55V
.60V
.70V
.85V
IFM = 1.0A;
TJ = 25
°C*
Typical Junction
Capacitance
SS12 - SS16
SS18-SS110
CJ
110pF
20pF
Measured at
1.0MHz, VR=4.0V
*Pulse test: Pulse width 300
µsec, Duty cycle 2%
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
0.5mA
20mA
TA = 25°C
TA = 100°C
www.mccsemi.com
H
J
E
F
G
A
B
D
C
Cathode Band
0.070”
0.090”
0.085”
SUGGESTED SOLDER
PAD LAYOUT
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.078
.116
1.98
2.95
B
.067
.089
1.70
2.25
C
.002
.008
.05
.20
D
---
.02
---
.51
E
.035
.055
.89
1.40
F
.065
.096
1.65
2.45
G
.205
.224
5.21
5.69
H
.160
.180
4.06
4.57
J
.100
.112
2.57
2.84
DO-214AC
(SMAJ) (High Profile)
 omponents
21201 Itasca Street Chatsworth

 !"#
$%    !"#
MCC


Similar Part No. - SS16

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SS16 PANJIT-SS16 Datasheet
66Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Nanjing International G...
SS16 DGNJDZ-SS16 Datasheet
255Kb / 2P
   1.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Micro Commercial Compon...
SS16 MCC-SS16 Datasheet
187Kb / 3P
   1 Amp Schottky Rectifier 20 to 100 Volts
logo
Taiwan Semiconductor Co...
SS16 TSC-SS16 Datasheet
137Kb / 2P
   1.0 AMP. Surface Mount Schottky Barrier Rectifiers
logo
Galaxy Semi-Conductor H...
SS16 BILIN-SS16 Datasheet
488Kb / 4P
   Schottky Barrier Rectifiers
More results

Similar Description - SS16

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SS12FL MCC-SS12FL Datasheet
369Kb / 3P
   1 Amp Schottky Rectifier 20 to 100 Volts
SS12-TP MCC-SS12-TP Datasheet
208Kb / 3P
   1 Amp Schottky Rectifier 20 to 100 Volts
SK15-LTP MCC-SK15-LTP Datasheet
325Kb / 3P
   1 Amp Schottky Rectifier 20 to 100 Volts
2013/01/01
SK12-L MCC-SK12-L Datasheet
282Kb / 3P
   1 Amp Schottky Rectifier 20 to 100 Volts
SS12 MCC-SS12_11 Datasheet
187Kb / 3P
   1 Amp Schottky Rectifier 20 to 100 Volts
SS12E MCC-SS12E Datasheet
205Kb / 3P
   1 Amp Schottky Rectifier 20 to 100 Volts
SK110-LTP MCC-SK110-LTP Datasheet
312Kb / 3P
   1 Amp Schottky Rectifier 20 to 100 Volts
SS18E-TP MCC-SS18E-TP Datasheet
234Kb / 3P
   1 Amp Schottky Rectifier 20 to 100 Volts
SS12E MCC-SS12E_16 Datasheet
218Kb / 3P
   1 Amp Schottky Rectifier 20 to 100 Volts
SS12-L MCC-SS12-L_17 Datasheet
338Kb / 3P
   1 Amp Schottky Rectifier 20 to 100 Volts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com