Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SQ4284EY Datasheet(PDF) 8 Page - Vishay Siliconix

Part # SQ4284EY
Description  Automotive Dual N-Channel 40 V (D-S) 175 °C MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SQ4284EY Datasheet(HTML) 8 Page - Vishay Siliconix

Back Button SQ4284EY_15 Datasheet HTML 3Page - Vishay Siliconix SQ4284EY_15 Datasheet HTML 4Page - Vishay Siliconix SQ4284EY_15 Datasheet HTML 5Page - Vishay Siliconix SQ4284EY_15 Datasheet HTML 6Page - Vishay Siliconix SQ4284EY_15 Datasheet HTML 7Page - Vishay Siliconix SQ4284EY_15 Datasheet HTML 8Page - Vishay Siliconix SQ4284EY_15 Datasheet HTML 9Page - Vishay Siliconix SQ4284EY_15 Datasheet HTML 10Page - Vishay Siliconix SQ4284EY_15 Datasheet HTML 11Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
Vishay Siliconix
Package Information
Document Number: 71192
11-Sep-06
www.vishay.com
1
DIM
MILLIMETERS
INCHES
Min
Max
Min
Max
A
1.35
1.75
0.053
0.069
A1
0.10
0.20
0.004
0.008
B
0.35
0.51
0.014
0.020
C
0.19
0.25
0.0075
0.010
D
4.80
5.00
0.189
0.196
E
3.80
4.00
0.150
0.157
e
1.27 BSC
0.050 BSC
H
5.80
6.20
0.228
0.244
h
0.25
0.50
0.010
0.020
L
0.50
0.93
0.020
0.037
q
0°8°0°8°
S
0.44
0.64
0.018
0.026
ECN: C-06527-Rev. I, 11-Sep-06
DWG: 5498
4
3
1
2
5
6
8
7
H
E
h x 45
C
All Leads
q
0.101 mm
0.004"
L
BA1
A
e
D
0.25 mm (Gage Plane)
SOIC (NARROW): 8-LEAD
JEDEC Part Number: MS-012
S


Similar Part No. - SQ4284EY_15

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
SQ4284EY-T1-GE3 VBSEMI-SQ4284EY-T1-GE3 Datasheet
1Mb / 9P
   Dual N-Channel 60 V (D-S) 175 째C MOSFET
logo
Vishay Siliconix
SQ4284EY VISHAY-SQ4284EY_V01 Datasheet
217Kb / 9P
   Automotive Dual N-Channel 40 V (D-S) 175 째C MOSFET
01-Jan-2022
SQ4284EY VISHAY-SQ4284EY_V02 Datasheet
216Kb / 9P
   Automotive Dual N-Channel 40 V (D-S) 175 °C MOSFET
01-Jan-2023
More results

Similar Description - SQ4284EY_15

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQJ970EP VISHAY-SQJ970EP Datasheet
156Kb / 9P
   Automotive Dual N-Channel 40 V (D-S) 175 °C MOSFET
Rev. C, 19-Dec-11
SQJQ904E VISHAY-SQJQ904E Datasheet
214Kb / 7P
   Automotive Dual N-Channel 40 V (D-S) 175 °C MOSFET
Rev. A, 20-Feb-17
SQJB48EP VISHAY-SQJB48EP_V02 Datasheet
270Kb / 10P
   Automotive Dual N-Channel 40 V (D-S) 175 °C MOSFET
01-Jan-2023
SQ4940AEY VISHAY-SQ4940AEY_V02 Datasheet
217Kb / 9P
   Automotive Dual N-Channel 40 V (D-S) 175 °C MOSFET
01-Jan-2023
SQJQ906EL VISHAY-SQJQ906EL Datasheet
243Kb / 7P
   Automotive Dual N-Channel 40 V (D-S) 175 °C MOSFET
Rev. A, 05-Sep-16
SQJQ904E VISHAY-SQJQ904E_V02 Datasheet
266Kb / 10P
   Automotive Dual N-Channel 40 V (D-S) 175 °C MOSFET
01-Jan-2023
SQS940ELNW VISHAY-SQS940ELNW_V01 Datasheet
204Kb / 6P
   Automotive Dual N-Channel 40 V (D-S) 175 °C MOSFET
01-Jan-2023
SQS944ENW VISHAY-SQS944ENW_V02 Datasheet
597Kb / 11P
   Automotive Dual N-Channel 40 V (D-S) 175 °C MOSFET
01-Jan-2023
SQJB46ELP VISHAY-SQJB46ELP_V02 Datasheet
216Kb / 6P
   Automotive Dual N-Channel 40 V (D-S) 175 °C MOSFET
01-Jan-2023
SQJB04ELP VISHAY-SQJB04ELP_V02 Datasheet
271Kb / 9P
   Automotive Dual N-Channel 40 V (D-S) 175 °C MOSFET
01-Jan-2023
SQJB46EP VISHAY-SQJB46EP_V02 Datasheet
243Kb / 7P
   Automotive Dual N-Channel 40 V (D-S) 175 °C MOSFET
01-Jan-2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com