Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL55001IBZ-T7 Datasheet(PDF) 1 Page - Intersil Corporation

Part # ISL55001IBZ-T7
Description  High Supply Voltage 220MHz Unity-Gain Stable Operational Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL55001IBZ-T7 Datasheet(HTML) 1 Page - Intersil Corporation

  ISL55001IBZ-T7 Datasheet HTML 1Page - Intersil Corporation ISL55001IBZ-T7 Datasheet HTML 2Page - Intersil Corporation ISL55001IBZ-T7 Datasheet HTML 3Page - Intersil Corporation ISL55001IBZ-T7 Datasheet HTML 4Page - Intersil Corporation ISL55001IBZ-T7 Datasheet HTML 5Page - Intersil Corporation ISL55001IBZ-T7 Datasheet HTML 6Page - Intersil Corporation ISL55001IBZ-T7 Datasheet HTML 7Page - Intersil Corporation ISL55001IBZ-T7 Datasheet HTML 8Page - Intersil Corporation ISL55001IBZ-T7 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright Intersil Americas Inc. 2005, 2006, 2008, 2009. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.
High Supply Voltage 220MHz Unity-Gain Stable
Operational Amplifier
ISL55001
The ISL55001 is a high speed, low power, low cost
monolithic operational amplifier. The ISL55001 is
unity-gain stable and features a 300V/µs slew rate and
220MHz bandwidth while requiring only 9mA of supply
current.
The power supply operating range of the ISL55001 is
from ±15V down to ±2.5V. For single-supply operation,
the ISL55001 operates from 30V down to 5V.
The ISL55001 also features an extremely wide output
voltage swing of -12.75V/+13.4V with VS = ±15V and
RL =1kΩ.
At a gain of +1, the ISL55001 has a -3dB bandwidth of
220MHz with a phase margin of 50°. Because of its
conventional voltage-feedback topology, the ISL55001
allows the use of reactive or non-linear elements in its
feedback network. This versatility combined with low
cost and 140mA of output-current drive makes the
ISL55001 an ideal choice for price-sensitive applications
requiring low power and high speed.
The ISL55001 is available in an 8 Ld SO package and
specified for operation over the full -40°C to +85°C
temperature range.
Features
•220MHz -3dB Bandwidth
• Unity-gain Stable
• Low Supply Current: 9mA @ VS = ±15V
• Wide Supply Range: ±2.5V to ±15V Dual-Supply and
5V to 30V Single-Supply
• High Slew Rate: 300V/µs
• Fast Settling: 75ns to 0.1% for a 10V Step
• Wide Output Voltage Swing: -12.75V/+13.6V with
VS = ±15V, RL =1kΩ
• Low Cost, Enhanced Replacement for the EL2044
• Pb-free (RoHS compliant)
Applications
• Video Amplifiers
• Single-supply Amplifiers
• Active Filters/Integrators
• High Speed Sample-and-Hold
• High Speed Signal Processing
• ADC/DAC Buffers
• Pulse/RF Amplifiers
• Pin Diode Receivers
• Log Amplifiers
• Photo Multiplier Amplifiers
• Difference Amplifier
Pin Configuration
ISL55001
(8 LD SO)
TOP VIEW
Ordering Information
PART NUMBER
PART
MARKING
PACKAGE
(Pb-free)
PKG.
DWG. #
ISL55001IBZ
(Note 2)
55001 IBZ
8 Ld SO
M8.15E
ISL55001IBZ-T7
(Note 1, 2)
55001 IBZ
8 Ld SO
M8.15E
ISL55001IBZ-T13
(Notes 1, 2)
55001 IBZ
8 Ld SO
M8.15E
NOTES:
1. Please refer to TB347 for details on reel specifications.
2. These Intersil Pb-free plastic packaged products employ
special Pb-free material sets, molding compounds/die
attach materials, and 100% matte tin plate plus anneal
(e3 termination finish, which is RoHS compliant and
compatible with both SnPb and Pb-free soldering
operations). Intersil Pb-free products are MSL classified
at Pb-free peak reflow temperatures that meet or
exceed the Pb-free requirements of IPC/JEDEC J STD-
020.
3. For Moisture Sensitivity Level (MSL), please see device
information page for ISL55001. For more information on
MSL please see techbrief TB363.
1
2
3
4
8
7
6
5
-
+
NC
IN-
IN+
VS-
NC
VS+
OUT
NC
November 3, 2009
FN6200.3


Similar Part No. - ISL55001IBZ-T7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL55001IBZ-T7 INTERSIL-ISL55001IBZ-T7 Datasheet
562Kb / 12P
   High Supply Voltage 220MHz Unity-Gain Stable Operational Amplifier
logo
Renesas Technology Corp
ISL55001IBZ-T7 RENESAS-ISL55001IBZ-T7 Datasheet
863Kb / 12P
   High Supply Voltage 220MHz Unity-Gain Stable Operational Amplifier
More results

Similar Description - ISL55001IBZ-T7

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL55001 RENESAS-ISL55001 Datasheet
863Kb / 12P
   High Supply Voltage 220MHz Unity-Gain Stable Operational Amplifier
logo
Intersil Corporation
ISL55001 INTERSIL-ISL55001 Datasheet
562Kb / 12P
   High Supply Voltage 220MHz Unity-Gain Stable Operational Amplifier
ISL55002 INTERSIL-ISL55002 Datasheet
699Kb / 14P
   High Supply Voltage 220MHz Unity-Gain Stable Operational Amplifiers
ISL55004IB INTERSIL-ISL55004IB Datasheet
512Kb / 12P
   High Supply Voltage 200MHz Unity-Gain Stable Operational Amplifier
July 27, 2006
ISL55004 INTERSIL-ISL55004_06 Datasheet
508Kb / 12P
   High Supply Voltage 200MHz Unity-Gain Stable Operational Amplifier
logo
Renesas Technology Corp
ISL55004 RENESAS-ISL55004 Datasheet
800Kb / 12P
   High Supply Voltage 200MHz Unity-Gain Stable Operational Amplifier
ISL55002 RENESAS-ISL55002 Datasheet
815Kb / 12P
   High Supply Voltage 200MHz Unity-Gain Stable Operational Amplifier
logo
Intersil Corporation
ISL55002 INTERSIL-ISL55002_06 Datasheet
530Kb / 12P
   High Supply Voltage 200MHz Unity-Gain Stable Operational Amplifier
logo
Elantec Semiconductor
EL2073C ELANTEC-EL2073C Datasheet
368Kb / 12P
   200MHz Unity-Gain Stable Operational Amplifier
logo
Intersil Corporation
EL2073 INTERSIL-EL2073 Datasheet
252Kb / 10P
   200MHz Unity-Gain Stable Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com