Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL9307IRTAANYZ-T7A Datasheet(PDF) 2 Page - Intersil Corporation

Part # ISL9307IRTAANYZ-T7A
Description  3MHz Dual 1500mA Step-Down Converters and Dual Low-Input LDOs
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL9307IRTAANYZ-T7A Datasheet(HTML) 2 Page - Intersil Corporation

  ISL9307IRTAANYZ-T7A Datasheet HTML 1Page - Intersil Corporation ISL9307IRTAANYZ-T7A Datasheet HTML 2Page - Intersil Corporation ISL9307IRTAANYZ-T7A Datasheet HTML 3Page - Intersil Corporation ISL9307IRTAANYZ-T7A Datasheet HTML 4Page - Intersil Corporation ISL9307IRTAANYZ-T7A Datasheet HTML 5Page - Intersil Corporation ISL9307IRTAANYZ-T7A Datasheet HTML 6Page - Intersil Corporation ISL9307IRTAANYZ-T7A Datasheet HTML 7Page - Intersil Corporation ISL9307IRTAANYZ-T7A Datasheet HTML 8Page - Intersil Corporation ISL9307IRTAANYZ-T7A Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
ISL9307
2
FN7931.3
September 20, 2012
Block Diagram
TABLE 1. TYPICAL APPLICATION PART LIST
PARTS
DESCRIPTION
MANUFACTURER
PART NUMBER
SPECIFICATIONS
SIZE
L1, L2
Inductor
Sumida
CDRH2D14NP-1R5
1.5µH/1.80A/50mΩ
3.0mmx3.0mmx1.55mm
C1
Input capacitor
Murata
GRM21BR60J106KE19L
10µF/6.3V
0805
C2, C3
Input capacitor
Murata
GRM185R60J105KE26D
1µF/6.3V
0603
C4, C5
Output capacitor
Murata
GRM21BR60J106KE19L
4.7µF/6.3V
0805
C6, C7
Output capacitor
Murata
GRM185R60J105KE26D
10µF/6.3V
0603
R1, R2,
R3, R4
Resistor
Various
1%, SMD, 0.1Ω
0603
LDO1
300mA
DCD2
BUCK
CONVERTER
VINDCD1
FB1
SW1
GNDDCD1
VINDCD2
FB2
SW2
GNDDCD2
VOLDO1
VOLDO2
ENLDO1
ENLDO2
ENDCD1
GNDLDO
10µF
1µF
1µF
10µF
4.7µF
4.7µF
1µF
1.5µH
1.5µH
DCD1
BUCK
CONVERTER
OVER-
CURRENT
PROTECTION
ANALOG/LOGIC
CIRCUIT INPUT
THERMAL
SHUTDOWN
LDO2
300mA
SHORT
CIRCUIT
PROTECTION
ENDCD2
VINLDO


Similar Part No. - ISL9307IRTAANYZ-T7A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL9307IRTAANYZ-T7A RENESAS-ISL9307IRTAANYZ-T7A Datasheet
678Kb / 13P
   3MHz Dual 1500mA Step-Down Converters and Dual Low-Input LDOs
More results

Similar Description - ISL9307IRTAANYZ-T7A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL9307 RENESAS-ISL9307 Datasheet
678Kb / 13P
   3MHz Dual 1500mA Step-Down Converters and Dual Low-Input LDOs
logo
Intersil Corporation
ISL9305 INTERSIL-ISL9305_11 Datasheet
777Kb / 17P
   3MHz Dual Step-Down Converters and Dual Low-Input LDOs
ISL9305 INTERSIL-ISL9305 Datasheet
784Kb / 17P
   3MHz Dual Step-Down Converters and Dual Low-Input LDOs
ISL9305H INTERSIL-ISL9305H Datasheet
656Kb / 16P
   3MHz Dual 1.5A Step-Down Converters and Dual Low-Input LDOs with I2C Compatible
ISL9305IRTAANLZ-T INTERSIL-ISL9305IRTAANLZ-T Datasheet
568Kb / 16P
   3MHz Dual Step-Down Converters and Dual Low-Input LDOs with I2C Compatible Interface
February 9, 2015
logo
Renesas Technology Corp
ISL9305 RENESAS-ISL9305 Datasheet
924Kb / 17P
   3MHz Dual Step-Down Converters and Dual Low-Input LDOs with I2C Compatible Interface
logo
Intersil Corporation
ISL9305IRTHAANLZ-T INTERSIL-ISL9305IRTHAANLZ-T Datasheet
664Kb / 17P
   3MHz Dual 1.5A Step-Down Converters and Dual Low-Input LDOs with I2C Compatible Interface
October 5, 2011
ISL9305H INTERSIL-ISL9305H_11 Datasheet
666Kb / 17P
   3MHz Dual 1.5A Step-Down Converters and Dual Low-Input LDOs with I2C Compatible Interface
logo
Renesas Technology Corp
ISL9305H RENESAS-ISL9305H Datasheet
808Kb / 17P
   3MHz Dual 1.5A Step-Down Converters and Dual Low-Input LDOs with I2C Compatible Interface
logo
Maxim Integrated Produc...
MAX16922 MAXIM-MAX16922 Datasheet
1Mb / 16P
   2.2MHz, Dual, Step-Down DC-DC Converters, Dual LDOs, and RESET
Rev 0; 10/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com