Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL28107FUZ-T7 Datasheet(PDF) 6 Page - Intersil Corporation

Part # ISL28107FUZ-T7
Description  Precision Single, Dual and Quad Low Noise Operational Amplifiers
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28107FUZ-T7 Datasheet(HTML) 6 Page - Intersil Corporation

Back Button ISL28107FUZ-T7 Datasheet HTML 2Page - Intersil Corporation ISL28107FUZ-T7 Datasheet HTML 3Page - Intersil Corporation ISL28107FUZ-T7 Datasheet HTML 4Page - Intersil Corporation ISL28107FUZ-T7 Datasheet HTML 5Page - Intersil Corporation ISL28107FUZ-T7 Datasheet HTML 6Page - Intersil Corporation ISL28107FUZ-T7 Datasheet HTML 7Page - Intersil Corporation ISL28107FUZ-T7 Datasheet HTML 8Page - Intersil Corporation ISL28107FUZ-T7 Datasheet HTML 9Page - Intersil Corporation ISL28107FUZ-T7 Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
ISL28107, ISL28207, ISL28407
6
FN6631.8
September 29, 2015
Submit Document Feedback
Absolute Maximum Ratings
Thermal Information
Maximum Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 42V
Maximum Differential Input Current . . . . . . . . . . . . . . . . . . . . . . . . . . 20mA
Maximum Differential Input Voltage . . . . . . . . . . . (V-) - 0.5V to (V+) + 0.5V
Min/Max Input Voltage . . . . . . . . . . . . . . . . . . . . . . (V-) - 0.5V to (V+) + 0.5V
Max/Min Input Current for Input Voltage >V+ or <V- . . . . . . . . . . . . ±20mA
Output Short-Circuit Duration (1 Output at a Time) . . . . . . . . . . Indefinite
ESD Tolerance
Human Body Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .4.5kV
Machine Model (ISL28207 MSOP only). . . . . . . . . . . . . . . . . . . . . . . 300V
Machine Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 500V
Charged Device Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .1.5kV
ESD Tolerance (ISL28407 SOIC only)
Human Body Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6kV
Machine Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 450V
Charged Device Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2kV
Thermal Resistance (Typical)
JA (°C/W)
JC (°C/W)
8 Ld SOIC (ISL28107, Notes 4, 5). . . . . . . .
120
60
8 Ld SOIC (ISL28207, Notes 4, 5) . . . . . . .
105
50
8 Ld MSOP (ISL28107, Notes 4, 5) . . . . . .
155
50
8 Ld MSOP (ISL28207, Notes 4, 5) . . . . . .
160
55
8 Ld TDFN (ISL28107, Notes 6, 7) . . . . . . .
44
3
8 Ld TDFN (ISL28207, Notes 6, 7) . . . . . .
43
2
14 Ld SOIC (ISL28407, Notes 4, 5) . . . . . .
73
45
Storage Temperature Range. . . . . . . . . . . . . . . . . . . . . . . .-65°C to +150°C
Pb-Free Reflow Profile . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
Operating Conditions
Ambient Operating Temperature Range . . . . . . . . . . . . . .-40°C to +125°C
Maximum Operating Junction Temperature . . . . . . . . . . . . . . . . . .+150°C
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product
reliability and result in failures not covered by warranty.
NOTES:
4.
JA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
5. For
JC, the “case temp” location is taken at the package top center.
6.
JA is measured in free air with the component mounted on a high effective thermal conductivity test board with “direct attach” features. See Tech
Brief TB379.
7. For
JC, the “case temp” location is the center of the exposed metal pad on the package underside.
Electrical Specifications V
S ±15V, VCM = 0, VO = 0V, RL = Open, TA= +25°C, unless otherwise noted. Boldface limits apply over the
operating temperature range, -40°C to +125°C.
PARAMETER
DESCRIPTION
CONDITIONS
MIN
(Note 8)
TYP
MAX
(Note 8)
UNIT
VOS
Offset Voltage Magnitude; SOIC
Package
ISL28107, ISL28207
-75
5
75
µV
-140
140
µV
ISL28407
-90
10
90
µV
-160
160
µV
Offset Voltage Magnitude; MSOP
Package
ISL28107
-100
5
100
µV
-180
180
µV
ISL28207
-110
5
110
µV
-200
200
µV
Offset Voltage Magnitude; TDFN
Package
ISL28107
-100
10
100
µV
-190
190
µV
ISL28207
-100
10
100
µV
-175
175
µV
TCVOS
Offset Voltage Drift; SOIC Package ISL28107, ISL28207
-0.65
0.1
0.65
µV/°C
ISL28407
-0.8
0.2
0.8
µV/°C
Offset Voltage Drift; MSOP
Package
ISL28107
-0.85
0.1
0.85
µV/°C
ISL28207
-0.9
0.1
0.9
µV/°C
Offset Voltage Drift; TDFN
Package
ISL28107
-0.9
0.1
0.9
µV/°C
ISL28207
-0.75
0.1
0.75
µV/°C


Similar Part No. - ISL28107FUZ-T7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL28107FUZ-T7 INTERSIL-ISL28107FUZ-T7 Datasheet
1Mb / 32P
   Precision Single, Dual and Quad Low Noise Operational Amplifiers
ISL28107FUZ-T7A INTERSIL-ISL28107FUZ-T7A Datasheet
1Mb / 32P
   Precision Single, Dual and Quad Low Noise Operational Amplifiers
More results

Similar Description - ISL28107FUZ-T7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL28107_1110 INTERSIL-ISL28107_1110 Datasheet
1Mb / 32P
   Precision Single, Dual and Quad Low Noise Operational Amplifiers
logo
Renesas Technology Corp
ISL28107 RENESAS-ISL28107 Datasheet
1Mb / 31P
   Precision Single, Dual and Quad Low Noise Operational Amplifiers
logo
Intersil Corporation
ISL28107_1009 INTERSIL-ISL28107_1009 Datasheet
1Mb / 32P
   Precision Single, Dual and Quad Low Noise Operational Amplifiers
logo
Linear Technology
OP-270 LINER-OP-270 Datasheet
266Kb / 4P
   Dual/Quad Low Noise, Precision Operational Amplifiers???
logo
Intersil Corporation
ISL28107 INTERSIL-ISL28107_09 Datasheet
1Mb / 22P
   Precision Single and Dual Low Noise Operational Amplifiers
ISL28107 INTERSIL-ISL28107_10 Datasheet
1Mb / 23P
   Precision Single and Dual Low Noise Operational Amplifiers
ISL28127 INTERSIL-ISL28127_10 Datasheet
1Mb / 23P
   Precision Single and Dual Low Noise Operational Amplifiers
logo
Renesas Technology Corp
ISL28127 RENESAS-ISL28127 Datasheet
2Mb / 33P
   Precision Single and Dual Low Noise Operational Amplifiers
logo
Intersil Corporation
ISL28107 INTERSIL-ISL28107 Datasheet
957Kb / 12P
   Precision Single and Dual Low Noise Operational Amplifiers
ISL28127 INTERSIL-ISL28127 Datasheet
1Mb / 12P
   Precision Single and Dual Low Noise Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com