Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL28177FBZ-T7A Datasheet(PDF) 7 Page - Intersil Corporation

Part # ISL28177FBZ-T7A
Description  40V General Purpose Precision Operational Amplifier
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28177FBZ-T7A Datasheet(HTML) 7 Page - Intersil Corporation

Back Button ISL28177FBZ-T7A Datasheet HTML 3Page - Intersil Corporation ISL28177FBZ-T7A Datasheet HTML 4Page - Intersil Corporation ISL28177FBZ-T7A Datasheet HTML 5Page - Intersil Corporation ISL28177FBZ-T7A Datasheet HTML 6Page - Intersil Corporation ISL28177FBZ-T7A Datasheet HTML 7Page - Intersil Corporation ISL28177FBZ-T7A Datasheet HTML 8Page - Intersil Corporation ISL28177FBZ-T7A Datasheet HTML 9Page - Intersil Corporation ISL28177FBZ-T7A Datasheet HTML 10Page - Intersil Corporation ISL28177FBZ-T7A Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
ISL28177
7
FN7859.2
April 5, 2012
Applications Information
Functional Description
The ISL28177 is a low noise op amp fabricated in a 40V
complementary bipolar DI process designed for general purpose
low power applications. It utilizes a super-beta NPN input stage
with input bias current cancellation for low input bias current and
low input noise voltage. A complimentary bipolar output stage
enables high capacitive load drive without external
compensation.
Operating Voltage Range
The ISL28177 is designed to operate over the 6V (±3V) to 40V
(±20V) range. The common mode input voltage range extends to
2V from each rail, and the output voltage swings to 1.3V of
each rail.
Input Performance
The super-beta NPN input pair reduces input bias current while
maintaining good frequency response, low input bias current and
low noise. Input bias cancellation circuits provide additional bias
current reduction to <1nA, and excellent temperature
stabilization and low TCVOS.
Input ESD Diode Protection
The input terminals (IN+ and IN-) have internal ESD protection
diodes to the positive and negative supply rails, series connected
500Ω current limiting resistors and an anti-parallel diode pair
across the inputs (Figure 21).
The series resistors limit the high feed-through currents that can
occur in pulse applications when the input dv/dt exceeds the
0.2V/µs slew rate of the amplifier. Without the series resistors, the
input can forward-bias the anti-parallel diodes causing current to
flow to the output, resulting in severe distortion and possible diode
failure. Figure 17 provides an example of distortion free large signal
response using a 10VP-P input pulse with an input rise time of <1ns.
The series resistors enable the input differential voltage to be equal
to the maximum power supply voltage (40V) without damage.
In applications where one or both amplifier input terminals are at
risk of exposure to high voltages beyond the power supply rails,
current limiting resistors may be needed at the input terminal to
limit the current through the power supply ESD diodes to
20mA max.
Output Current Limiting
The output current is internally limited to approximately ±30mA
at +25°C and can withstand a short circuit to either rail as long
as the power dissipation limits are not exceeded. Continuous
operation under these conditions may degrade long term
reliability.
Output Phase Reversal
Output phase reversal is a change of polarity in the amplifier
transfer function when the input voltage exceeds the supply
voltage. The ISL28177 is immune to output phase reversal.
FIGURE 19. POSITIVE OUTPUT OVERLOAD RESPONSE TIME
FIGURE 20. NEGATIVE OUTPUT OVERLOAD RESPONSE TIME
Typical Performance Curves V
S = ±15V, VCM = 0V, RL = Open, unless otherwise specified. (Continued)
-2
0
2
4
6
8
10
12
14
16
-280
-240
-200
-160
-120
-80
-40
0
40
80
0
40
80
120 160 200 240 280 320 360 400
TIME (µs)
VS = ±15V
AV = 100
VIN = 200mVP-P
OVERDRIVE = 1V
RL = 10k
INPUT
OUTPUT
-16
-14
-12
-10
-8
-6
-4
-2
0
2
-80
-40
0
40
80
120
160
200
240
280
0
40
80
120 160 200 240 280 320 360 400
TIME (µs)
VS = ±15V
AV = 100
VIN = 200mVP-P
OVERDRIVE = 1V
RL = 10k
INPUT
OUTPUT
FIGURE 21. INPUT ESD DIODE CURRENT LIMITING
-
+
RL
VIN
VOUT
V+
V-
500Ω
500Ω


Similar Part No. - ISL28177FBZ-T7A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL28177FBZ-T7A RENESAS-ISL28177FBZ-T7A Datasheet
1Mb / 15P
   40V General Purpose Precision Operational Amplifier
More results

Similar Description - ISL28177FBZ-T7A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL28177 RENESAS-ISL28177 Datasheet
1Mb / 15P
   40V General Purpose Precision Operational Amplifier
logo
Texas Instruments
UA702M TI-UA702M Datasheet
193Kb / 4P
[Old version datasheet]   GENERAL-PURPOSE OPERATIONAL AMPLIFIER
logo
Raytheon Company
RC4741 RAYTHEON-RC4741 Datasheet
320Kb / 7P
   General Purpose Operational Amplifier
logo
NXP Semiconductors
MC1458 PHILIPS-MC1458 Datasheet
100Kb / 6P
   General purpose operational amplifier
August 31, 1994
MA741 PHILIPS-MA741 Datasheet
102Kb / 7P
   General purpose operational amplifier
1994 Aug 31
logo
NEC
UPC741 NEC-UPC741 Datasheet
296Kb / 10P
   GENERAL PURPOSE OPERATIONAL AMPLIFIER
logo
Analog Devices
OP02 AD-OP02 Datasheet
355Kb / 8P
   General - Purpose Operational Amplifier
logo
New Japan Radio
NJM4741 NJRC-NJM4741 Datasheet
233Kb / 6P
   GENERAL PURPOSE QUAD OPERATIONAL AMPLIFIER
logo
STMicroelectronics
UA741 STMICROELECTRONICS-UA741_01 Datasheet
88Kb / 5P
   GENERAL PURPOSE SINGLE OPERATIONAL AMPLIFIER
logo
Texas Instruments
LM218-Q1 TI1-LM218-Q1 Datasheet
148Kb / 7P
[Old version datasheet]   FAST GENERAL-PURPOSE OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com