Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL28177FBZ-T13 Datasheet(PDF) 4 Page - Intersil Corporation

Part # ISL28177FBZ-T13
Description  40V General Purpose Precision Operational Amplifier
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28177FBZ-T13 Datasheet(HTML) 4 Page - Intersil Corporation

  ISL28177FBZ-T13 Datasheet HTML 1Page - Intersil Corporation ISL28177FBZ-T13 Datasheet HTML 2Page - Intersil Corporation ISL28177FBZ-T13 Datasheet HTML 3Page - Intersil Corporation ISL28177FBZ-T13 Datasheet HTML 4Page - Intersil Corporation ISL28177FBZ-T13 Datasheet HTML 5Page - Intersil Corporation ISL28177FBZ-T13 Datasheet HTML 6Page - Intersil Corporation ISL28177FBZ-T13 Datasheet HTML 7Page - Intersil Corporation ISL28177FBZ-T13 Datasheet HTML 8Page - Intersil Corporation ISL28177FBZ-T13 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
ISL28177
4
FN7859.2
April 5, 2012
IS
Supply Current
1.18
1.4
mA
1.7
mA
VS
Supply Voltage
±3V
±20V
V
ISC
Short Circuit Current
30
mA
NOTE:
6. Compliance to datasheet limits is assured by one or more methods: production test, characterization and/or design.
Electrical Specifications VS = ±5V to ±15V, RL = Open, VCM = 0V, TA = +25°C, unless otherwise specified. Boldface limits apply over the
operating temperature range, -40°C to +125°C. (Continued)
PARAMETER
DESCRIPTION
CONDITIONS
MIN
(Note 6)
TYP
MAX
(Note 6)
UNIT
Typical Performance Curves V
S = ±15V, VCM = 0V, RL = Open, unless otherwise specified.
FIGURE 3. INPUT OFFSET VOLTAGE (VOS) vs TEMPERATURE
FIGURE 4. POWER SUPPLY CURRENT (IS) vs TEMPERATURE
FIGURE 5. POSITIVE INPUT BIAS CURRENT (IIB+) vs TEMPERATURE
FIGURE 6. NEGATIVE INPUT BIAS CURRENT (IIB-) vs TEMPERATURE
TEMPERATURE (°C)
-40
-20
0
20
40
60
80
100
120
-100
-80
-60
-40
-20
0
20
40
60
80
100
VS = ±15V
TEMPERATURE (°C)
-40
-20
0
2040
6080
100
120
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
VS = ±15V
TEMPERATURE (°C)
-40
-20
0
204060
80
100
120
-500
-400
-300
-200
-100
0
100
200
300
400
500
VS = ±15V
TEMPERATURE (°C)
-40
-20
0
2040
6080
100
120
-500
-400
-300
-200
-100
0
100
200
300
400
500
VS = ±15V


Similar Part No. - ISL28177FBZ-T13

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL28177FBZ-T13 RENESAS-ISL28177FBZ-T13 Datasheet
1Mb / 15P
   40V General Purpose Precision Operational Amplifier
More results

Similar Description - ISL28177FBZ-T13

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL28177 RENESAS-ISL28177 Datasheet
1Mb / 15P
   40V General Purpose Precision Operational Amplifier
logo
Texas Instruments
UA702M TI-UA702M Datasheet
193Kb / 4P
[Old version datasheet]   GENERAL-PURPOSE OPERATIONAL AMPLIFIER
logo
Raytheon Company
RC4741 RAYTHEON-RC4741 Datasheet
320Kb / 7P
   General Purpose Operational Amplifier
logo
NXP Semiconductors
MC1458 PHILIPS-MC1458 Datasheet
100Kb / 6P
   General purpose operational amplifier
August 31, 1994
MA741 PHILIPS-MA741 Datasheet
102Kb / 7P
   General purpose operational amplifier
1994 Aug 31
logo
NEC
UPC741 NEC-UPC741 Datasheet
296Kb / 10P
   GENERAL PURPOSE OPERATIONAL AMPLIFIER
logo
Analog Devices
OP02 AD-OP02 Datasheet
355Kb / 8P
   General - Purpose Operational Amplifier
logo
New Japan Radio
NJM4741 NJRC-NJM4741 Datasheet
233Kb / 6P
   GENERAL PURPOSE QUAD OPERATIONAL AMPLIFIER
logo
STMicroelectronics
UA741 STMICROELECTRONICS-UA741_01 Datasheet
88Kb / 5P
   GENERAL PURPOSE SINGLE OPERATIONAL AMPLIFIER
logo
Texas Instruments
LM218-Q1 TI1-LM218-Q1 Datasheet
148Kb / 7P
[Old version datasheet]   FAST GENERAL-PURPOSE OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com