Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL28005FH50Z-T7 Datasheet(PDF) 1 Page - Intersil Corporation

Part # ISL28005FH50Z-T7
Description  Micropower, Rail-to-Rail Input Current Sense Amplifier with Voltage Output
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28005FH50Z-T7 Datasheet(HTML) 1 Page - Intersil Corporation

  ISL28005FH50Z-T7 Datasheet HTML 1Page - Intersil Corporation ISL28005FH50Z-T7 Datasheet HTML 2Page - Intersil Corporation ISL28005FH50Z-T7 Datasheet HTML 3Page - Intersil Corporation ISL28005FH50Z-T7 Datasheet HTML 4Page - Intersil Corporation ISL28005FH50Z-T7 Datasheet HTML 5Page - Intersil Corporation ISL28005FH50Z-T7 Datasheet HTML 6Page - Intersil Corporation ISL28005FH50Z-T7 Datasheet HTML 7Page - Intersil Corporation ISL28005FH50Z-T7 Datasheet HTML 8Page - Intersil Corporation ISL28005FH50Z-T7 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
1
Micropower, Rail-to-Rail Input Current Sense Amplifier
with Voltage Output
ISL28005
The ISL28005 is a micropower, uni-directional high-side and
low-side current sense amplifier featuring a proprietary rail-to-rail
input current sensing amplifier. The ISL28005 is ideal for
high-side current sense applications where the sense voltage is
usually much higher than the amplifier supply voltage. The
device can be used to sense voltages as high as 28V when
operating from a supply voltage as low as 2.7V. The micropower
ISL28005 consumes only 50µA of supply current when operating
from a 2.7V to 28V supply.
The ISL28005 features a common-mode input voltage range
from 0V to 28V. The proprietary architecture extends the input
voltage sensing range down to 0V, making it an excellent choice
for low-side ground sensing applications. The benefit of this
architecture is that a high degree of total output accuracy is
maintained over the entire 0V to 28V common mode input
voltage range.
The ISL28005 is available in fixed (100V/V, 50V/V and 20V/V)
gains in the space saving 5 Ld SOT-23 package. The parts
operate over the extended temperature range from -40°C to
+125°C.
Features
• Low Power Consumption. . . . . . . . . . . . . . . . . . . . . . .50µA,Typ
• Supply Range . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .2.7V to 28V
• Wide Common Mode Input. . . . . . . . . . . . . . . . . . . . 0V to 28V
• Fixed Gain Versions
- ISL28005-100 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 100V/V
- ISL28005-50 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 50V/V
- ISL28005-20 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20V/V
• Operating Temperature Range. . . . . . . . . . .-40°C to +125°C
• Package. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5 Ld SOT-23
Applications
• Power Management/Monitors
• Power Distribution and Safety
• DC/DC, AC/DC Converters
• Battery Management/Charging
• Automotive Power Distribution
Related Literature
• See AN1531 for “ISL28005 Evaluation Board User’s Guide”
• See AN1567 for “ISL28005, ISL28006 Unidirectional Current
Sense Amplifiers”
ISL28005
GND
ISL28005
ISL28005
+5VDC
+12VDC
+
-
+1.0VDC
+1.0VDC
SENSE
SENSE
SENSE
OUTPUT
+5VDC
OUTPUT
+12VDC
OUTPUT
MULTIPLE
OUTPUT
POWER SUPPLY
ISENSE
+12VDC
ISENSE
+5VDC
ISENSE
+1.0VDC
+
-
+
-
RSENSE
+5VDC
+5VDC
+5VDC
RSENSE
RSENSE
FIGURE 1. TYPICAL APPLICATION
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
TIME (ms)
VTH(L-H) = 1.52V
VTH(H-L) = 1.23V
VRS+
G100, VOUT = 1V
G50, VOUT = 500mV
G20, VOUT = 200mV
VOUT (G=100)
FIGURE 2. HIGH-SIDE AND LOW-SIDE THRESHOLD VOLTAGE
October 24, 2013
FN6973.5
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Copyright Intersil Americas LLC 2009-2011, 2013. All Rights Reserved
Intersil (and design) is a trademark owned by Intersil Corporation or one of its subsidiaries.
All other trademarks mentioned are the property of their respective owners.


Similar Part No. - ISL28005FH50Z-T7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL28005FH50Z-T7 INTERSIL-ISL28005FH50Z-T7 Datasheet
857Kb / 14P
   Micropower, Rail-to-Rail Input Current Sense Amplifier
ISL28005FH50Z-T7 INTERSIL-ISL28005FH50Z-T7 Datasheet
751Kb / 14P
   Micropower, Rail-to-Rail Input Current Sense Amplifier with Voltage Output
ISL28005FH50Z-T7 INTERSIL-ISL28005FH50Z-T7 Datasheet
756Kb / 14P
   Micropower, Rail-to-Rail Input Current Sense Amplifier with Voltage Output
logo
Renesas Technology Corp
ISL28005FH50Z-T7 RENESAS-ISL28005FH50Z-T7 Datasheet
1Mb / 16P
   Micropower, Rail-to-Rail Input Current Sense Amplifier with Voltage Output
logo
Intersil Corporation
ISL28005FH50Z-T7A INTERSIL-ISL28005FH50Z-T7A Datasheet
857Kb / 14P
   Micropower, Rail-to-Rail Input Current Sense Amplifier
More results

Similar Description - ISL28005FH50Z-T7

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL28006 RENESAS-ISL28006 Datasheet
1Mb / 26P
   Micropower, Rail to Rail Input Current Sense Amplifier with Voltage Output
logo
Intersil Corporation
ISL28005 INTERSIL-ISL28005_10 Datasheet
756Kb / 14P
   Micropower, Rail-to-Rail Input Current Sense Amplifier with Voltage Output
ISL28006 INTERSIL-ISL28006_10 Datasheet
1Mb / 25P
   Micropower, Rail to Rail Input Current Sense Amplifier with Voltage Output
logo
Renesas Technology Corp
ISL28005 RENESAS-ISL28005 Datasheet
1Mb / 16P
   Micropower, Rail-to-Rail Input Current Sense Amplifier with Voltage Output
logo
Intersil Corporation
ISL28005 INTERSIL-ISL28005 Datasheet
751Kb / 14P
   Micropower, Rail-to-Rail Input Current Sense Amplifier with Voltage Output
ISL28006 INTERSIL-ISL28006 Datasheet
1Mb / 25P
   Micropower, Rail to Rail Input Current Sense Amplifier with Voltage Output
ISL28006FH100Z-T7 INTERSIL-ISL28006FH100Z-T7 Datasheet
1Mb / 26P
   Micropower, Rail to Rail Input Current Sense Amplifier with Voltage Output
November 22, 2013
ISL28005 INTERSIL-ISL28005_11 Datasheet
857Kb / 14P
   Micropower, Rail-to-Rail Input Current Sense Amplifier
ISL28006 INTERSIL-ISL28006_11 Datasheet
1Mb / 24P
   Micropower, Rail to Rail Input Current Sense Amplifier
logo
Linear Technology
LT1620 LINER-LT1620_15 Datasheet
253Kb / 12P
   Rail-to-Rail Current Sense Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com