Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL9305IRTHWCNLZ-T Datasheet(PDF) 6 Page - Intersil Corporation

Part # ISL9305IRTHWCNLZ-T
Description  3MHz Dual 1.5A Step-Down Converters and Dual Low-Input LDOs with I2C Compatible Interface
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL9305IRTHWCNLZ-T Datasheet(HTML) 6 Page - Intersil Corporation

Back Button ISL9305IRTHWCNLZ-T Datasheet HTML 2Page - Intersil Corporation ISL9305IRTHWCNLZ-T Datasheet HTML 3Page - Intersil Corporation ISL9305IRTHWCNLZ-T Datasheet HTML 4Page - Intersil Corporation ISL9305IRTHWCNLZ-T Datasheet HTML 5Page - Intersil Corporation ISL9305IRTHWCNLZ-T Datasheet HTML 6Page - Intersil Corporation ISL9305IRTHWCNLZ-T Datasheet HTML 7Page - Intersil Corporation ISL9305IRTHWCNLZ-T Datasheet HTML 8Page - Intersil Corporation ISL9305IRTHWCNLZ-T Datasheet HTML 9Page - Intersil Corporation ISL9305IRTHWCNLZ-T Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
ISL9305H
6
FN7724.1
October 5, 2011
Line Regulation
VIN = VO + 0.5V to 5.5V (minimal 2.5V)
-
0.1
-
%/V
Maximum Output Current
1500
--
mA
P-Channel MOSFET ON-resistance
VIN = 3.6V, IO = 200mA
-
0.14
0.20
VIN = 2.3V, IO = 200mA
-
0.24
0.40
N-Channel MOSFET ON-resistance
VIN = 3.6V, IO = 200mA
-
0.11
0.20
VIN = 2.3V, IO = 200mA
0.18
0.34
P-Channel MOSFET Peak Current Limit
IPK
2.1
2.5
2.75
A
SW Maximum Duty Cycle
-
100
-
%
SW Leakage Current
VIN = 5.5V
-
0.005
1
µA
PWM Switching Frequency
fS
2.6
3.0
3.4
MHz
SW Minimum ON-time
VFB = 0.75V
-
70
-
ns
Bleeding Resistor
-
115
-
PG
Output Low Voltage
Sinking 1mA, FB1 = FB2 = 0.7V
-
-
0.25
V
Rising Delay Time
Based on 1ms programmed nominal delay time
0.6
1.1
1.8
ms
Falling Delay Time
Based on 1ms programmed nominal delay time
-
30
-
µs
PG Pin Leakage Current
PG = VINDCD1 = VINDCD2 = 3.6V
-
0.005
0.1
µA
PG Low Rising Threshold
Percentage of nominal regulation voltage
-
91
-
%
PG Low Falling Threshold
Percentage of nominal regulation voltage
-
87
-
%
PG High Rising Threshold
Percentage of nominal regulation voltage
-
112
-
%
PG High Falling Threshold
Percentage of nominal regulation voltage
-
109
-
%
LDO1 AND LDO2
VINLDO1, VINLDO2 Supply Voltage
No higher than VINDCD1
1.5
-
5.5
V
VINLDO1, VINLDO2 Undervoltage
Lockout Threshold
VUVLO
Rising
-
1.41
1.46
V
Falling
1.33
1.37
-
V
Internal Peak Current Limit
350
425
540
mA
Dropout Voltage
IO = 300mA, VO ≤ 2.1V
-
120
250
mV
IO = 300mA, 2.1V < VO ≤ 2.8V
-
100
200
mV
IO = 300mA, VO > 2.8V
-
80
170
mV
Power Supply Rejection Ratio
IO = 300mA @ 1kHz, VIN = 3.6V, VO = 2.6V, TA = +25°C
-
55
-
dB
Output Voltage Noise
VIN = 4.2V, IO = 10mA, TA = +25°C, BW = 10Hz to 100kHz
-
45
-
µVRMS
NOTE:
6. Parameters with MIN and/or MAX limits are 100% tested at +25°C, unless otherwise specified. Temperature limits established by characterization
and are not production tested.
Electrical Specifications Unless otherwise noted, all parameter limits are guaranteed over the recommended operating conditions
and the typical specifications are measured at the following conditions: TA = +25°C, VINDCD1 = 3.6V, VINDCD2 = 3.3V. For LDO1 and LDO2,
VINLDOx = VOLDOx + 0.5V to 5.5V with VINLDOx always no higher than VINDCD1, L1 = L2 = 1.5µH, C1 = 10µF, C4 = C5 = 10µF, C2 = C3 = C6 = C7 =
1µF, IOUT = 0A for DCD1, DCD2, LDO1 and LDO2 (see “TYPICAL APPLICATION DIAGRAM” on page 1 for more details). Boldface limits apply over the
operating temperature range, -40°C to +85°C. (Continued)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
(Note 6)
TYP
MAX
(Note 6)
UNIT


Similar Part No. - ISL9305IRTHWCNLZ-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL9305IRTHWCNLZ-T INTERSIL-ISL9305IRTHWCNLZ-T Datasheet
656Kb / 16P
   3MHz Dual 1.5A Step-Down Converters and Dual Low-Input LDOs with I2C Compatible
ISL9305IRTHWCNLZ-T INTERSIL-ISL9305IRTHWCNLZ-T Datasheet
666Kb / 17P
   3MHz Dual 1.5A Step-Down Converters and Dual Low-Input LDOs with I2C Compatible Interface
logo
Renesas Technology Corp
ISL9305IRTHWCNLZ-T RENESAS-ISL9305IRTHWCNLZ-T Datasheet
808Kb / 17P
   3MHz Dual 1.5A Step-Down Converters and Dual Low-Input LDOs with I2C Compatible Interface
More results

Similar Description - ISL9305IRTHWCNLZ-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL9305H INTERSIL-ISL9305H_11 Datasheet
666Kb / 17P
   3MHz Dual 1.5A Step-Down Converters and Dual Low-Input LDOs with I2C Compatible Interface
logo
Renesas Technology Corp
ISL9305H RENESAS-ISL9305H Datasheet
808Kb / 17P
   3MHz Dual 1.5A Step-Down Converters and Dual Low-Input LDOs with I2C Compatible Interface
logo
Intersil Corporation
ISL9305H INTERSIL-ISL9305H Datasheet
656Kb / 16P
   3MHz Dual 1.5A Step-Down Converters and Dual Low-Input LDOs with I2C Compatible
ISL9305IRTAANLZ-T INTERSIL-ISL9305IRTAANLZ-T Datasheet
568Kb / 16P
   3MHz Dual Step-Down Converters and Dual Low-Input LDOs with I2C Compatible Interface
February 9, 2015
logo
Renesas Technology Corp
ISL9305 RENESAS-ISL9305 Datasheet
924Kb / 17P
   3MHz Dual Step-Down Converters and Dual Low-Input LDOs with I2C Compatible Interface
logo
Intersil Corporation
ISL9305 INTERSIL-ISL9305_11 Datasheet
777Kb / 17P
   3MHz Dual Step-Down Converters and Dual Low-Input LDOs
ISL9305 INTERSIL-ISL9305 Datasheet
784Kb / 17P
   3MHz Dual Step-Down Converters and Dual Low-Input LDOs
ISL9307IRTAAJBZ-T INTERSIL-ISL9307IRTAAJBZ-T Datasheet
378Kb / 13P
   3MHz Dual 1500mA Step-Down Converters and Dual Low-Input LDOs
September 20, 2012
logo
Renesas Technology Corp
ISL9307 RENESAS-ISL9307 Datasheet
678Kb / 13P
   3MHz Dual 1500mA Step-Down Converters and Dual Low-Input LDOs
logo
Maxim Integrated Produc...
MAX16922 MAXIM-MAX16922 Datasheet
1Mb / 16P
   2.2MHz, Dual, Step-Down DC-DC Converters, Dual LDOs, and RESET
Rev 0; 10/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com