Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL9021IITZ-T Datasheet(PDF) 6 Page - Intersil Corporation

Part # ISL9021IITZ-T
Description  250mA Single LDO with Low IQ, Low Noise and High PSRR LDO
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL9021IITZ-T Datasheet(HTML) 6 Page - Intersil Corporation

Back Button ISL9021IITZ-T Datasheet HTML 2Page - Intersil Corporation ISL9021IITZ-T Datasheet HTML 3Page - Intersil Corporation ISL9021IITZ-T Datasheet HTML 4Page - Intersil Corporation ISL9021IITZ-T Datasheet HTML 5Page - Intersil Corporation ISL9021IITZ-T Datasheet HTML 6Page - Intersil Corporation ISL9021IITZ-T Datasheet HTML 7Page - Intersil Corporation ISL9021IITZ-T Datasheet HTML 8Page - Intersil Corporation ISL9021IITZ-T Datasheet HTML 9Page - Intersil Corporation ISL9021IITZ-T Datasheet HTML 10Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6
FN6867.2
January 14, 2010
Typical Application
FIGURE 13. POWER SUPPLY REJECTION vs FREQUENCY
Pin Descriptions
PIN
NAME
DESCRIPTION
VIN
IC Supply/LDO Input. Connect a 1µF capacitor to GND.
GND
System ground pin.
EN
LDO Enable. When this signal goes high, the LDO is turned on.
VO
LDO Output. Connect a 1µF to 4.7µF capacitor to GND.
E-Pad
For µTDFN package option only. Connect it to the system ground.
Typical Operating Performance (Continued)
-90
-80
-70
-60
-50
-40
-30
-20
100
1k
10k
100k
1M
FREQUENCY (Hz)
VIN = 4.5VDC + 50mVAC
COUT = 1µF
IO = 0A
IO = 10mA
C1, C2: 1µF X5R CERAMIC CAPACITOR
ISL9021
VIN
GND
VO
VIN (1.5V TO 5.5V)
VOUT
C1
C2
EN
ENABLE
OFF
ON
ISL9021


Similar Part No. - ISL9021IITZ-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL9021IITZ-T INTERSIL-ISL9021IITZ-T Datasheet
188Kb / 10P
   250mA Single LDO with Low IQ, Low Noise and High PSRR LDO
logo
Renesas Technology Corp
ISL9021IITZ-T RENESAS-ISL9021IITZ-T Datasheet
494Kb / 10P
   250mA Single LDO with Low IQ, Low Noise and High PSRR LDO
More results

Similar Description - ISL9021IITZ-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL9021 RENESAS-ISL9021 Datasheet
494Kb / 10P
   250mA Single LDO with Low IQ, Low Noise and High PSRR LDO
logo
Intersil Corporation
ISL9021AIINZ-T INTERSIL-ISL9021AIINZ-T Datasheet
325Kb / 12P
   250mA Single LDO with Low IQ, Low Noise and High PSRR LDO
December 20, 2012
ISL9021 INTERSIL-ISL9021 Datasheet
188Kb / 10P
   250mA Single LDO with Low IQ, Low Noise and High PSRR LDO
ISL9021A INTERSIL-ISL9021A Datasheet
352Kb / 10P
   250mA Single LDO with Low IQ, Low Noise and High PSRR LDO
logo
Renesas Technology Corp
ISL9021A RENESAS-ISL9021A Datasheet
574Kb / 12P
   250mA Single LDO with Low IQ, Low Noise and High PSRR LDO
logo
Intersil Corporation
ISL9003AIEJZ-T INTERSIL-ISL9003AIEJZ-T Datasheet
331Kb / 12P
   Low Noise LDO with Low IQ and High PSRR
ISL9008IECZ-T INTERSIL-ISL9008IECZ-T Datasheet
181Kb / 10P
   Low Noise LDO with Low IQ and High PSRR
logo
Renesas Technology Corp
ISL9003A RENESAS-ISL9003A Datasheet
573Kb / 12P
   Low Noise LDO with Low IQ and High PSRR
logo
Intersil Corporation
ISL9003 INTERSIL-ISL9003 Datasheet
186Kb / 10P
   Low Noise LDO with Low IQ And High PSRR
April 15, 2008
ISL9003A INTERSIL-ISL9003A Datasheet
297Kb / 12P
   Low Noise LDO with Low IQ and High PSRR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com