Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL9014AIRJBZ Datasheet(PDF) 5 Page - Intersil Corporation

Part # ISL9014AIRJBZ
Description  Dual LDO with Low Noise, Low IQ, and High PSRR
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL9014AIRJBZ Datasheet(HTML) 5 Page - Intersil Corporation

  ISL9014AIRJBZ Datasheet HTML 1Page - Intersil Corporation ISL9014AIRJBZ Datasheet HTML 2Page - Intersil Corporation ISL9014AIRJBZ Datasheet HTML 3Page - Intersil Corporation ISL9014AIRJBZ Datasheet HTML 4Page - Intersil Corporation ISL9014AIRJBZ Datasheet HTML 5Page - Intersil Corporation ISL9014AIRJBZ Datasheet HTML 6Page - Intersil Corporation ISL9014AIRJBZ Datasheet HTML 7Page - Intersil Corporation ISL9014AIRJBZ Datasheet HTML 8Page - Intersil Corporation ISL9014AIRJBZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
5
FN6438.1
March 11, 2008
Typical Performance Curves
FIGURE 1. OUTPUT VOLTAGE vs INPUT VOLTAGE
(3.3V OUTPUT)
FIGURE 2. OUTPUT VOLTAGE CHANGE vs LOAD CURRENT
FIGURE 3. OUTPUT VOLTAGE CHANGE vs TEMPERATURE
FIGURE 4. OUTPUT VOLTAGE vs INPUT VOLTAGE
(3.3V OUTPUT)
FIGURE 5. OUTPUT VOLTAGE vs INPUT VOLTAGE
(VO2 = 2.8V)
FIGURE 6. DROPOUT VOLTAGE vs LOAD CURRENT
INPUT VOLTAGE (V)
-0.6
-0.2
0.2
0.6
-0.8
3.8
4.2
6.2
5.8
6.6
3.4
4.6
5.0
5.4
-0.4
0.0
0.4
0.8
VO = 3.3V
+85°C
-40°C
+25°C
ILOAD = 0mA
0.04
0.06
-0.06
-0.10
100
200
300
400
0
LOAD CURRENT - IO (mA)
-0.02
0.00
0.02
0.08
0.10
-0.04
-0.08
50
150
250
350
VIN = 3.8V
VO = 3.3V
+85°C
-40°C
+25°C
0.04
0.06
-0.06
-0.10
-10
20
50
110
-40
TEMPERATURE (°C)
-0.02
0.00
0.02
0.08
0.10
-0.04
-0.08
-25
5
35
80
65
95
125
VIN = 3.8V
VO = 3.3V
ILOAD = 0mA
INPUT VOLTAGE (V)
3.0
3.1
3.2
3.3
3.4
2.9
2.8
3.1
3.6
4.1
4.6
5.1
6.1
5.6
IO = 300mA
IO = 150mA
IO = 0mA
VO = 3.3V
6.5
2.5
2.6
2.7
2.8
2.9
2.4
2.3
2.63.1
3.64.1
4.65.1
6.1
INPUT VOLTAGE (V)
5.6
IO = 0mA
IO = 300mA
VO2 = 2.8V
IO = 150mA
6.5
200
250
300
350
150
100
50
0
50
100
150
200
250
300
350
400
0
OUTPUT LOAD (mA)
VO = 2.8V
VO = 3.3V
ISL9014A


Similar Part No. - ISL9014AIRJBZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL9014AIRJBZ INTERSIL-ISL9014AIRJBZ Datasheet
214Kb / 11P
   Dual LDO with Low Noise, Low IQ, and High PSRR
logo
Renesas Technology Corp
ISL9014AIRJBZ RENESAS-ISL9014AIRJBZ Datasheet
606Kb / 13P
   Dual LDO with Low Noise, Low IQ, and High PSRR
More results

Similar Description - ISL9014AIRJBZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL9014A INTERSIL-ISL9014A Datasheet
214Kb / 11P
   Dual LDO with Low Noise, Low IQ, and High PSRR
logo
Renesas Technology Corp
ISL9014A RENESAS-ISL9014A Datasheet
606Kb / 13P
   Dual LDO with Low Noise, Low IQ, and High PSRR
logo
Intersil Corporation
ISL9011AIRNNZ INTERSIL-ISL9011AIRNNZ Datasheet
320Kb / 12P
   Dual LDO with Low Noise, Low IQ and High PSRR
September 1, 2015
ISL9012 INTERSIL-ISL9012 Datasheet
233Kb / 11P
   Dual LDO with Low Noise, Low IQ, and High PSRR
ISL9011A INTERSIL-ISL9011A Datasheet
208Kb / 11P
   Dual LDO with Low Noise, Low IQ, and High PSRR
logo
Renesas Technology Corp
ISL9011A RENESAS-ISL9011A Datasheet
584Kb / 12P
   Dual LDO with Low Noise, Low IQ and High PSRR
ISL9012 RENESAS-ISL9012 Datasheet
595Kb / 12P
   Dual LDO with Low Noise, Low IQ, and High PSRR
ISL9014 RENESAS-ISL9014 Datasheet
550Kb / 11P
   Dual LDO with Low Noise, Low IQ and High PSRR
logo
Intersil Corporation
ISL9014 INTERSIL-ISL9014_06 Datasheet
220Kb / 11P
   Dual LDO with Low Noise, Low IQ, and High PSRR
ISL9012 INTERSIL-ISL9012_06 Datasheet
235Kb / 11P
   Dual LDO with Low Noise, Low IQ, and High PSRR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com