Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL9011AIRFJZ Datasheet(PDF) 9 Page - Intersil Corporation

Part # ISL9011AIRFJZ
Description  Dual LDO with Low Noise, Low IQ and High PSRR
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL9011AIRFJZ Datasheet(HTML) 9 Page - Intersil Corporation

Back Button ISL9011AIRFJZ Datasheet HTML 4Page - Intersil Corporation ISL9011AIRFJZ Datasheet HTML 5Page - Intersil Corporation ISL9011AIRFJZ Datasheet HTML 6Page - Intersil Corporation ISL9011AIRFJZ Datasheet HTML 7Page - Intersil Corporation ISL9011AIRFJZ Datasheet HTML 8Page - Intersil Corporation ISL9011AIRFJZ Datasheet HTML 9Page - Intersil Corporation ISL9011AIRFJZ Datasheet HTML 10Page - Intersil Corporation ISL9011AIRFJZ Datasheet HTML 11Page - Intersil Corporation ISL9011AIRFJZ Datasheet HTML 12Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
FN6437.2
September 1, 2015
Block Diagram
Functional Description
The ISL9011A contains all circuitry required to implement
two high performance LDOs. High performance is achieved
through a circuit that delivers fast transient response to
varying load conditions. In a quiescent condition, the
ISL9011A adjusts its biasing to achieve the lowest standby
current consumption.
The device also integrates current limit protection, smart
thermal shutdown protection, staged turn-on and soft-start.
Smart Thermal shutdown protects the device against
overheating. Staged turn-on and soft-start minimize start-up
input current surges without causing excessive device
turn-on time.
Power Control
The ISL9011A has two separate enable pins (EN1 and EN2)
to individually control power to each of the LDO outputs.
When both EN1 and EN2 are low, the device is in shutdown
mode. During this condition, all on-chip circuits are off, and
the device draws minimum current, typically less than 0.1µA.
When one or both of the enable pins are asserted, the
device first polls the output of the UVLO detector to ensure
that VIN voltage is at least about 2.1V. Once verified, the
device initiates a start-up sequence. During the start-up
sequence, trim settings are first read and latched. Then,
sequentially, the bandgap, reference voltage and current
generation circuitry power-up. Once the references are
stable, a fast-start circuit quickly charges the external
reference bypass capacitor (connected to the CBYP pin) to
the proper operating voltage. After the bypass capacitor has
been charged, the LDO’s power-up.
If EN1 is brought high, and EN2 goes high before the VO1
output stabilizes, the ISL9011A delays the VO2 turn-on until
the VO1 output reaches its target level.
If EN2 is brought high, and EN1 goes high before VO2 starts
its output ramp, then VO1 turns on first and the ISL9011A
LDO
ERROR
AMPLIFIER
IS1
1V
QEN1
LDO-1
LDO-2
VREF
TRIM
VIN
VO1
VO2
CBYP
GND
EN2
EN1
CONTROL
LOGIC
VOLTAGE
REFERENCE
GENERATOR
BANDGAP AND
TEMPERATURE
SENSOR
UVLO
1.00V
VO1
~1.0V
ISL9011A


Similar Part No. - ISL9011AIRFJZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL9011AIRFJZ INTERSIL-ISL9011AIRFJZ Datasheet
208Kb / 11P
   Dual LDO with Low Noise, Low IQ, and High PSRR
logo
Renesas Technology Corp
ISL9011AIRFJZ RENESAS-ISL9011AIRFJZ Datasheet
584Kb / 12P
   Dual LDO with Low Noise, Low IQ and High PSRR
More results

Similar Description - ISL9011AIRFJZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL9014A INTERSIL-ISL9014A Datasheet
214Kb / 11P
   Dual LDO with Low Noise, Low IQ, and High PSRR
logo
Renesas Technology Corp
ISL9014A RENESAS-ISL9014A Datasheet
606Kb / 13P
   Dual LDO with Low Noise, Low IQ, and High PSRR
logo
Intersil Corporation
ISL9014AIRNNZ INTERSIL-ISL9014AIRNNZ Datasheet
211Kb / 11P
   Dual LDO with Low Noise, Low IQ, and High PSRR
March 11, 2008
ISL9012 INTERSIL-ISL9012 Datasheet
233Kb / 11P
   Dual LDO with Low Noise, Low IQ, and High PSRR
ISL9011A INTERSIL-ISL9011A Datasheet
208Kb / 11P
   Dual LDO with Low Noise, Low IQ, and High PSRR
logo
Renesas Technology Corp
ISL9011A RENESAS-ISL9011A Datasheet
584Kb / 12P
   Dual LDO with Low Noise, Low IQ and High PSRR
ISL9012 RENESAS-ISL9012 Datasheet
595Kb / 12P
   Dual LDO with Low Noise, Low IQ, and High PSRR
ISL9014 RENESAS-ISL9014 Datasheet
550Kb / 11P
   Dual LDO with Low Noise, Low IQ and High PSRR
logo
Intersil Corporation
ISL9014 INTERSIL-ISL9014_06 Datasheet
220Kb / 11P
   Dual LDO with Low Noise, Low IQ, and High PSRR
ISL9012 INTERSIL-ISL9012_06 Datasheet
235Kb / 11P
   Dual LDO with Low Noise, Low IQ, and High PSRR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com