Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL9206ADHZ-T Datasheet(PDF) 2 Page - Intersil Corporation

Part # ISL9206ADHZ-T
Description  FlexiHash For Battery Authentication
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL9206ADHZ-T Datasheet(HTML) 2 Page - Intersil Corporation

  ISL9206ADHZ-T Datasheet HTML 1Page - Intersil Corporation ISL9206ADHZ-T Datasheet HTML 2Page - Intersil Corporation ISL9206ADHZ-T Datasheet HTML 3Page - Intersil Corporation ISL9206ADHZ-T Datasheet HTML 4Page - Intersil Corporation ISL9206ADHZ-T Datasheet HTML 5Page - Intersil Corporation ISL9206ADHZ-T Datasheet HTML 6Page - Intersil Corporation ISL9206ADHZ-T Datasheet HTML 7Page - Intersil Corporation ISL9206ADHZ-T Datasheet HTML 8Page - Intersil Corporation ISL9206ADHZ-T Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
2
FN6651.1
July 30, 2008
Absolute Maximum Ratings (Reference to GND)
Thermal Information
Supply Voltage (VDD) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5.5V
All Other Pins . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.5 to VDD + 0.5V
ESD Rating
Human Body Model (Per MIL-STD-883 Method 3015.7) . . .4000V
Machine Model (Per EIAJ ED-4701 Method C-111) . . . . . . . .400V
Charged Device Model . . . . . . . . . . . . . . . . . . . . . . . . . . . .1000V
Recommended Operating Conditions
Ambient Temperature Range . . . . . . . . . . . . . . . . . . .-25°C to +85°C
Thermal Resistance (Typical)
θJA (°C/W) θJC (°C/W)
SOT-23 Package (Note 1) . . . . . . . . . .
200
N/A
2x3 TDFN Package (Notes 2, 3) . . . . .
70
10.5
Maximum Junction Temperature (Plastic Package) . . . . . . . +125°C
Maximum Storage Temperature Range . . . . . . . . . . -40°C to +125°C
Pb-free reflow profile . . . . . . . . . . . . . . . . . . . . . . . . . .see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product reliability and
result in failures not covered by warranty.
NOTES:
1.
θJA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
2.
θ
JA is measured in free air with the component mounted on a high effective thermal conductivity test board with “direct attach” features. See
Tech Brief TB379.
3. For
θJC, the “case temp” location is the center of the exposed metal pad on the package underside.
Electrical Specifications
Unless otherwise noted, all parameters are established over the operational supply voltage and temperature
range of the device as follows: TA = -25°C to +85°C; VDD = 2.6V to 4.8V; Parameters with MIN and/or MAX
limits are 100% tested at +25°C, unless otherwise specified. Temperature limits established by characterization
and are not production tested.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
DC CHARACTERISTICS
Supply Voltage
VDD
During normal operation
2.6
-
4.8
V
During OTP ROM programming
2.8
-
4.8
V
Run Mode Supply Current
(Exclude I/O Current)
IDD
VDD = 4.2V
-
38
55
µA
VDD = 4.8V
-
40
65
µA
VDD = 1.5V
5.0
8.0
µA
Sleep Mode Supply Current
IDDS
VDD = 4.2V, XSD pin floating
-
0.15
0.5
µA
OTP Programming Mode Supply Current
IDDP
For ~ 1.8ms duration per write operation
-
250
500
µA
Internal Regulated Supply Voltage
VRG
Observable only in test mode
2.3
2.5
2.7
V
Internal OTP ROM Programming Voltage
VPP
Observable only in test mode
11
12
13
V
POR Release Threshold
VPOR+
1.9
2.2
2.4
V
POR Assertion Threshold
VPOR-
1.5
1.8
2.1
V
XSD PIN CHARACTERISTICS
XSD Input Low Voltage
VIL
-0.4
-
0.5
V
XSD Input High Voltage
VIH
1.5
-
VDD + 0.4V
V
XSD Input Hysteresis
VHYS
-
400
-
mV
XSD Internal Pull-down Current
IPD
VDD = 2.6V
-
0.8
-
µA
VDD = 4.2V
-
1.2
2.0
µA
VDD = 4.8V
-
1.8
2.5
µA
XSD Output Low Voltage
VOL
IOL = 1mA
-
-
0.4
V
XSD Input Transition Time
tX
10% to 90% transition time
-
-
2
µs
XSD Output Fall Time
tF
90% to 10%, CLOAD = 12pF
-
-
50
ns
XSD Pin Capacitance
CPIN
-6
-
pF
ISL9206A


Similar Part No. - ISL9206ADHZ-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL9206ADHZ-T INTERSIL-ISL9206ADHZ-T Datasheet
349Kb / 17P
   FlexiHash For Battery Authentication
logo
Renesas Technology Corp
ISL9206ADHZ-T RENESAS-ISL9206ADHZ-T Datasheet
919Kb / 17P
   FlexiHash™ For Battery Authentication
July 30, 2008
More results

Similar Description - ISL9206ADHZ-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6296 INTERSIL-ISL6296_08 Datasheet
364Kb / 19P
   FlexiHash??For Battery Authentication
ISL6296A INTERSIL-ISL6296A Datasheet
420Kb / 20P
   FlexiHash For Battery Authentication
ISL9206 INTERSIL-ISL9206 Datasheet
370Kb / 16P
   FlexiHash For Battery Authentication
ISL6296 INTERSIL-ISL6296_07 Datasheet
372Kb / 19P
   FlexiHash??For Battery Authentication
ISL9206A INTERSIL-ISL9206A Datasheet
349Kb / 17P
   FlexiHash For Battery Authentication
ISL6296 INTERSIL-ISL6296 Datasheet
384Kb / 17P
   FlexiHash For Battery Authentication
ISL9206 INTERSIL-ISL9206_07 Datasheet
347Kb / 17P
   FlexiHash For Battery Authentication
logo
Renesas Technology Corp
ISL6296 RENESAS-ISL6296 Datasheet
868Kb / 19P
   FlexiHash??For Battery Authentication
ISL9206 RENESAS-ISL9206 Datasheet
935Kb / 17P
   FlexiHash™ For Battery Authentication
January 5, 2007
logo
Intersil Corporation
ISL6296A INTERSIL-ISL6296A Datasheet
119Kb / 2P
   FlexiHash™ For Battery Authentication
May 26, 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com