Electronic Components Datasheet Search |
|
ISL9003AIEBZ-T Datasheet(PDF) 2 Page - Intersil Corporation |
|
ISL9003AIEBZ-T Datasheet(HTML) 2 Page - Intersil Corporation |
2 / 12 page 2 FN6299.5 July 18, 2014 Submit Document Feedback Ordering Information PART NUMBER (Note 1) PART MARKING VO VOLTAGE (V) (Note 2) TEMP. RANGE (°C) PACKAGE Pb-Free Tape and Reel PKG. DWG. ISL9003AIENZ-T (Notes 3, 4) CBK 3.30 -40 to +85 5 Ld SC-70 P5.049 ISL9003AIEMZ-T (Notes 3, 4) CBJ 3.00 -40 to +85 5 Ld SC-70 P5.049 ISL9003AIEKZ-T (Notes 3, 4) CCE 2.85 -40 to +85 5 Ld SC-70 P5.049 ISL9003AIEJZ-T (Notes 3, 4) CCD 2.80 -40 to +85 5 Ld SC-70 P5.049 ISL9003AIEHZ-T (Notes 3, 4) CCC 2.75 -40 to +85 5 Ld SC-70 P5.049 ISL9003AIERZ-T (Notes 3, 4) CDZ 2.60 -40 to +85 5 Ld SC-70 P5.049 ISL9003AIEFZ-T (Notes 3, 4) CCB 2.50 -40 to +85 5 Ld SC-70 P5.049 ISL9003AIECZ-T (Notes 3, 4) CBY 1.80 -40 to +85 5 Ld SC-70 P5.049 ISL9003AIEBZ-T (Notes 3, 4) CBW 1.50 -40 to +85 5 Ld SC-70 P5.049 ISL9003AIRUBZ-T (Note 5) L 1.50 -40 to +85 6 Ld µTDFN L6.1.6x1.6A ISL9003AIRUCZ-T (Note 5) G 1.80 -40 to +85 6 Ld µTDFN L6.1.6x1.6A ISL9003AIRUFZ-T (Note 5) F 2.50 -40 to +85 6 Ld µTDFN L6.1.6x1.6A ISL9003AIRURZ-T (Note 5) M2 2.60 -40 to +85 6 Ld µTDFN L6.1.6x1.6A ISL9003AIRUHZ-T (Note 5) H 2.75 -40 to +85 6 Ld µTDFN L6.1.6x1.6A ISL9003AIRUJZ-T (Note 5) J 2.80 -40 to +85 6 Ld µTDFN L6.1.6x1.6A ISL9003AIRUKZ-T (Note 5) K 2.85 -40 to +85 6 Ld µTDFN L6.1.6x1.6A ISL9003AIRUMZ-T (Note 5) M 3.00 -40 to +85 6 Ld µTDFN L6.1.6x1.6A ISL9003AIRUNZ-T (Note 5) N 3.30 -40 to +85 6 Ld µTDFN L6.1.6x1.6A NOTES: 1. Please refer to TB347 for details on reel specifications. 2. For other output voltages, contact Intersil Marketing. 3. The part marking is located on the bottom of the part. 4. These Intersil Pb-free plastic packaged products employ special Pb-free material sets, molding compounds/die attach materials, and 100% matte tin plate plus anneal (e3 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations). Intersil Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020. 5. These Intersil Pb-free plastic packaged products employ special Pb-free material sets; molding compounds/die attach materials and NiPdAu plate - e4 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations. Intersil Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020. ISL9003A |
Similar Part No. - ISL9003AIEBZ-T |
|
Similar Description - ISL9003AIEBZ-T |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |