Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

U74AHC3G04G-P08-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # U74AHC3G04G-P08-R
Description  INVERTER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74AHC3G04G-P08-R Datasheet(HTML) 3 Page - Unisonic Technologies

  U74AHC3G04G-P08-R Datasheet HTML 1Page - Unisonic Technologies U74AHC3G04G-P08-R Datasheet HTML 2Page - Unisonic Technologies U74AHC3G04G-P08-R Datasheet HTML 3Page - Unisonic Technologies U74AHC3G04G-P08-R Datasheet HTML 4Page - Unisonic Technologies U74AHC3G04G-P08-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
U74AHC3G04
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
3 of 5
www.unisonic.com.tw
QW-R502-544.B
ABSOLUTE MAXIMUM RATING (TA = 25°C, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VCC
-0.5 ~ 7.0
V
Input Voltage
VIN
-0.5 ~ 7.0
V
Output Voltage
VOUT
-0.5 ~ VCC +0.5
V
VCC or GND Current
ICC
±75
mA
Output Current
IOUT
±25
mA
Input Clamp Current
IIK
-20
mA
Output Clamp Current
IOK
±20
mA
Operating Temperature
TOPR
-40 ~ + 85
°C
Storage Temperature
TSTG
-65 ~ + 150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
RECOMMENDED OPERATING CONDITIONS
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
Supply Voltage
VCC
2.0
5.0
5.5
V
Input Voltage
VIN
0
5.5
V
Output Voltage
VOUT
0
VCC
V
Input Rise or Fall Times
tR, tF
VCC = 3.3 ± 0.3V
100
ns/V
VCC = 5.0 ± 0.5V
20
ELECTRICAL CHARACTERISTICS (TA = 25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
VCC(V
)
MIN TYP MAX UNIT
High-Level input voltage
VIH
2.0
1.5
V
3.0
2.1
5.5
3.85
Low-Level input voltage
VIL
2.0
0.5
V
3.0
0.9
5.5
1.65
High-Level Output Voltage
VOH
VI = VIH or VIL, IOH = -50μA
2.0
1.9
2.0
V
VI = VIH or VIL, IOH = -50μA
3.0
2.9
3.0
VI = VIH or VIL, IOH = -50μA
4.5
4.4
4.5
VI = VIH or VIL, IOH = -4.0mA
3.0
2.58
VI = VIH or VIL, IOH = -8.0mA
4.5
3.94
Low-Level Output Voltage
VOL
VI = VIH or VIL, IOH = 50μA
2.0
0.1
V
VI = VIH or VIL, IOH = 50μA
3.0
0.1
VI = VIH or VIL, IOH = 50μA
4.5
0.1
VI = VIH or VIL, IOH = 4.0mA
3.0
0.36
VI = VIH or VIL, IOH = 8.0mA
4.5
0.36
Input Leakage Current
II(LEAK)
VIN=VCC or GND
5.5
0.1
μA
Quiescent Supply Current
ICC
VIN=VCC or GND, IOUT=0
5.5
10
μA
Input Capacitance
CIN
VIN=VCC or GND
1.5
10
pF


Similar Part No. - U74AHC3G04G-P08-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74AHC3G04G-P08-R UTC-U74AHC3G04G-P08-R Datasheet
202Kb / 5P
   INVERTER
More results

Similar Description - U74AHC3G04G-P08-R

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC1GU04 PHILIPS-74LVC1GU04 Datasheet
96Kb / 15P
   Inverter
2004 Sep 21
logo
Sumida Corporation
CIUH7D45 SUMIDA-CIUH7D45 Datasheet
160Kb / 1P
   INVERTER
logo
Toshiba Semiconductor
TC7S04FTE85LF TOSHIBA-TC7S04FTE85LF Datasheet
183Kb / 7P
   Inverter
logo
Unisonic Technologies
U74AHCT3G04 UTC-U74AHCT3G04 Datasheet
193Kb / 5P
   INVERTER
logo
NXP Semiconductors
74HC3G04 NXP-74HC3G04 Datasheet
91Kb / 13P
   Inverter
Rev. 03-2 July 2008
logo
Toshiba Semiconductor
TC7SZ04AFE TOSHIBA-TC7SZ04AFE_07 Datasheet
153Kb / 5P
   Inverter
TC7SU04F TOSHIBA-TC7SU04F_01 Datasheet
225Kb / 6P
   INVERTER
TC7S04F TOSHIBA-TC7S04F_01 Datasheet
229Kb / 6P
   INVERTER
TC7SZ04AFS TOSHIBA-TC7SZ04AFS Datasheet
166Kb / 6P
   INVERTER
logo
Renesas Technology Corp
RJP65D05DWA RENESAS-RJP65D05DWA Datasheet
157Kb / 4P
   Inverter
RJP65M04DWA RENESAS-RJP65M04DWA_15 Datasheet
147Kb / 4P
   Inverter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com