Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

U74HCT125G-S14-T Datasheet(PDF) 4 Page - Unisonic Technologies

Part # U74HCT125G-S14-T
Description  QUADRUPLE BUS BUFFER GATES
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74HCT125G-S14-T Datasheet(HTML) 4 Page - Unisonic Technologies

  U74HCT125G-S14-T Datasheet HTML 1Page - Unisonic Technologies U74HCT125G-S14-T Datasheet HTML 2Page - Unisonic Technologies U74HCT125G-S14-T Datasheet HTML 3Page - Unisonic Technologies U74HCT125G-S14-T Datasheet HTML 4Page - Unisonic Technologies U74HCT125G-S14-T Datasheet HTML 5Page - Unisonic Technologies U74HCT125G-S14-T Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
U74HCT125
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 6
www.unisonic.com.tw
QW-R502-700.B
SWITCHING CHARACTERISTICS
(CL = 50 pF, TA =25°C)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Propagation Delay from Input A to
Output Y, tPD
tPLH/ tPHL
VCC =4.5 V
15
26
ns
VCC =5.5 V
12
23
Propagation Delay from Input OE
to Output Y, tEN
tPZH/ tPZL
VCC =4.5 V
18
28
ns
VCC =5.5 V
15
25
Propagation delay from input OE to
output Y, tDIS
tPHZ/ tPLZ
VCC =4.5 V
15
26
ns
VCC =5.5 V
13
23
Output transition (rise and fall) time,
tT
tTLH/ tTHL
VCC =4.5 V
8
15
ns
VCC =5.5 V
7
14
(CL = 150 pF, TA =25°C)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Propagation Delay from Input A to
Output Y, tPD
tPLH/ tPHL
VCC =4.5 V
19
36
ns
VCC =5.5 V
16
32
Propagation Delay from Input OE
to Output Y, tEN
tPZH/ tPZL
VCC =4.5 V
25
40
ns
VCC =5.5 V
21
35
Output transition (rise and fall) time,
tT
tTLH/ tTHL
VCC =4.5 V
17
42
ns
VCC =5.5 V
14
38
OPERATING CHARACTERISTICS (TA =25°C)
PARAMETER
SYMBOL
TEST CONDITIONS
TYP
UNIT
Power dissipation capacitance
CPD
35
pF


Similar Part No. - U74HCT125G-S14-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74HCT125G-S14-T UTC-U74HCT125G-S14-T Datasheet
185Kb / 6P
   QUADRUPLE BUS BUFFER GATES WITH 3-STATE OUTPUTS
More results

Similar Description - U74HCT125G-S14-T

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54AHCT126 TI-SN54AHCT126_03 Datasheet
376Kb / 15P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATES QUADRUPLE BUS BUFFER GATES
logo
Hitachi Semiconductor
HA74LS126A HITACHI-HA74LS126A Datasheet
49Kb / 6P
   Quadruple Bus Buffer Gates
logo
Unisonic Technologies
U74AHCT125 UTC-U74AHCT125_15 Datasheet
238Kb / 6P
   QUADRUPLE BUS BUFFER GATES
U74AHC126 UTC-U74AHC126_15 Datasheet
254Kb / 5P
   QUADRUPLE BUS BUFFER GATES
logo
Texas Instruments
SN54LV125A TI-SN54LV125A_07 Datasheet
806Kb / 19P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATES
SN74LV125A TI1-SN74LV125A_16 Datasheet
1Mb / 29P
[Old version datasheet]   Quadruple Bus Buffer Gates
logo
Unisonic Technologies
U74LVC126A UTC-U74LVC126A_15 Datasheet
242Kb / 6P
   QUADRUPLE BUS BUFFER GATES
logo
Texas Instruments
SN54HC125 TI1-SN54HC125_15 Datasheet
1Mb / 28P
[Old version datasheet]   Quadruple Bus Buffer Gates
logo
Unisonic Technologies
U74AHC125 UTC-U74AHC125_15 Datasheet
212Kb / 6P
   QUADRUPLE BUS BUFFER GATES
logo
Texas Instruments
SN54CH126 TI-SN54CH126 Datasheet
636Kb / 17P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATES WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com