Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

U74AHC640G-R20-T Datasheet(PDF) 3 Page - Unisonic Technologies

Part # U74AHC640G-R20-T
Description  OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74AHC640G-R20-T Datasheet(HTML) 3 Page - Unisonic Technologies

  U74AHC640G-R20-T Datasheet HTML 1Page - Unisonic Technologies U74AHC640G-R20-T Datasheet HTML 2Page - Unisonic Technologies U74AHC640G-R20-T Datasheet HTML 3Page - Unisonic Technologies U74AHC640G-R20-T Datasheet HTML 4Page - Unisonic Technologies U74AHC640G-R20-T Datasheet HTML 5Page - Unisonic Technologies U74AHC640G-R20-T Datasheet HTML 6Page - Unisonic Technologies U74AHC640G-R20-T Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
U74HC640
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
3 of 7
www.unisonic.com.tw
QW-R126-008.A
ABSOLUTE MAXIMUM RATING (unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VCC
-0.5~7
V
Input Voltage
VIN
-0.5~7
V
Output Voltage
VOUT
-0.5~VCC +0.5
V
Input Clamp Current (VIN<0)
IIK
±20
mA
Output Clamp Current (VOUT<0, or VOUT>VCC)
IOK
±20
mA
Output Current
IOUT
±35
mA
VCC or GND Current
ICC
±70
mA
Storage Temperature
TSTG
-65 ~ +150
°C
Note: 1. The input and output voltage ratings may be exceeded if the input and output current ratings are observed.
2. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
RECOMMENDED OPERATING COMDITIONS
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
Supply Voltage
VCC
2
5
6
V
High-Level Input Voltage
VIH
VCC = 2V
1.5
V
VCC = 4.5V
3.15
VCC = 6V
4.2
Low-Level Input Voltage
VIL
VCC = 2V
0.5
V
VCC = 4.5V
1.35
VCC = 6V
1.8
Input Voltage
VIN
0
VCC
V
Output Voltage
VOUT
0
VCC
V
Input Transition Rise or Fall Rate
Δt/Δv
VCC = 2V
1000
ns/V
VCC = 4.5V
500
VCC = 6V
400
Operating Temperature
TA
-40
85
°C
ELECTRICAL CHARACTERISTICS (TA =25°C , unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
High-Level Output Voltage
VOH
IOH = -20μA, VCC = 2V
1.9
1.998
V
IOH = -20μA, VCC = 4.5V
4.4
4.499
IOH = -20μA, VCC = 6V
5.9
5.999
IOH = -6mA, VCC = 4.5V
3.98
4.3
IOH = -7.8mA, VCC = 6V
5.48
5.8
Low-Level Output Voltage
VOL
IOL = 20μA, VCC = 2V
0.002
0.1
V
IOL = 20μA, VCC = 4.5V
0.001
0.1
IOL = 20μA, VCC = 6V
0.001
0.1
IOL = 6mA, VCC = 4.5V
0.17
0.26
IOL = 7.8mA, VCC = 6V
0.15
0.26
Input Leakage Current(DIR or OE )
II(LEAK)
VIN = VCC or 0, VCC = 6V
±0.1
±100
μA
High-Impedance State Current (A or B)
IOZ
VOUT = VCC or 0, VCC = 6V
±0.01
±0.5
μA
Quiescent Supply Current
ICC
VIN=VCC or 0,IOUT=0,VCC=6V
8
μA
Input Capacitance (DIR or OE )
CIN
VIN=VCC or 0,VCC=2V to 6V
3
10
pF


Similar Part No. - U74AHC640G-R20-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74AHC640G-R20-T UTC-U74AHC640G-R20-T Datasheet
208Kb / 7P
   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
More results

Similar Description - U74AHC640G-R20-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74HC620 RENESAS-HD74HC620 Datasheet
128Kb / 12P
   Octal Bus Transceivers (with inverted 3-state outputs),Octal Bus Transceivers (with 3-state outputs)
HD74HCT640 RENESAS-HD74HCT640 Datasheet
221Kb / 10P
   Octal Bus Transceivers (with inverted 3-state outputs) Octal Bus Transceivers (with 3-state outputs)
Mar 30, 2006
logo
Hitachi Semiconductor
HD74BC245A HITACHI-HD74BC245A Datasheet
42Kb / 8P
   Octal Bus Transceivers With 3 State Outputs
HD74HCT245 HITACHI-HD74HCT245 Datasheet
57Kb / 8P
   Octal Bus Transceivers (with 3-state outputs)
logo
Texas Instruments
SN54HC245 TI-SN54HC245 Datasheet
533Kb / 16P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ALS640B TI-SN54ALS640B Datasheet
112Kb / 7P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ACT245 TI-SN54ACT245 Datasheet
509Kb / 15P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT640 TI-SN54ABT640 Datasheet
107Kb / 6P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54AC245 TI-SN54AC245 Datasheet
100Kb / 6P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74BC640A HITACHI-HD74BC640A Datasheet
44Kb / 9P
   Octal Bus Transceivers With 3 State Outputs
logo
Renesas Technology Corp
HD74HCT245 RENESAS-HD74HCT245_15 Datasheet
130Kb / 9P
   Octal Bus Transceivers (with 3-state outputs)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com