Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NJM3774FM2 Datasheet(PDF) 9 Page - New Japan Radio

Part # NJM3774FM2
Description  DUAL STEPPER MOTOR DRIVER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM3774FM2 Datasheet(HTML) 9 Page - New Japan Radio

  NJM3774FM2 Datasheet HTML 1Page - New Japan Radio NJM3774FM2 Datasheet HTML 2Page - New Japan Radio NJM3774FM2 Datasheet HTML 3Page - New Japan Radio NJM3774FM2 Datasheet HTML 4Page - New Japan Radio NJM3774FM2 Datasheet HTML 5Page - New Japan Radio NJM3774FM2 Datasheet HTML 6Page - New Japan Radio NJM3774FM2 Datasheet HTML 7Page - New Japan Radio NJM3774FM2 Datasheet HTML 8Page - New Japan Radio NJM3774FM2 Datasheet HTML 9Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
NJM3774
Figure 10. Power dissipation vs.
motor current,T
A = 25°C
Figure 12. Typical lower transistor
saturation voltage vs. output current
Figure 13. Typical lower diode voltage
drop vs. recirculating current
Figure 14. Typical upper transistor
saturation voltage vs. output current
Figure 11. Maximum allowable
continuous power dissipation vs.
temperature
s TYPICAL CHARACTERISTICS
The specifications on this databook are only
given for information , without any guarantee
as regards either mistakes or omissions.
The application circuits in this databook are
described only to show representative
usages of the product and not intended for
the guarantee or permission of any right
including the industrial rights.
PD (W)
I M (A)
3.0
2.0
1.0
0
0
0.20
0.40
0.60
0.80
One
channel
on
One
channel
on
One
channel
on
Two
channels
on
Maximum allowable power dissipation [W]
Temperature [
°C]
0
25
50
75
125
150
100
PLCC package
DIP package
All ground pins soldered onto a
20 cm PCB copper area with
free air convection.
2
6
5
4
3
2
1
0
Ambient
temperature
-25
VCE Sat (V)
I M (A)
0
0.20
0.40
0.60
0.80
1.2
0.8
0.4
0
0.2
0.6
1.0
Vd, ld (V)
I M (A)
0
0.20
0.40
0.60
0.80
1.2
0.8
0.4
0
0.2
0.6
1.0
VCE Sat (V)
I M (A)
0
0.20
0.40
0.60
0.80
1.2
0.8
0.4
0
0.2
0.6
1.0


Similar Part No. - NJM3774FM2

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM3770A NJRC-NJM3770A Datasheet
173Kb / 10P
   STEPPER MOTOR DRIVER
NJM3770AD3 NJRC-NJM3770AD3 Datasheet
173Kb / 10P
   STEPPER MOTOR DRIVER
NJM3770AE2 NJRC-NJM3770AE2 Datasheet
173Kb / 10P
   STEPPER MOTOR DRIVER
NJM3770AFM2 NJRC-NJM3770AFM2 Datasheet
173Kb / 10P
   STEPPER MOTOR DRIVER
NJM3771 NJRC-NJM3771 Datasheet
169Kb / 9P
   DUAL STEPPER MOTOR DRIVER
More results

Similar Description - NJM3774FM2

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM3773 NJRC-NJM3773 Datasheet
170Kb / 9P
   DUAL STEPPER MOTOR DRIVER
logo
Ericsson
PBL3775-1 ERICSSON-PBL3775-1 Datasheet
161Kb / 8P
   Dual Stepper Motor Driver
logo
New Japan Radio
NJM3771 NJRC-NJM3771 Datasheet
169Kb / 9P
   DUAL STEPPER MOTOR DRIVER
NJM3772 NJRC-NJM3772 Datasheet
162Kb / 9P
   DUAL STEPPER MOTOR DRIVER
logo
ON Semiconductor
LV8714TA ONSEMI-LV8714TA Datasheet
1Mb / 25P
   Dual Stepper Motor Driver
November 2014- Rev. 2
logo
Ericsson
PBL3772 ERICSSON-PBL3772 Datasheet
708Kb / 13P
   DUAL STEPPER MOTOR DRIVER
PBL3773 ERICSSON-PBL3773 Datasheet
697Kb / 8P
   DUAL STEPPER MOTOR DRIVER
logo
New Japan Radio
NJM3777 NJRC-NJM3777 Datasheet
166Kb / 10P
   DUAL STEPPER MOTOR DRIVER
logo
Shindengen Electric Mfg...
MTD2009J SHINDENGEN-MTD2009J_17 Datasheet
241Kb / 4P
   Dual Stepper Motor Driver
MTD2009J SHINDENGEN-MTD2009J Datasheet
221Kb / 2P
   Dual Stepper Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com