Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0638256700 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0638256700
Description  Hand Tool for P-Lock Flag Female Terminal
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

0638256700 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0638256700 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 10/13/2015
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0638256700
Status:
Active
Description:
Hand Tool for P-Lock Flag Female Terminal
Documents:
RoHS Certificate of Compliance (PDF)
General
Product Family
Application Tooling
Series
T9999
Comments
Die sets are not sold separately; the complete hand tool
needs to be ordered to obtain the die set.. Type: 4C
Function
Crimp
Geographic Area
Global
Level of Automation
Manual
More Detailed Tech Information
applicationtooling@molex.com
Product Name
PremiumGrade™
Survey
www.molex.com//review/apptool_survey.html
Tool Type
Handtool
UPC
887191220154
Material Info
Reference - Drawing Numbers
Application Tooling Documents
ATS-6382567HM
Series image - Reference only
EU ELV
Not Reviewed
EU RoHS
China RoHS
Not Reviewed
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
Please visit the Contact Us section for any
non-product compliance questions.
China ROHS
Not Reviewed
ELV
Not Reviewed
Search Parts in this Series
T9999 Series
Use With
104442 2.8 (.110”) P-Lock Flag Terminal 24
AWG and 24 + 24 AWG
This document was generated on 10/13/2015
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0638256700

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0638256000 MOLEX11-0638256000 Datasheet
38Kb / 1P
   Hand Crimp Tool for CSP 6.3 Receptacle Terminal
0638256100 MOLEX11-0638256100 Datasheet
32Kb / 1P
   Hand Crimp Tool for CSP 6.3 Receptacle Terminal
0638256100 MOLEX-0638256100 Datasheet
35Kb / 1P
   Hand Crimp Tool for CSP 6.3 Receptacle Terminal
11/02/2021
0638256200 MOLEX11-0638256200 Datasheet
32Kb / 1P
   Hand Tool for CSP 6.3 Receptacle Terminal
0638256300 MOLEX-0638256300 Datasheet
14Kb / 1P
   Hand Crimp Tool for Slip-On Wire-to-Wire Terminal, 6.35mm Tab, Male, 16-18 AWG
08/26/2022
More results

Similar Description - 0638256700

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
ATS-638256600 MOLEX-ATS-638256600 Datasheet
464Kb / 8P
   Tool Kit for P-Lock Flag Female Terminal
01-27-13
63825-6600 MOLEX-63825-6600 Datasheet
464Kb / 8P
   Tool Kit for P-Lock Flag Female Terminal
01-27-13
63825-6700 MOLEX-63825-6700 Datasheet
462Kb / 8P
   Tool Kit for P-Lock Flag Female Terminal
03-19-13
0638256600 MOLEX11-0638256600 Datasheet
32Kb / 1P
   Tool Kit for P-Lock Flag Female Terminal
ATS-6382567HM MOLEX-ATS-6382567HM Datasheet
462Kb / 8P
   Tool Kit for P-Lock Flag Female Terminal
03-19-13
0638254800 MOLEX-0638254800 Datasheet
23Kb / 1P
   Hand Tool for MP-Lock Female Terminal
08/26/2022
63825-4800 MOLEX11-63825-4800 Datasheet
39Kb / 1P
   Hand Tool for MP-Lock Female Terminal
63819-9700 MOLEX11-63819-9700 Datasheet
38Kb / 1P
   Hand Crimp Tool for Quick Disconnect Flag Female Terminals
0638199700 MOLEX-0638199700 Datasheet
35Kb / 1P
   Hand Crimp Tool for Quick Disconnect Flag Female Terminals
11/02/2021
0638197800 MOLEX-0638197800 Datasheet
35Kb / 1P
   Hand Crimp Tool for Quick Disconnect Flag Female Terminals
11/02/2021
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com