Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T721002 Datasheet(PDF) 1 Page - E-SWITCH

Part # T721002
Description  ALL DIMENSION IN MM
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

T721002 Datasheet(HTML) 1 Page - E-SWITCH

  T721002 Datasheet HTML 1Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TITLE
SCALE
DATE
DR
DWG
REV
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROPRIETARY
TO E-SWITCH AND IS NOT TO BE COPIED OR TRANSFERRED
SHEET
OF
REV
PCR NO
DESCRIPTION
DATE
BY
700DP7B20M6QE
2:1
7/11/2011
T721002
B
BGL
1
1
4
5
6
6
3
36
2
5
1
4
PCB LAYOUT
POS. 1
POS. 2
SWITCH FUNCTION
(ON)
ON
1-3, 4-6
1-2, 4-5
() = MOMENTARY
B
20055
DRAWING CLEAN-UP / UPDATE
7/11/11
BGL
5.12
[.202 in]
6.35
[.250 in]
1.30
[.051 in]
n3.10
[.122 in]
1.02
[.040 in]
12.70
[.500 in]
11.43
[.450 in]
1.02
[.040 in]
.72
[.028 in]
KEYWAY
NOTE:
1. ALL DIMENSIONS IN MM [INCH]
2. GENERAL TOLERANCE: X.X=±0.4
X.XX=±0.25
3. TERMINAL NUMBERS FOR REF ONLY
4. CONTACT MATERIAL: SILVER
5. RATING: 1A @ 250 VAC
3A @ 120 VAC OR 28 VDC MAX.
6. ELECTRIC LIFE: 50,000 MAKE-AND-BREAK CYCLES
AT FULL LOAD
7. INSULATION RESISTANCE: 1,000 MEGA-OHM MIN.
8. ACUATION FORCE: 300 ± 100gf
9. TRAVEL: 1.0 ± 0.2mm
10. CONTACT RESISTANCE: 20 mOHM MAX.
TYPICAL @ 2-4 VDC
11. DIELECTRIC STRENGTH: 1,000 V RMS @ SEA LEVEL.
12. OPERATING TEMP.: -30°C to 85°C
13.
DENOTES CRITICAL PARAMETER.
14. 2002/95/EC (ROHS) COMPLIANT.
6
CIRCUIT DIAGRAM
3
1
5
NC
COM.
4
PUSH
NO
2
E-SWITCH LOGO ON
OPPOSITE SIDE
EPOXY SEAL
1.27
[.050 in]
3.81
[.150 in]
12.70
[.500 in]
7.53
[.296 in]
n1.85
[.073 in]
4.70
[.185 in]
3.81
[.150 in]
12.70
[.500 in]
5.08
[.200 in]
5.08
[.200 in]
1.22
[.048 in]
.76
[.030 in]
4.70
[.185 in]


Similar Part No. - T721002

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
T721000 E-SWITCH-T721000 Datasheet
168Kb / 1P
   ALL DIMENSION IN MM
T721001 E-SWITCH-T721001 Datasheet
173Kb / 1P
   ALL DIMENSION IN MM
T721003 E-SWITCH-T721003 Datasheet
174Kb / 1P
   ALL DIMENSION IN MM
T721004 E-SWITCH-T721004 Datasheet
187Kb / 1P
   ALL DIMENSION IN MM
T721005 E-SWITCH-T721005 Datasheet
167Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
More results

Similar Description - T721002

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
R010000 E-SWITCH-R010000 Datasheet
27Kb / 1P
   All Dimension In MM
R010005 E-SWITCH-R010005 Datasheet
56Kb / 1P
   All Dimension In MM
M301101 E-SWITCH-M301101 Datasheet
41Kb / 1P
   All Dimension In MM
M301123 E-SWITCH-M301123 Datasheet
67Kb / 1P
   All Dimension In MM
M301208 E-SWITCH-M301208 Datasheet
32Kb / 1P
   All Dimension In MM
G510576 E-SWITCH-G510576 Datasheet
288Kb / 1P
   All Dimension In MM
G510360 E-SWITCH-G510360 Datasheet
148Kb / 1P
   All Dimension In MM
G510365 E-SWITCH-G510365 Datasheet
137Kb / 1P
   All Dimension In MM
G510450 E-SWITCH-G510450 Datasheet
41Kb / 1P
   All Dimension In MM
G510541 E-SWITCH-G510541 Datasheet
41Kb / 1P
   All Dimension In MM
G510561 E-SWITCH-G510561 Datasheet
38Kb / 1P
   All Dimension In MM
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com