Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SF33 Datasheet(PDF) 1 Page - Micro Commercial Components

Part # SF33
Description  3.0 Amp Super Fast Rectifier 50 to 600 Volts
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

SF33 Datasheet(HTML) 1 Page - Micro Commercial Components

  SF33 Datasheet HTML 1Page - Micro Commercial Components SF33 Datasheet HTML 2Page - Micro Commercial Components SF33 Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SF31
THRU
SF38
3.0 Amp Super Fast
Rectifier
50 to 600 Volts
Features
High Surge Capability
Low Forward Voltage Drop
High Current Capability
High Reliability
Maximum Ratings
Operating Temperature: -55
°C to +125°C
Storage Temperature: -55
°C to +150°C
For capacitive load, derate current by 20%
MCC
Part Number
Maximum
Recurrent
Peak Reverse
Voltage
Maximum
RMS Voltage
Maximum DC
Blocking
Voltage
SF31
50V
35V
50V
SF32
100V
70V
100V
SF33
150V
105V
150V
SF34
200V
140V
200V
SF35
300V
210V
300V
SF36
400V
280V
400V
SF38
600V
420V
600V
Electrical Characteristics @ 25
°C Unless Otherwise Specified
Average Forward
Current
IF(AV)
3.0 A
TC = 55
°C
Peak Forward Surge
Current
IFSM
100A
8.3ms, half sine
Maximum
Instantaneous
Forward Voltage
SF31-SF34
SF35-SF36
SF38
VF
.95V
1.3V
1.7V
IFM = 3.0A;
TC = 25
°C
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
5.0
µA
100
µA
TC= 25
°C
TC = 100
°C
Typical Junction
Capacitance
SF31-SF34
SF35-SF38
CJ
100pF
80pF
Measured at
1.0MHz, VR=4.0V
Maximum Reverse
Recovery Time
Trr
35ns
IF=0.5A, IR=1.0A,
Irr=0.25A
*Pulse Test: Pulse Width 300
µsec, Duty Cycle 1%
DO-201AD
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
---
.370
---
9.50
B
---
.250
---
6.40
C
.048
.052
1.20
1.30
D
1.000
---
25.40
---
A
B
C
D
D
Cathode
Mark
www.mccsemi.com
 omponents
21201 Itasca Street Chatsworth

 !"#
$%    !"#
MCC


Similar Part No. - SF33

ManufacturerPart #DatasheetDescription
logo
Diotech Company.
SF33 DIOTECH-SF33 Datasheet
678Kb / 2P
   SUPER FAST RECOVERY SILICON RECTIFIER
logo
Mospec Semiconductor
SF33 MOSPEC-SF33 Datasheet
131Kb / 2P
   POWER RECTIFIERS(3.0A,50-400V)
logo
SAMYANG ELECTRONICS CO....
SF33 SAMYANG-SF33 Datasheet
1Mb / 2P
   SUPER FAST RECTIFIERS
logo
Rugao Dachang Electroni...
SF33 DACHANG-SF33 Datasheet
121Kb / 2P
   Plastic Super Fast Recover Rectifier
logo
Leshan Radio Company
SF33 LRC-SF33 Datasheet
59Kb / 2P
   SUPER FAST DIODES
More results

Similar Description - SF33

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SF31 MCC-SF31_11 Datasheet
475Kb / 4P
   3.0 Amp Super Fast Rectifier 50 to 600 Volts
logo
DONGGUAN YOU FENG WEI E...
SF31 YFWDIODE-SF31 Datasheet
90Kb / 3P
   3.0 Amp Super Fast Rectifier 50 to 600 Volts
SF31-DO27 YFWDIODE-SF31-DO27 Datasheet
384Kb / 3P
   3.0 Amp Super Fast Rectifier 50 to 600 Volts
logo
Micro Commercial Compon...
SF21 MCC-SF21_11 Datasheet
189Kb / 4P
   2.0 Amp Super Fast Rectifier 50 to 600 Volts
logo
DONGGUAN YOU FENG WEI E...
SF11-DO41 YFWDIODE-SF11-DO41 Datasheet
390Kb / 3P
   50 to 600 Volts 1.0 Amp Super Fast Rectifier
logo
Micro Commercial Compon...
SF51 MCC-SF51 Datasheet
90Kb / 2P
   5.0 Amp Super Fast Rectifier 50 to 600 Volts
SF51 MCC-SF51_11 Datasheet
434Kb / 3P
   5.0 Amp Super Fast Rectifier 50 to 600 Volts
MURB1605CT MCC-MURB1605CT Datasheet
105Kb / 3P
   16 Amp Super Fast Recovery Rectifier 50 to 600 Volts
ER2A-L MCC-ER2A-L Datasheet
358Kb / 3P
   2 Amp Super Fast Recovery Rectifier 50 to 600 Volts
ER1A-L MCC-ER1A-L Datasheet
285Kb / 3P
   1 Amp Super Fast Recovery Rectifier 50 to 600 Volts
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com