Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NJM3771E3 Datasheet(PDF) 4 Page - New Japan Radio

Part # NJM3771E3
Description  DUAL STEPPER MOTOR DRIVER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM3771E3 Datasheet(HTML) 4 Page - New Japan Radio

  NJM3771E3 Datasheet HTML 1Page - New Japan Radio NJM3771E3 Datasheet HTML 2Page - New Japan Radio NJM3771E3 Datasheet HTML 3Page - New Japan Radio NJM3771E3 Datasheet HTML 4Page - New Japan Radio NJM3771E3 Datasheet HTML 5Page - New Japan Radio NJM3771E3 Datasheet HTML 6Page - New Japan Radio NJM3771E3 Datasheet HTML 7Page - New Japan Radio NJM3771E3 Datasheet HTML 8Page - New Japan Radio NJM3771E3 Datasheet HTML 9Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
NJM3771
Figure 4. Definitions of symbols
Figure 5. Definition of terms
50 %
V
CH
t
on
t
off
V
E
| V
– V
|
MA
MB
td
t
t
f =
s
ton toff
+
D =
t
ton
off
+
1
ton
I
I
M
OL
ICC
I
I
I
I
IH
IL
IA
3 300 pF
VCC
I
I
C
A
V E
V
V
VMM
C
820 pF
1 k
R
S
R T
T
CC
RC
15 k
I MM
I RC
RC
NJM 3771
20
12
11
VMM1
VMM2
M A1
M B1
M
B2
M
A2
GND
C2
V
R2
CD
2
Phase 2
V
CC
C 1
VR1
CD1
Phase 1
E 1
E 2
V
CC
22
19
16
13
S
R
Q
15
14
5, 6, 17, 18
+
+
Logic
21
S
R
Q
+
+
Logic
+
3
1
4
2
10
9
8
7
V
V
V
I
IH
IL
V
V
A
R
V
V
CH
C
M
MA
s ABSOLUTE MAXIMUM RATINGS
Parameter
Pin no. (DIP)
Symbol
Min
Max
Unit
Voltage
Logic supply
11
V
CC
07
V
Motor supply
3, 20
V
MM
045
V
Logic inputs
7, 8, 15, 16
V
I
-0.3
6
V
Comparator inputs
10, 13
V
C
-0.3
V
CC
V
Reference inputs
9, 14
V
R
-0.3
7.5
V
Current
Motor output current
1, 4, 19, 22
I
M
-700
+700
mA
Logic inputs
7, 8, 15, 16
I
I
-10
-
mA
Analog inputs
10, 13
I
A
-10
-
mA
Oscillator charging current
12
I
RC
-5
mA
Temperature
Operating junction temperature
T
J
-40
+150
°C
Storage temperature**
T
S
-55
+150
°C
** Circuit only. The packaging can handle max 60
°C
s RECOMMENDED OPERATING CONDITIONS
Parameter
Symbol
Min
Typ
Max
Unit
Logic supply voltage
V
CC
4.75
5
5.25
V
Motor supply voltage
V
MM
10
-
40
V
Motor output current ***
I
M
-650
-
650
mA
Junction temperature ****
T
J
-20
-
+125
°C
Rise time logic inputs
t
r
--
2
µs
Fall time logic inputs
t
f
--
2
µs
Oscillator timing resistor
R
T
2
15
20
kohm
*** In microstepping mode, “sine/cosine” drive where I
1 = 650 • cos(q) and I2 = 650 • sin(q) mA, otherwise 500 mA/channel both
channels fully on.
****See operating temperature chapter.


Similar Part No. - NJM3771E3

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM37717 NJRC-NJM37717 Datasheet
196Kb / 10P
   STEPPER MOTOR DRIVER
NJM37717D2 NJRC-NJM37717D2 Datasheet
196Kb / 10P
   STEPPER MOTOR DRIVER
More results

Similar Description - NJM3771E3

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM3773 NJRC-NJM3773 Datasheet
170Kb / 9P
   DUAL STEPPER MOTOR DRIVER
logo
Ericsson
PBL3775-1 ERICSSON-PBL3775-1 Datasheet
161Kb / 8P
   Dual Stepper Motor Driver
logo
New Japan Radio
NJM3772 NJRC-NJM3772 Datasheet
162Kb / 9P
   DUAL STEPPER MOTOR DRIVER
NJM3774 NJRC-NJM3774 Datasheet
161Kb / 9P
   DUAL STEPPER MOTOR DRIVER
logo
ON Semiconductor
LV8714TA ONSEMI-LV8714TA Datasheet
1Mb / 25P
   Dual Stepper Motor Driver
November 2014- Rev. 2
logo
Ericsson
PBL3772 ERICSSON-PBL3772 Datasheet
708Kb / 13P
   DUAL STEPPER MOTOR DRIVER
PBL3773 ERICSSON-PBL3773 Datasheet
697Kb / 8P
   DUAL STEPPER MOTOR DRIVER
logo
New Japan Radio
NJM3777 NJRC-NJM3777 Datasheet
166Kb / 10P
   DUAL STEPPER MOTOR DRIVER
logo
Shindengen Electric Mfg...
MTD2009J SHINDENGEN-MTD2009J_17 Datasheet
241Kb / 4P
   Dual Stepper Motor Driver
MTD2009J SHINDENGEN-MTD2009J Datasheet
221Kb / 2P
   Dual Stepper Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com