Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

66226 Datasheet(PDF) 2 Page - Micropac Industries

Part # 66226
Description  Designed to meet or exceed MIL-PRF-19500 radiation requirements
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROPAC [Micropac Industries]
Direct Link  http://www.micropac.com
Logo MICROPAC - Micropac Industries

66226 Datasheet(HTML) 2 Page - Micropac Industries

  66226 Datasheet HTML 1Page - Micropac Industries 66226 Datasheet HTML 2Page - Micropac Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MICROPAC INDUSTRIES, INC. OPTOELECTRONIC PRODUCTS DIVISION  725 E.Walnut St., Garland, TX 75040  (972)272-3571  Fax (972)487-6918
www.micropac.com
E-MAIL: OPTOSALES @ MICROPAC.COM
66226
6 PIN LCC RADIATION TOLERANT OPTOCOUPLER WITH 850 nm LED
04/10/2013
ELECTRICAL CHARACTERISTICS
INPUT DIODE
TA = 25
C unless otherwise specified.
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
TEST CONDITIONS
NOTE
Input Diode Static Reverse Current
IR
1.0
µA
VR = 3 V
Input Diode Static Forward Voltage
VF
0.8
1.4
1.6
V
IF = 10 mA
OUTPUT TRANSISTOR
TA = 25
C unless otherwise specified.
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
TEST CONDITIONS
NOTE
Collector-Base Breakdown Voltage
V(BR)CBO
40
V
IC = 100 A, IF = 0
Collector-Emitter Breakdown Voltage
V(BR)CEO
40
V
IC = 1 mA, IB = 0, IF = 0
Emitter-Collector Breakdown Voltage
V(BR)ECO
5
V
IE = 100 A, IF = 0
Collector-Emitter Dark Current
+100
C
ICEO
100
20
nA
A
VCE = 20 V
COUPLED CHARACTERISTICS
TA = 25
C unless otherwise specified.
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
TEST CONDITIONS
NOTE
On-State Collector Current
IC(ON)
10
mA
VCE = 1 V, IF = 10 mA
Collector-Emitter Saturation Voltage
VCE(SAT)
0.3
V
IF = 20 mA, IC=10 mA
Input -Output Isolation Voltage
VI-O
1000
V
II-O = 100 nA
1
Input to Output Capacitance
CI-O
2.5
5
pF
f = 1 MHz, VI-O = 0
1
Rise Time
tr
5
s
VCC = 5 V, IC = 2 mA,
RL = 100
Fall Time
tf
7
s
VCC = 5 V, IC = 2 mA,
RL = 100 
NOTES:
1) These parameters are measured between all phototransistor leads shorted together and with both input diode leads shorted together.
RECOMMENDED OPERATING CONDITIONS:
PARAMETER
SYMBOL
MIN
MAX
UNITS
Input Current, Low Level
IFL
0
100
A
Input Current, High Level
IFH
10
20
mA
Supply Voltage
VCE
5
20
V
Operating Temperature
TA
-55
+100
C
SELECTION GUIDE
PART NUMBER
PART DESCRIPTION
66226-001
Commercial
66226-101
Screened to JAN level
66226-103
Screened to JANTX level
66226-105
Screened to JANTXV level
66226-300
Screened to Space level


Similar Part No. - 66226

ManufacturerPart #DatasheetDescription
logo
FCI connector
66226-001LF FCI-CONNECTOR-66226-001LF Datasheet
317Kb / 4P
   CLINCHER PIN ASSEMBLY
66226-002LF FCI-CONNECTOR-66226-002LF Datasheet
317Kb / 4P
   CLINCHER PIN ASSEMBLY
66226-003LF FCI-CONNECTOR-66226-003LF Datasheet
317Kb / 4P
   CLINCHER PIN ASSEMBLY
66226-004LF FCI-CONNECTOR-66226-004LF Datasheet
317Kb / 4P
   CLINCHER PIN ASSEMBLY
66226-005LF FCI-CONNECTOR-66226-005LF Datasheet
317Kb / 4P
   CLINCHER PIN ASSEMBLY
More results

Similar Description - 66226

ManufacturerPart #DatasheetDescription
logo
Micropac Industries
66225 MICROPAC-66225 Datasheet
58Kb / 2P
   Designed to meet or exceed MIL-PRF-19500 radiation requirements
logo
Vishay Siliconix
1240 VISHAY-1240 Datasheet
152Kb / 5P
   Bulk Metal® Foil Technology Precision Trimming Potentiometers, 1/4 Inch Square, RJ26 Style, Designed to Meet or Exceed the Requirements of MIL-PRF-39035, Char. H
Revision: 17-Jun-08
1260 VISHAY-1260 Datasheet
113Kb / 5P
   Bulk Metal® Foil Technology Precision Trimming Potentiometers, 3/8 Inch Square, RJ24 Style, Designed to Meet or Exceed the Requirements of MIL-PRF-39035, Char. H
Revision: 29-Feb-08
1202 VISHAY-1202 Datasheet
137Kb / 6P
   Bulk Metal® Foil Technology Precision Trimming Potentiometers, 1 1/4 Inch Rectilinear, RJ12 Style, Designed to Meet or Exceed The Requirements of MIL-PRF-22097, Char. F
Revision: 13-Nov-07
logo
JMK Inc.
ZF-2307-20 JMK-ZF-2307-20 Datasheet
31Kb / 1P
   designed to work with systems having requirements to meet Mil-Std-461D, E or F.
ZM-2282-125 JMK-ZM-2282-125 Datasheet
148Kb / 1P
   designed to work with systems with requirements to meet Mil-Std-461D, E or F.
ZM-1758-60 JMK-ZM-1758-60 Datasheet
156Kb / 1P
   designed to work with systems with requirements to meet Mil-Std-461D, E, or F.
ZM-1758-80 JMK-ZM-1758-80 Datasheet
120Kb / 1P
   designed to work with systems with requirements to meet Mil-Std-461D, E, or F.
logo
Semicoa Semiconductor
JAN2N3507 SEMICOA-JAN2N3507 Datasheet
517Kb / 2P
   Screening and processing per MIL-PRF-19500
logo
Microsemi Corporation
JAN2N6766 MICROSEMI-JAN2N6766 Datasheet
1,006Kb / 9P
   N-CHANNEL MOSFET Qualified per MIL-PRF-19500/543
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com