Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ITS42K5D-LD-F Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # ITS42K5D-LD-F
Description  Dual Channel High-Side PMOS Power Switch with Integrated Freewheeling Diodes
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

ITS42K5D-LD-F Datasheet(HTML) 2 Page - Infineon Technologies AG

  ITS42K5D-LD-F_15 Datasheet HTML 1Page - Infineon Technologies AG ITS42K5D-LD-F_15 Datasheet HTML 2Page - Infineon Technologies AG ITS42K5D-LD-F_15 Datasheet HTML 3Page - Infineon Technologies AG ITS42K5D-LD-F_15 Datasheet HTML 4Page - Infineon Technologies AG ITS42K5D-LD-F_15 Datasheet HTML 5Page - Infineon Technologies AG ITS42K5D-LD-F_15 Datasheet HTML 6Page - Infineon Technologies AG ITS42K5D-LD-F_15 Datasheet HTML 7Page - Infineon Technologies AG ITS42K5D-LD-F_15 Datasheet HTML 8Page - Infineon Technologies AG ITS42K5D-LD-F_15 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
PG-TSON-10
Type
Package
Marking
ITS42k5D-LD-F
PG-TSON-10
I2k5DF
Data Sheet
2
Rev 1.0, 2015-04-28
Dual Channel High-Side PMOS Power Switch with
Integrated Freewheeling Diodes
ITS42k5D-LD-F
1Overview
Features
Two channel power PMOS high-side switch
Integrated freewheeling diode
Output current capability: up to 250mA per channel
Wide operating voltage range: 4.5V to 42V
Very low quiescent current in OFF state
High current limit accuracy
3.3V and 5V compatible logic inputs
Optimized EMC behavior
Overload, short circuit, open load and overtemperature diagnosis
ESD, short circuit, safe operation area and overtemperature protection
Undervoltage lockout (UVLO)
Green and robust product (RoHS compliant)
Description
The ITS42k5D-LD-F, which is available in a very small leadless PG-TSON-10 package, is a 2.5Ω dual channel
high-side PMOS power switch with integrated freewheeling diodes including protection and diagnostic functions.
The ITS42k5D-LD-F has two diagnostic status output pins, one for each channel.
The diagnosis can be read out from two separate open drain outputs in order to indicate overload, short circuit,
open load and overtemperature conditions. The device controls the respective channel one or two by the two
separate input pins i.e. IN1 and IN2. When both inputs are low the device is in OFF condition. Each channel of the
device is able to drive loads up to 250mA.
Application range
The ITS42k5D-LD-F is capable of switching resistive, capacitive and inductive loads (e.g. sensor units, LEDs,
relays, valves) in harsh industrial environments. An integrated freewheeling diode enables driving of inductive
loads. The ITS42k5D-LD-F is suitable for switching small loads such as sensors. For sensor supplies please refer
to Infineon’s industrial linear voltage regulator products.
The qualification of this product is based on JEDEC JESD47 and may reference existing qualification results of
similar products. Such referencing is justified by the structural similarity of the products. The product is not qualified
and manufactured according to the requirements of Infineon Technologies with regard to automotive and/or
transportation applications.


Similar Part No. - ITS42K5D-LD-F_15

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ITS42K5DLDF INFINEON-ITS42K5DLDF Datasheet
32Kb / 1P
   Material Content Data Sheet
14. August 2015
ITS42K5DLDF INFINEON-ITS42K5DLDF_15 Datasheet
32Kb / 1P
   Material Content Data Sheet
14. August 2015
More results

Similar Description - ITS42K5D-LD-F_15

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L9959 STMICROELECTRONICS-L9959 Datasheet
828Kb / 49P
   Single and dual PMOS high-side H-bridge
October 2015 Rev 2
L9959S STMICROELECTRONICS-L9959S Datasheet
1Mb / 43P
   Single and dual PMOS high-side H-bridge
September 2013 Rev 6
logo
Infineon Technologies A...
BTT6030-2EKA INFINEON-BTT6030-2EKA_15 Datasheet
2Mb / 54P
   Smart High-Side Power Switch Dual Channel
Rev. 1.1, 2015-03-04
logo
Fitipower Integrated Te...
FP6862 FITIPOWER-FP6862 Datasheet
690Kb / 11P
   Dual-Channel USB High-Side Power Switch
logo
Taiwan Semiconductor Co...
TS2025 TSC-TS2025 Datasheet
324Kb / 8P
   0.5A Dual Channel USB High-Side Power Switch
logo
Infineon Technologies A...
BTT6030-2ERB INFINEON-BTT6030-2ERB Datasheet
1Mb / 55P
   Smart High-Side Power Switch Dual Channel, 32m廓
Rev.1.00 2019-03-09
logo
Unisonic Technologies
US2076A UTC-US2076A Datasheet
265Kb / 8P
   DUAL USB HIGH-SIDE POWER SWITCH
logo
Sipex Corporation
SP2526A SIPEX-SP2526A Datasheet
91Kb / 10P
   Dual USB High-Side Power Switch
logo
Diodes Incorporated
AP1212 DIODES-AP1212 Datasheet
282Kb / 12P
   DUAL USB HIGH-SIDE POWER SWITCH
AP1212 Rev. 2
logo
Analog Intergrations Co...
AIC1526 AIC-AIC1526 Datasheet
245Kb / 8P
   Dual USB High-Side Power Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com