Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ITS42K5D-LD-F Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # ITS42K5D-LD-F
Description  Dual Channel High-Side PMOS Power Switch with Integrated Freewheeling Diodes
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

ITS42K5D-LD-F Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button ITS42K5D-LD-F_15 Datasheet HTML 3Page - Infineon Technologies AG ITS42K5D-LD-F_15 Datasheet HTML 4Page - Infineon Technologies AG ITS42K5D-LD-F_15 Datasheet HTML 5Page - Infineon Technologies AG ITS42K5D-LD-F_15 Datasheet HTML 6Page - Infineon Technologies AG ITS42K5D-LD-F_15 Datasheet HTML 7Page - Infineon Technologies AG ITS42K5D-LD-F_15 Datasheet HTML 8Page - Infineon Technologies AG ITS42K5D-LD-F_15 Datasheet HTML 9Page - Infineon Technologies AG ITS42K5D-LD-F_15 Datasheet HTML 10Page - Infineon Technologies AG ITS42K5D-LD-F_15 Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
Data Sheet
7
Rev 1.0, 2015-04-28
ITS42k5D-LD-F
Functional Description
Figure 4
Input / output timings when switching a resistive load.
4.3
Protection Functions
Note: Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
Integrated protection functions are designed to prevent IC destruction under fault conditions described in the
data sheet. Fault conditions are considered as “outside” the normal operating range. Protection functions
are neither designed for continuous nor repetitive operation.
4.3.1
Short Circuit Protection
Short circuit is a special case of overload. The device is protected within the supply voltage range from
V
S = 4.5
V to 42 V. If the device stays in short circuit condition for a longer time the integrated temperature protection will
switch the device OFF (both channels OFF). For details please look at chapter “Overtemperature Protection”.
4.3.2
Protection by Overtemperature Shutdown
This circuit monitors the junction temperature
T
j. When the device is ON, the junction temperature Tj increases
proportional to the power loss. The temperature protector is equipped with two temperature sensors, one for each
one of the powerstages. When the thermal shutdown trip point
T
SDOFF is reached, the in-built protector switches
OFF the respective channel. This overtemperature shutdown is reported via diagnosis to the respective status flag
i.e. either ST1 and ST2. The output remains OFF until the junction is cooled down to the thermal shutdown release
point
T
SDON. If the overload condition remains the device will toggle between both junction temperature values. It
is not recommended for the device to stay in an overload condition as this will degrade its lifetime.
VOUT
VIN
10%
90%
tON
tOFF
SR ON =
(dV/dt)
ON
tf
VINH
VINL
t
100%
tr
SR OFF =
(dV/dt)
OFF
t


Similar Part No. - ITS42K5D-LD-F_15

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ITS42K5DLDF INFINEON-ITS42K5DLDF Datasheet
32Kb / 1P
   Material Content Data Sheet
14. August 2015
ITS42K5DLDF INFINEON-ITS42K5DLDF_15 Datasheet
32Kb / 1P
   Material Content Data Sheet
14. August 2015
More results

Similar Description - ITS42K5D-LD-F_15

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L9959 STMICROELECTRONICS-L9959 Datasheet
828Kb / 49P
   Single and dual PMOS high-side H-bridge
October 2015 Rev 2
L9959S STMICROELECTRONICS-L9959S Datasheet
1Mb / 43P
   Single and dual PMOS high-side H-bridge
September 2013 Rev 6
logo
Infineon Technologies A...
BTT6030-2EKA INFINEON-BTT6030-2EKA_15 Datasheet
2Mb / 54P
   Smart High-Side Power Switch Dual Channel
Rev. 1.1, 2015-03-04
logo
Fitipower Integrated Te...
FP6862 FITIPOWER-FP6862 Datasheet
690Kb / 11P
   Dual-Channel USB High-Side Power Switch
logo
Taiwan Semiconductor Co...
TS2025 TSC-TS2025 Datasheet
324Kb / 8P
   0.5A Dual Channel USB High-Side Power Switch
logo
Infineon Technologies A...
BTT6030-2ERB INFINEON-BTT6030-2ERB Datasheet
1Mb / 55P
   Smart High-Side Power Switch Dual Channel, 32m廓
Rev.1.00 2019-03-09
logo
Unisonic Technologies
US2076A UTC-US2076A Datasheet
265Kb / 8P
   DUAL USB HIGH-SIDE POWER SWITCH
logo
Sipex Corporation
SP2526A SIPEX-SP2526A Datasheet
91Kb / 10P
   Dual USB High-Side Power Switch
logo
Diodes Incorporated
AP1212 DIODES-AP1212 Datasheet
282Kb / 12P
   DUAL USB HIGH-SIDE POWER SWITCH
AP1212 Rev. 2
logo
Analog Intergrations Co...
AIC1526 AIC-AIC1526 Datasheet
245Kb / 8P
   Dual USB High-Side Power Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com