Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NJM3717E2 Datasheet(PDF) 10 Page - New Japan Radio

Part # NJM3717E2
Description  STEPPER MOTOR DRIVER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM3717E2 Datasheet(HTML) 10 Page - New Japan Radio

Back Button NJM3717E2 Datasheet HTML 2Page - New Japan Radio NJM3717E2 Datasheet HTML 3Page - New Japan Radio NJM3717E2 Datasheet HTML 4Page - New Japan Radio NJM3717E2 Datasheet HTML 5Page - New Japan Radio NJM3717E2 Datasheet HTML 6Page - New Japan Radio NJM3717E2 Datasheet HTML 7Page - New Japan Radio NJM3717E2 Datasheet HTML 8Page - New Japan Radio NJM3717E2 Datasheet HTML 9Page - New Japan Radio NJM3717E2 Datasheet HTML 10Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
NJM3717
Figure 14. Typical upper diode voltage
drop vs. recirculating current
Figure 13. Typical lower diode voltage
drop vs. recirculating current
Figure 11. Typical source saturation vs.
output current
Figure 12. Typical sink saturation vs.
output current
VSat (V)
1.8
1.6
1.4
1.2
1.0
.8
.6
.4
.2
0
0
.20
.40
.60
.80
1.0
I M (A)
Tj = 25 °C
j
T = 125
°C
VSat (V)
1.8
1.6
1.4
1.2
1.0
.8
.6
.4
.2
0
0
.20
.40
.60
.80
1.0
I M (A)
Tj = 25 °C
j
T = 125
°C
VF (V)
1.8
1.6
1.4
1.2
1.0
.8
.6
.4
.2
0
0
.20
.40
.60
.80
1.0
IM (A)
Tj = 125°C
j
T = 25
°C
VF (V)
1.8
1.6
1.4
1.2
1.0
.8
.6
.4
.2
0
0
.20
.40
.60
.80
1.0
IM (A)
Tj = 125°C
j
T = 25
°C
s TYPICAL CHARACTERISTICS
Figure 15. Typical power dissipation vs.
motor current
Figure 16. Allowable power dissipation
vs. ambient temperature
PD (W)
4
3
2
1
0
0
.20
.40
.60
.80
1.0
IM (A)
5
50
150
TAmb (°C)
0
2.0
4.0
3.0
1.0
PD (W)
100
With
Staver
V8
(37.5
°C/W)
PC
B heatsink
(40
°C/W)
The specifications on this databook are only
given for information , without any guarantee
as regards either mistakes or omissions.
The application circuits in this databook are
described only to show representative
usages of the product and not intended for
the guarantee or permission of any right
including the industrial rights.


Similar Part No. - NJM3717E2

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM3770A NJRC-NJM3770A Datasheet
173Kb / 10P
   STEPPER MOTOR DRIVER
NJM3770AD3 NJRC-NJM3770AD3 Datasheet
173Kb / 10P
   STEPPER MOTOR DRIVER
NJM3770AE2 NJRC-NJM3770AE2 Datasheet
173Kb / 10P
   STEPPER MOTOR DRIVER
NJM3770AFM2 NJRC-NJM3770AFM2 Datasheet
173Kb / 10P
   STEPPER MOTOR DRIVER
NJM3771 NJRC-NJM3771 Datasheet
169Kb / 9P
   DUAL STEPPER MOTOR DRIVER
More results

Similar Description - NJM3717E2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6219R STMICROELECTRONICS-L6219R_06 Datasheet
232Kb / 16P
   Stepper motor driver
TEF3718 STMICROELECTRONICS-TEF3718 Datasheet
143Kb / 8P
   STEPPER MOTOR DRIVER
L6219R STMICROELECTRONICS-L6219R Datasheet
144Kb / 11P
   STEPPER MOTOR DRIVER
logo
ON Semiconductor
CS8442 ONSEMI-CS8442 Datasheet
47Kb / 4P
   Stepper Motor Driver
December, 2001 - Rev. 2
logo
New Japan Radio
NJM37770 NJRC-NJM37770 Datasheet
152Kb / 10P
   STEPPER MOTOR DRIVER
logo
Mitsubishi Electric Sem...
M54640P MITSUBISHI-M54640P Datasheet
108Kb / 6P
   STEPPER MOTOR DRIVER
logo
ON Semiconductor
MC3479FN ONSEMI-MC3479FN Datasheet
100Kb / 10P
   Stepper Motor Driver
June, 2006 ??Rev. 7
logo
System Logic Semiconduc...
PBL3717A SLS-PBL3717A_03 Datasheet
826Kb / 11P
   STEPPER MOTOR DRIVER
logo
STMicroelectronics
TEA3717 STMICROELECTRONICS-TEA3717 Datasheet
137Kb / 8P
   STEPPER MOTOR DRIVER
April 1993
TEA3718 STMICROELECTRONICS-TEA3718 Datasheet
288Kb / 16P
   STEPPER MOTOR DRIVER
December 1991
logo
Sanken electric
SLA4708M SANKEN-SLA4708M Datasheet
25Kb / 2P
   Stepper Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com