Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTBA104 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # NTBA104
Description  Dual supply translating transceiver; auto direction sensing; 3-state
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

NTBA104 Datasheet(HTML) 2 Page - NXP Semiconductors

  NTBA104_15 Datasheet HTML 1Page - NXP Semiconductors NTBA104_15 Datasheet HTML 2Page - NXP Semiconductors NTBA104_15 Datasheet HTML 3Page - NXP Semiconductors NTBA104_15 Datasheet HTML 4Page - NXP Semiconductors NTBA104_15 Datasheet HTML 5Page - NXP Semiconductors NTBA104_15 Datasheet HTML 6Page - NXP Semiconductors NTBA104_15 Datasheet HTML 7Page - NXP Semiconductors NTBA104_15 Datasheet HTML 8Page - NXP Semiconductors NTBA104_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
NTBA104
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 2 — 22 May 2012
2 of 24
NXP Semiconductors
NTBA104
Dual supply translating transceiver; auto direction sensing; 3-state
3.
Ordering information
4.
Marking
5.
Functional diagram
Table 1.
Ordering information
Type number
Package
Temperature range
Name
Description
Version
NTBA104BQ
40 Cto+125 C
DHVQFN14 plastic dual in-line compatible thermal enhanced very
thin quad flat package; no leads; 14 terminals;
body 2.5
 3  0.85 mm
SOT762-1
NTBA104GU16
40 C to +125 C
XQFN16
plastic, extremely thin quad flat package; no leads;
16 terminals; body 1.80 x 2.60 x 0.50 mm
SOT1161-1
NTBA104GU12
40 C to +125 C
XQFN12
plastic, extremely thin quad flat package; no leads;
12 terminals; body 1.70 x 2.0 x 0.50 mm
SOT1174-1
Table 2.
Marking codes
Type number
Marking code
NTBA104BQ
BA104
NTBA104GU16
tA4
NTBA104GU12
tA
Fig 1.
Logic symbol
B1
B2
B3
B4
A1
A2
A3
A4
VCC(A)
VCC(B)
OE
aaa-001614


Similar Part No. - NTBA104_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NTBA104BQ PHILIPS-NTBA104BQ Datasheet
515Kb / 24P
   Dual supply translating transceiver; auto direction sensing; 3-state
Rev. 1-6 December 2011
NTBA104GU12 PHILIPS-NTBA104GU12 Datasheet
515Kb / 24P
   Dual supply translating transceiver; auto direction sensing; 3-state
Rev. 1-6 December 2011
NTBA104GU16 PHILIPS-NTBA104GU16 Datasheet
515Kb / 24P
   Dual supply translating transceiver; auto direction sensing; 3-state
Rev. 1-6 December 2011
More results

Similar Description - NTBA104_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NTB0101 PHILIPS-NTB0101_15 Datasheet
241Kb / 26P
   Dual supply translating transceiver; auto direction sensing; 3-state
Rev. 4-6 August 2012
NTBA104 PHILIPS-NTBA104 Datasheet
515Kb / 24P
   Dual supply translating transceiver; auto direction sensing; 3-state
Rev. 1-6 December 2011
NTB0101-Q100 NXP-NTB0101-Q100 Datasheet
152Kb / 21P
   Dual supply translating transceiver; auto direction sensing; 3-state
Rev. 1 ??3 July 2014
logo
Nexperia B.V. All right...
NXB0101-Q100 NEXPERIA-NXB0101-Q100 Datasheet
294Kb / 18P
   Dual supply translating transceiver; auto direction sensing; 3-state
Rev. 1 - 5 October 2022
NXB0102-Q100 NEXPERIA-NXB0102-Q100 Datasheet
308Kb / 21P
   Dual supply translating transceiver; auto direction sensing; 3-state
Rev. 2 - 13 November 2020
NXB0101 NEXPERIA-NXB0101 Datasheet
316Kb / 22P
   Dual supply translating transceiver; auto direction sensing; 3-state
Rev. 4 - 9 February 2022
NXB0102 NEXPERIA-NXB0102 Datasheet
338Kb / 24P
   Dual supply translating transceiver; auto direction sensing; 3-state
Rev. 5 - 6 September 2021
logo
NXP Semiconductors
NTB0101 NXP-NTB0101 Datasheet
536Kb / 27P
   Dual supply translating transceiver; auto direction sensing; 3-state
Rev. 7 ??9 April 2018
NTB0104-Q100 NXP-NTB0104-Q100 Datasheet
250Kb / 23P
   Dual supply translating transceiver; auto direction sensing; 3-state
Rev. 2 ??18 April 2013
logo
Nexperia B.V. All right...
NXB0104 NEXPERIA-NXB0104 Datasheet
350Kb / 23P
   Dual supply translating transceiver; auto direction sensing; 3-state
Rev. 3 - 13 November 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com