Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTBA104 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # NTBA104
Description  Dual supply translating transceiver; auto direction sensing; 3-state
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

NTBA104 Datasheet(HTML) 5 Page - NXP Semiconductors

  NTBA104_15 Datasheet HTML 1Page - NXP Semiconductors NTBA104_15 Datasheet HTML 2Page - NXP Semiconductors NTBA104_15 Datasheet HTML 3Page - NXP Semiconductors NTBA104_15 Datasheet HTML 4Page - NXP Semiconductors NTBA104_15 Datasheet HTML 5Page - NXP Semiconductors NTBA104_15 Datasheet HTML 6Page - NXP Semiconductors NTBA104_15 Datasheet HTML 7Page - NXP Semiconductors NTBA104_15 Datasheet HTML 8Page - NXP Semiconductors NTBA104_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
NTBA104
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 2 — 22 May 2012
5 of 24
NXP Semiconductors
NTBA104
Dual supply translating transceiver; auto direction sensing; 3-state
[1]
The minimum input and minimum output voltage ratings may be exceeded if the input and output current ratings are observed.
[2]
VCCO is the supply voltage associated with the output.
[3]
VCCO + 0.5 V should not exceed 6.5 V.
[4]
For DHVQFN14 packages: above 60
C the value of P
tot derates linearly at 4.5 mW/K.
9.
Recommended operating conditions
[1]
The A and B sides of an unused I/O pair must be held in the same state, both at VCCI or both at GND.
[2]
VCC(A) must be less than or equal to VCC(B).
10. Static characteristics
Ptot
total power dissipation
Tamb = 40 C to +125 C
[4] -250
mW
Table 5.
Limiting values …continued
In accordance with the Absolute Maximum Rating System (IEC 60134). Voltages are referenced to GND (ground = 0 V).
Symbol
Parameter
Conditions
Min
Max
Unit
Table 6.
Recommended operating conditions[1][2]
Symbol
Parameter
Conditions
Min
Max
Unit
VCC(A)
supply voltage A
1.2
3.6
V
VCC(B)
supply voltage B
1.65
5.5
V
VI
input voltage
0
5.5
V
VO
output voltage
Power-down or 3-state mode;
VCC(A) = 1.2 V to 3.6 V;
VCC(B) = 1.65 V to 5.5 V
A port
0
3.6
V
B port
0
5.5
V
Tamb
ambient temperature
40
+125
C
t/V
input transition rise and fall rate
VCC(A) = 1.2 V to 3.6 V;
VCC(B) =1.65Vto5.5V
-
40
ns/V
Table 7.
Typical static characteristics
At recommended operating conditions; voltages are referenced to GND (ground = 0 V); Tamb = 25 C.
Symbol Parameter
Conditions
Min
Typ
Max
Unit
VOH
HIGH-level
output voltage
A port; VCC(A) = 1.2 V; IO = 20 A-
1.1
-
V
VOL
LOW-level
output voltage
A port; VCC(A) = 1.2 V; IO = 20 A-
0.09
-
V
II
input leakage
current
OE input; VI = 0 V to 3.6 V; VCC(A) = 1.2 V to 3.6 V;
VCC(B) =1.65Vto5.5V
--
1
A
IOZ
OFF-state output
current
A or B port; VO =0 Vto VCCO; VCC(A) = 1.2 V to 3.6 V;
VCC(B) = 1.65 V to 5.5 V
[1] --
1
A
IOFF
power-off
leakage current
A port; VI or VO = 0 V to 3.6 V;
VCC(A) =0V; VCC(B) =0Vto5.5 V
--
1
A
B port; VI or VO = 0 V to 5.5 V;
VCC(B) =0V; VCC(A) =0Vto3.6 V
--
1
A


Similar Part No. - NTBA104_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NTBA104BQ PHILIPS-NTBA104BQ Datasheet
515Kb / 24P
   Dual supply translating transceiver; auto direction sensing; 3-state
Rev. 1-6 December 2011
NTBA104GU12 PHILIPS-NTBA104GU12 Datasheet
515Kb / 24P
   Dual supply translating transceiver; auto direction sensing; 3-state
Rev. 1-6 December 2011
NTBA104GU16 PHILIPS-NTBA104GU16 Datasheet
515Kb / 24P
   Dual supply translating transceiver; auto direction sensing; 3-state
Rev. 1-6 December 2011
More results

Similar Description - NTBA104_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NTB0101 PHILIPS-NTB0101_15 Datasheet
241Kb / 26P
   Dual supply translating transceiver; auto direction sensing; 3-state
Rev. 4-6 August 2012
NTBA104 PHILIPS-NTBA104 Datasheet
515Kb / 24P
   Dual supply translating transceiver; auto direction sensing; 3-state
Rev. 1-6 December 2011
NTB0101-Q100 NXP-NTB0101-Q100 Datasheet
152Kb / 21P
   Dual supply translating transceiver; auto direction sensing; 3-state
Rev. 1 ??3 July 2014
logo
Nexperia B.V. All right...
NXB0101-Q100 NEXPERIA-NXB0101-Q100 Datasheet
294Kb / 18P
   Dual supply translating transceiver; auto direction sensing; 3-state
Rev. 1 - 5 October 2022
NXB0102-Q100 NEXPERIA-NXB0102-Q100 Datasheet
308Kb / 21P
   Dual supply translating transceiver; auto direction sensing; 3-state
Rev. 2 - 13 November 2020
NXB0101 NEXPERIA-NXB0101 Datasheet
316Kb / 22P
   Dual supply translating transceiver; auto direction sensing; 3-state
Rev. 4 - 9 February 2022
NXB0102 NEXPERIA-NXB0102 Datasheet
338Kb / 24P
   Dual supply translating transceiver; auto direction sensing; 3-state
Rev. 5 - 6 September 2021
logo
NXP Semiconductors
NTB0101 NXP-NTB0101 Datasheet
536Kb / 27P
   Dual supply translating transceiver; auto direction sensing; 3-state
Rev. 7 ??9 April 2018
NTB0104-Q100 NXP-NTB0104-Q100 Datasheet
250Kb / 23P
   Dual supply translating transceiver; auto direction sensing; 3-state
Rev. 2 ??18 April 2013
logo
Nexperia B.V. All right...
NXB0104 NEXPERIA-NXB0104 Datasheet
350Kb / 23P
   Dual supply translating transceiver; auto direction sensing; 3-state
Rev. 3 - 13 November 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com