Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PMN40UPE Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PMN40UPE
Description  20 V, single P-channel Trench MOSFET
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PMN40UPE Datasheet(HTML) 3 Page - NXP Semiconductors

  PMN40UPE_15 Datasheet HTML 1Page - NXP Semiconductors PMN40UPE_15 Datasheet HTML 2Page - NXP Semiconductors PMN40UPE_15 Datasheet HTML 3Page - NXP Semiconductors PMN40UPE_15 Datasheet HTML 4Page - NXP Semiconductors PMN40UPE_15 Datasheet HTML 5Page - NXP Semiconductors PMN40UPE_15 Datasheet HTML 6Page - NXP Semiconductors PMN40UPE_15 Datasheet HTML 7Page - NXP Semiconductors PMN40UPE_15 Datasheet HTML 8Page - NXP Semiconductors PMN40UPE_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
NXP Semiconductors
PMN40UPE
20 V, single P-channel Trench MOSFET
PMN40UPE
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved
Product data sheet
13 August 2012
3 / 14
Symbol
Parameter
Conditions
Min
Max
Unit
Tj
junction temperature
-55
150
°C
Tamb
ambient temperature
-55
150
°C
Tstg
storage temperature
-65
150
°C
Source-drain diode
IS
source current
Tamb = 25 °C
[1]
-
-1.3
A
ESD maximum rating
VESD
electrostatic discharge voltage HBM
[3]
-
4000
V
[1] Device mounted on an FR4 Printed-Circuit Board (PCB), single-sided copper, tin-plated, mounting pad for
drain 6 cm2.
[2] Device mounted on an FR4 PCB, single-sided copper, tin-plated and standard footprint.
[3] Measured between all pins.
Tj (°C)
- 75
175
125
25
75
- 25
017aaa123
40
80
120
Pder
(%)
0
Fig. 1. Normalized total power dissipation as a
function of junction temperature
Tj (°C)
- 75
175
125
25
75
- 25
017aaa124
40
80
120
Ider
(%)
0
Fig. 2. Normalized continuous drain current as a
function of junction temperature


Similar Part No. - PMN40UPE_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMN40UPEA PHILIPS-PMN40UPEA_15 Datasheet
282Kb / 16P
   20 V, single P-channel Trench MOSFET
19 June 2014
More results

Similar Description - PMN40UPE_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PMN27XPE NEXPERIA-PMN27XPE Datasheet
323Kb / 14P
   20 V, single P-channel Trench MOSFET
PMN42XPE NEXPERIA-PMN42XPE Datasheet
710Kb / 14P
   20 V, single P-channel Trench MOSFET
PMZB350UPE NEXPERIA-PMZB350UPE Datasheet
701Kb / 14P
   20 V, single P-channel Trench MOSFET
1 August 2012
PMZB670UPE NEXPERIA-PMZB670UPE Datasheet
1Mb / 15P
   20 V, single P-channel Trench MOSFET
Rev. 3 - 23 March 2012
logo
NXP Semiconductors
PMPB33XP NXP-PMPB33XP Datasheet
251Kb / 14P
   20 V, single P-channel Trench MOSFET
5 September 2012
PMZB350UPE PHILIPS-PMZB350UPE_15 Datasheet
197Kb / 14P
   20 V, single P-channel Trench MOSFET
1 August 2012
PMN70XPEA PHILIPS-PMN70XPEA_15 Datasheet
284Kb / 16P
   20 V, single P-channel Trench MOSFET
19 June 2014
PMPB43XPE PHILIPS-PMPB43XPE_15 Datasheet
264Kb / 15P
   20 V, single P-channel Trench MOSFET
26 November 2014
PMN70XPE PHILIPS-PMN70XPE_15 Datasheet
209Kb / 14P
   20 V, single P-channel Trench MOSFET
6 July 2012
logo
Nexperia B.V. All right...
PMV50UPE NEXPERIA-PMV50UPE Datasheet
728Kb / 14P
   20 V, single P-channel Trench MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com