Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DRV8432 Datasheet(PDF) 9 Page - Texas Instruments

Part # DRV8432
Description  DRV84x2 Dual Full-Bridge PWM Motor Driver
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV8432 Datasheet(HTML) 9 Page - Texas Instruments

Back Button DRV8432_15 Datasheet HTML 5Page - Texas Instruments DRV8432_15 Datasheet HTML 6Page - Texas Instruments DRV8432_15 Datasheet HTML 7Page - Texas Instruments DRV8432_15 Datasheet HTML 8Page - Texas Instruments DRV8432_15 Datasheet HTML 9Page - Texas Instruments DRV8432_15 Datasheet HTML 10Page - Texas Instruments DRV8432_15 Datasheet HTML 11Page - Texas Instruments DRV8432_15 Datasheet HTML 12Page - Texas Instruments DRV8432_15 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 42 page
background image
0
100
10
20
30
40
50
60
70
80
90
Input Duty Cycle (%)
90
60
100
0
70
40
20
10
30
50
80
1.6
0.4
0.6
0.8
1.0
T – Junction Temperature – C
J
o
80
40
120
–40
60
20
–20
0
100
1.2
1.4
140
–1
5
0
1
2
3
Voltage (V)
1.2
0.8
0
1
0.6
0.2
0.4
4
6
0
100
40
50
60
70
80
90
Switching Frequency (kHz)
0
100 150 200 250 300 350 400 450 500
50
10
20
30
1.10
0.96
1.00
0.98
1.02
1.04
Gate Drive (V)
11.0
10.0
8.0
10.5
9.5
8.5
9.0
11.5
1.06
1.08
12
DRV8412, DRV8432
www.ti.com
SLES242G – DECEMBER 2009 – REVISED DECEMBER 2014
6.8 Typical Characteristics
Full Bridge Load = 5 A
PVDD = 50 V
Tc = 75°C
TJ = 25°C
Figure 1. Efficiency vs Switching Frequency (DRV8432)
Figure 2. Normalized RDS(On) vs Gate Drive
TJ = 25°C
GVDD = 12 V
Figure 4. Drain To Source Diode Forward On Characteristics
Figure 3. Normalized Rds(On) vs Junction Temperature
fs = 500 kHz
TC = 25°C
Figure 5. Output Duty Cycle vs Input Duty Cycle
Copyright © 2009–2014, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: DRV8412 DRV8432


Similar Part No. - DRV8432_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8432DKD TI-DRV8432DKD Datasheet
1Mb / 32P
[Old version datasheet]   Dual Full Bridge PWM Motor Driver
DRV8432DKDR TI-DRV8432DKDR Datasheet
1Mb / 32P
[Old version datasheet]   Dual Full Bridge PWM Motor Driver
More results

Similar Description - DRV8432_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8412 TI-DRV8412_15 Datasheet
1Mb / 42P
[Old version datasheet]   DRV84x2 Dual Full-Bridge PWM Motor Driver
logo
Allegro MicroSystems
3962 ALLEGRO-3962 Datasheet
86Kb / 8P
   DUAL FULL-BRIDGE PWM MOTOR DRIVER
2919 ALLEGRO-2919_06 Datasheet
285Kb / 9P
   DUAL FULL-BRIDGE PWM MOTOR DRIVER
2916 ALLEGRO-2916 Datasheet
1Mb / 8P
   DUAL FULL-BRIDGE PWM MOTOR DRIVER
L6219DS ALLEGRO-L6219DS Datasheet
182Kb / 8P
   DUAL FULL-BRIDGE PWM MOTOR DRIVER
A3966 ALLEGRO-A3966 Datasheet
299Kb / 8P
   Dual Full-Bridge PWM Motor Driver
A2919 ALLEGRO-A2919 Datasheet
336Kb / 8P
   Dual Full-Bridge PWM Motor Driver
logo
AMtek SEMICONDUCTORS CO...
AM2170 AMTEK-AM2170 Datasheet
211Kb / 10P
   Dual Full-Bridge PWM Motor Driver
OCT. 2008 V1.2
logo
Allegro MicroSystems
2918 ALLEGRO-2918 Datasheet
191Kb / 8P
   DUAL FULL-BRIDGE PWM MOTOR DRIVER
3961 ALLEGRO-3961 Datasheet
91Kb / 10P
   DUAL FULL-BRIDGE PWM MOTOR DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com