Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDW40G65C5B Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # IDW40G65C5B
Description  650V SiC Schottky Diode
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IDW40G65C5B Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button IDW40G65C5B_15 Datasheet HTML 3Page - Infineon Technologies AG IDW40G65C5B_15 Datasheet HTML 4Page - Infineon Technologies AG IDW40G65C5B_15 Datasheet HTML 5Page - Infineon Technologies AG IDW40G65C5B_15 Datasheet HTML 6Page - Infineon Technologies AG IDW40G65C5B_15 Datasheet HTML 7Page - Infineon Technologies AG IDW40G65C5B_15 Datasheet HTML 8Page - Infineon Technologies AG IDW40G65C5B_15 Datasheet HTML 9Page - Infineon Technologies AG IDW40G65C5B_15 Datasheet HTML 10Page - Infineon Technologies AG IDW40G65C5B_15 Datasheet HTML 11Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
5
th Generation thinQ!TM SiC Schottky Diode
IDW40G65C5B
Revision History
We Listen to Your Comments
Any information within this document that you feel is wrong, unclear or missing at all?
Your feedback will help us to continuously improve the quality of this document.
Please send your proposal (including a reference to this document) to: erratum@infineon.com
Edition 2015-04-13
Published by
Infineon Technologies AG
81726 Munich, Germany
© 2015 Infineon Technologies AG
All Rights Reserved.
Legal Disclaimer
The information given in this document shall in no event be regarded as a guarantee of conditions or
characteristics. With respect to any examples or hints given herein, any typical values stated herein and/or any
information regarding the application of the device, Infineon Technologies hereby disclaims any and all
warranties and liabilities of any kind, including without limitation, warranties of non-infringement of intellectual
property rights of any third party.
Information
For further information on technology, delivery terms and conditions and prices, please contact the nearest
Infineon Technologies Office (www.infineon.com).
Warnings
Due to technical requirements, components may contain dangerous substances. For information on the types in
question, please contact the nearest Infineon Technologies Office.
The Infineon Technologies component described in this Data Sheet may be used in life-support devices or
systems and/or automotive, aviation and aerospace applications or systems only with the express written
approval of Infineon Technologies, if a failure of such components can reasonably be expected to cause the
failure of that life-support, automotive, aviation and aerospace device or system or to affect the safety or
effectiveness of that device or system. Life support devices or systems are intended to be implanted in the
human body or to support and/or maintain and sustain and/or protect human life. If they fail, it is reasonable to
assume that the health of the user or other persons may be endangered.
Final Datasheet
10
Rev. 2.0, 2015-04-13
8
Revision History
5
th Generation thinQ!TM SiC Schottky Diode
Revision History: 2015-04-13, Rev. 2.0
Previous Revision:
Revision
Subjects (major changes since last version)
2.0
Release of the final datasheet.


Similar Part No. - IDW40G65C5B_15

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IDW40G65C5B ISC-IDW40G65C5B Datasheet
309Kb / 3P
   Silicon Carbide Schottky Diode
More results

Similar Description - IDW40G65C5B_15

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IDDD12G65C6 INFINEON-IDDD12G65C6 Datasheet
651Kb / 9P
   650V SiC Schottky Diode
Rev. 2.0, 2018-02-06
IDW20G65C5B INFINEON-IDW20G65C5B_15 Datasheet
742Kb / 11P
   650V SiC Schottky Diode
Rev. 2.0, 2015-04-13
IDW24G65C5B INFINEON-IDW24G65C5B_15 Datasheet
732Kb / 11P
   650V SiC Schottky Diode
Rev. 2.0, 2015-04-13
IDW32G65C5B INFINEON-IDW32G65C5B_15 Datasheet
735Kb / 11P
   650V SiC Schottky Diode
Rev. 2.0, 2015-04-13
logo
UnitedSiC.
UJ3D06516TS UNITEDSIC-UJ3D06516TS Datasheet
966Kb / 5P
   16A - 650V SiC Schottky Diode
Rev. B, January 2018
logo
Silicon Supplies
SIS650S20AS SS-SIS650S20AS Datasheet
989Kb / 3P
   650V 20A SiC Schottky Diode
Rev 1.0 30/10/23
SIS650S30AS SS-SIS650S30AS Datasheet
1Mb / 3P
   650V 30A SiC Schottky Diode
Rev 1.0 30/10/23
logo
UnitedSiC.
UJ3D06520KSD UNITEDSIC-UJ3D06520KSD Datasheet
558Kb / 5P
   20A - 650V SiC Schottky Diode
Rev. B, April 2018
UJD06506TS UNITEDSIC-UJD06506TS Datasheet
514Kb / 4P
   6A - 650V SiC Schottky Diode
Rev. B, November 2016
logo
Silicon Supplies
SIS650S10AS SS-SIS650S10AS Datasheet
1Mb / 3P
   650V 10A SiC Schottky Diode
Rev 1.0 30/10/23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com