Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDW20G65C5B Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # IDW20G65C5B
Description  650V SiC Schottky Diode
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IDW20G65C5B Datasheet(HTML) 8 Page - Infineon Technologies AG

Back Button IDW20G65C5B_15 Datasheet HTML 3Page - Infineon Technologies AG IDW20G65C5B_15 Datasheet HTML 4Page - Infineon Technologies AG IDW20G65C5B_15 Datasheet HTML 5Page - Infineon Technologies AG IDW20G65C5B_15 Datasheet HTML 6Page - Infineon Technologies AG IDW20G65C5B_15 Datasheet HTML 7Page - Infineon Technologies AG IDW20G65C5B_15 Datasheet HTML 8Page - Infineon Technologies AG IDW20G65C5B_15 Datasheet HTML 9Page - Infineon Technologies AG IDW20G65C5B_15 Datasheet HTML 10Page - Infineon Technologies AG IDW20G65C5B_15 Datasheet HTML 11Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
5
th Generation thinQ!TM SiC Schottky Diode
IDW20G65C5B
Electrical characteristics diagrams
1)
Per Leg
2)
Per Device
Final Datasheet
8
Rev. 2.0, 2015-04-13
Table 11
Typ. capacitance stored energy
1)
EC=f(VR)
6
Simplified Forward Characteristics Model
Table 12
Equivalent forward current curve
1)
Mathematical Equation
VF=f(IF)
Tj in °C; -55°C < Tj < 175°C; IF < 20 A
0
1
2
3
4
5
6
7
8
9
10
0
200
400
600
VR [V]
V
F [V]
1/R
diff
V
th
 
 
 
 
0.047
10
.29
1
10
.29
1
V
04
.
1
001
.
0
4
-
2
6
-
j
j
j
DIFF
j
j
TH
T
T
T
R
T
T
V
F
DIFF
TH
F
I
R
V
V


Similar Part No. - IDW20G65C5B_15

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IDW20G65C5 INFINEON-IDW20G65C5 Datasheet
417Kb / 2P
   650V SiC thinQ!??Generation 5 diodes
09 / 2012
IDW20G65C5 INFINEON-IDW20G65C5 Datasheet
1Mb / 11P
   SiC Silicon Carbide Diode
Rev. 2.2, 2013-01-15
IDW20G65C5 INFINEON-IDW20G65C5_12 Datasheet
1Mb / 11P
   ThinQ!??Generation 5 represents Infineon leading edge technology for the SiC Schottky Barrier diodes.
Rev. 2.2, 2013-01-15
More results

Similar Description - IDW20G65C5B_15

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IDDD12G65C6 INFINEON-IDDD12G65C6 Datasheet
651Kb / 9P
   650V SiC Schottky Diode
Rev. 2.0, 2018-02-06
IDW24G65C5B INFINEON-IDW24G65C5B_15 Datasheet
732Kb / 11P
   650V SiC Schottky Diode
Rev. 2.0, 2015-04-13
IDW32G65C5B INFINEON-IDW32G65C5B_15 Datasheet
735Kb / 11P
   650V SiC Schottky Diode
Rev. 2.0, 2015-04-13
IDW40G65C5B INFINEON-IDW40G65C5B_15 Datasheet
707Kb / 11P
   650V SiC Schottky Diode
Rev. 2.0, 2015-04-13
logo
UnitedSiC.
UJ3D06516TS UNITEDSIC-UJ3D06516TS Datasheet
966Kb / 5P
   16A - 650V SiC Schottky Diode
Rev. B, January 2018
logo
Silicon Supplies
SIS650S20AS SS-SIS650S20AS Datasheet
989Kb / 3P
   650V 20A SiC Schottky Diode
Rev 1.0 30/10/23
SIS650S30AS SS-SIS650S30AS Datasheet
1Mb / 3P
   650V 30A SiC Schottky Diode
Rev 1.0 30/10/23
logo
UnitedSiC.
UJ3D06520KSD UNITEDSIC-UJ3D06520KSD Datasheet
558Kb / 5P
   20A - 650V SiC Schottky Diode
Rev. B, April 2018
UJD06506TS UNITEDSIC-UJD06506TS Datasheet
514Kb / 4P
   6A - 650V SiC Schottky Diode
Rev. B, November 2016
logo
Silicon Supplies
SIS650S10AS SS-SIS650S10AS Datasheet
1Mb / 3P
   650V 10A SiC Schottky Diode
Rev 1.0 30/10/23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com