Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RGP20K Datasheet(PDF) 3 Page - Micro Commercial Components

Part # RGP20K
Description  2.0 Amp Glass Passivated Junction Fast Recovery Rectifiers 50 to 1000 Volts
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

RGP20K Datasheet(HTML) 3 Page - Micro Commercial Components

  RGP20K Datasheet HTML 1Page - Micro Commercial Components RGP20K Datasheet HTML 2Page - Micro Commercial Components RGP20K Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
trr
+0.5A
0
-0.25
-1.0
1cm
Set Time Base for 20/100ns/cm
25Vdc
1Ω
50Ω
10Ω
Oscilloscope
Note 1
Pulse
Generator
Note 2
Notes:
1. Rise Time = 7ns max.
Input impedance = 1 megohm, 22pF
2. Rise Time = 10ns max.
Source impedance = 50 ohms
3. Resistors are non-inductive
Figure 5
Reverse Recovery Time Characteristic And Test Circuit Diagram
RGP20A thru RGP20M
1
100
4
0
20
40
60
8
Figure 4
Peak Forward Surge Current
Peak Forward Surge Current - Amperes versus
Number Of Cycles At 60Hz - Cycles
Amps
Cycles
2
6
10 20
60 80
40
80
100
120
www.mccsemi.com
MCC


Similar Part No. - RGP20K

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
RGP20K ZOWIE-RGP20K Datasheet
60Kb / 2P
   SINTERED GLASS PASSIVATED JUNCTION FAST RECOVERY RECTIFIER
logo
Taiwan Semiconductor Co...
RGP20K TSC-RGP20K Datasheet
72Kb / 2P
   2.0 AMPS. Glass Passivated Junction Fast Recovery Rectifiers
logo
TAITRON Components Inco...
RGP20K TAITRON-RGP20K Datasheet
133Kb / 4P
   2.0A Sintered Glass Passivated Fast Recovery Rectifier
logo
Shanghai Lunsure Electr...
RGP20K CHENYI-RGP20K Datasheet
51Kb / 3P
   2.0Amp glass passivated juntion fast recovery rectifiers 50to1000 volts
logo
Jinan Jingheng (Group) ...
RGP20K JINANJINGHENG-RGP20K Datasheet
105Kb / 2P
   FAST RECOVERY RECTIFIER
More results

Similar Description - RGP20K

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
GP20A MCC-GP20A Datasheet
80Kb / 3P
   2.0 Amp Glass Passivated Junction Rectifiers 50 to 1000 Volts
RGP30A MCC-RGP30A Datasheet
82Kb / 3P
   3.0 Amp Glass Passivated Junction Fast Recovery Rectifiers 50 to 1000 Volts
RGP10A MCC-RGP10A Datasheet
85Kb / 3P
   1.0 Amp Glass Passivated Junction Fast Recovery Rectifiers 50 to 1000 Volts
RGP15A MCC-RGP15A Datasheet
83Kb / 3P
   1.5 Amp Glass Passivated Junction Fast Recovery Rectifiers 50 to 1000 Volts
logo
Shanghai Lunsure Electr...
RGP10A CHENYI-RGP10A Datasheet
56Kb / 3P
   1.0Amp glass passivated junction fast recovery rectifiers 50 to 1000 volts
logo
Micro Commercial Compon...
GP30A MCC-GP30A Datasheet
80Kb / 3P
   3.0 Amp Glass Passivated Junction Rectifiers 50 to 1000 Volts
GP10A MCC-GP10A Datasheet
84Kb / 3P
   1.0 Amp Glass Passivated Junction Rectifiers 50 to 1000 Volts
GP15A MCC-GP15A Datasheet
80Kb / 3P
   1.5 Amp Glass Passivated Junction Rectifiers 50 to 1000 Volts
HER201G MCC-HER201G Datasheet
311Kb / 2P
   Passivated High Efficient Rectifiers 50 to 1000 Volts 2.0 Amp Glass
HER208G-TP MCC-HER208G-TP Datasheet
279Kb / 3P
   2.0 Amp Glass Passivated High Efficient Rectifiers 50 to 1000 Volts
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com