Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PESD5V0V1USF Datasheet(PDF) 7 Page - NXP Semiconductors

Part # PESD5V0V1USF
Description  Very low capacitance unidirectional ESD protection diode
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PESD5V0V1USF Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button PESD5V0V1USF_15 Datasheet HTML 3Page - NXP Semiconductors PESD5V0V1USF_15 Datasheet HTML 4Page - NXP Semiconductors PESD5V0V1USF_15 Datasheet HTML 5Page - NXP Semiconductors PESD5V0V1USF_15 Datasheet HTML 6Page - NXP Semiconductors PESD5V0V1USF_15 Datasheet HTML 7Page - NXP Semiconductors PESD5V0V1USF_15 Datasheet HTML 8Page - NXP Semiconductors PESD5V0V1USF_15 Datasheet HTML 9Page - NXP Semiconductors PESD5V0V1USF_15 Datasheet HTML 10Page - NXP Semiconductors PESD5V0V1USF_15 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
PESD5V0V1USF
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 1 — 16 July 2012
7 of 12
NXP Semiconductors
PESD5V0V1USF
Very low capacitance unidirectional ESD protection diode
8.
Package outline
9.
Packing information
[1]
For further information and the availability of packing methods, see Section 13.
Fig 7.
Package outline DSN0603-2 (SOD962)

'LPHQVLRQVLQPP














Table 9.
Packing methods
The indicated -xxx are the last three digits of the 12NC ordering code.[1]
Type number
Package
Description
Packing quantity
9000
PESD5V0V1USF
DSN0603-2
(SOD962)
2 mm pitch, 8 mm tape and reel
-315


Similar Part No. - PESD5V0V1USF_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PESD5V0V1USF NEXPERIA-PESD5V0V1USF Datasheet
371Kb / 13P
   Very low capacitance unidirectional ESD protection diode
More results

Similar Description - PESD5V0V1USF_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PESD5V0V1USF NEXPERIA-PESD5V0V1USF Datasheet
371Kb / 13P
   Very low capacitance unidirectional ESD protection diode
PESD3V3V4UK NEXPERIA-PESD3V3V4UK Datasheet
629Kb / 16P
   Very low capacitance unidirectional quadruple ESD protection diode arrays
PESDXV4UK_SER NEXPERIA-PESDXV4UK_SER Datasheet
529Kb / 15P
   Very low capacitance unidirectional quadruple ESD protection diode arrays
Rev. 1 - 25 August 2010
logo
NXP Semiconductors
PESDXV4UF NXP-PESDXV4UF Datasheet
107Kb / 16P
   Very low capacitance unidirectional quadruple ESD protection diode arrays
Rev. 03-28 January 2008
logo
Nexperia B.V. All right...
PESDXV4UF NEXPERIA-PESDXV4UF Datasheet
682Kb / 16P
   Very low capacitance unidirectional quadruple ESD protection diode arrays
Rev. 03 - 28 January 2008
logo
NXP Semiconductors
PESDXV4UK PHILIPS-PESDXV4UK Datasheet
529Kb / 15P
   Very low capacitance unidirectional quadruple ESD protection diode arrays
Rev. 1-25 August 2010
PESDXV4UF PHILIPS-PESDXV4UF Datasheet
115Kb / 16P
   Very low capacitance unidirectional quadruple ESD protection diode arrays
Rev. 03-28 January 2008
PESDXL5UF PHILIPS-PESDXL5UF Datasheet
112Kb / 17P
   Low capacitance unidirectional fivefold ESD protection diode capacitance unidirectional fivefold ESD protection diode
Rev. 02-8 January 2008
PESD5V0L1USF PHILIPS-PESD5V0L1USF_15 Datasheet
256Kb / 13P
   Low capacitance unidirectional ESD protection diode
Rev. 1-12 July 2012
logo
Nexperia B.V. All right...
PESD5V0L1USF NEXPERIA-PESD5V0L1USF Datasheet
373Kb / 14P
   Low capacitance unidirectional ESD protection diode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com